Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8311 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8311
Description  50 dB GSM PA Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8311 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8311_15 Datasheet HTML 6Page - Analog Devices AD8311_15 Datasheet HTML 7Page - Analog Devices AD8311_15 Datasheet HTML 8Page - Analog Devices AD8311_15 Datasheet HTML 9Page - Analog Devices AD8311_15 Datasheet HTML 10Page - Analog Devices AD8311_15 Datasheet HTML 11Page - Analog Devices AD8311_15 Datasheet HTML 12Page - Analog Devices AD8311_15 Datasheet HTML 13Page - Analog Devices AD8311_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD8311
Rev. A | Page 10 of 24
25
21
0
2.5
FREQUENCY (GHz)
23
23
22
0.5
1.0
1.5
2.0
+25°C
–40°C
+85°C
Figure 21. Slope vs. Frequency
−40°C, +25°C, and +85°C
25
21
VPOS (V)
23
23
22
2.5
5.5
3.0
3.5
4.0
4.5
5.0
0.1GHz
0.9GHz
1.9GHz
2.5GHz
Figure 22. Slope vs. Supply Voltage
–55
–65
0
2.5
FREQUENCY (GHz)
–57
–61
–63
0.5
1.0
1.5
2.0
–59
+25°C
–40°C
+85°C
Figure 23. Intercept vs. Frequency
−40°C, +25°C, and +85°C
–58
–63
2.5
5.5
VPOS (V)
–59
–61
–62
3.0
3.5
4.0
4.5
–60
5.0
0.1GHz
0.9GHz
1.9GHz
2.5GHz
Figure 24. Intercept vs. Supply Voltage
Table 4. Typical Specifications at Selected Frequencies at 25°C (Mean and Sigma)
±1 dB Dynamic Range
Slope (mV/dB)
Intercept (dBm)
Low Point (dBm)
High Point (dBm)
Frequency (GHz)
Mean
Sigma
Mean
Sigma
Mean
Sigma
Mean
Sigma
0.1
23.8
0.1
−58.9
0.4
−44.5
0.8
+2.6
0.3
0.9
23.6
0.1
−59.7
0.4
−47.9
0.3
+2.8
0.1
1.9
22.7
0.1
−60.8
0.5
−48.0
0.6
−5.6
0.6
2.5
22.5
0.1
−60.6
0.5
−47.7
0.6
−6.2
0.5


Similar Part No. - AD8311_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8311-EVAL AD-AD8311-EVAL Datasheet
734Kb / 24P
   50 dB GSM PA Controller
REV. 0
AD8311ACBZ-P2 AD-AD8311ACBZ-P2 Datasheet
734Kb / 24P
   50 dB GSM PA Controller
REV. 0
AD8311ACBZ-P7 AD-AD8311ACBZ-P7 Datasheet
734Kb / 24P
   50 dB GSM PA Controller
REV. 0
AD8311AD8312 AD-AD8311AD8312 Datasheet
395Kb / 6P
   Tape and Reel Packaging
More results

Similar Description - AD8311_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8315 AD-AD8315 Datasheet
1Mb / 20P
   50 dB GSM PA Controller
REV. B
AD8315 AD-AD8315_16 Datasheet
447Kb / 22P
   50 dB GSM PA Controller
AD8311 AD-AD8311 Datasheet
734Kb / 24P
   50 dB GSM PA Controller
REV. 0
AD8315 AD-AD8315_06 Datasheet
552Kb / 24P
   50 dB GSM PA Controller
REV. C
AD8315 AD-AD8315_15 Datasheet
553Kb / 24P
   50 dB GSM PA Controller
REV. C
AD8316 AD-AD8316 Datasheet
497Kb / 20P
   Dual Output GSM PA Controller
REV. C
logo
Radiometrix Ltd
GTC01 RADIOMETRIX-GTC01 Datasheet
401Kb / 11P
   GSM Telemetry Controller
logo
Fairchild Semiconductor
RMPA1852 FAIRCHILD-RMPA1852 Datasheet
464Kb / 11P
   Quad-Band GSM/EDGE PA Module
logo
Skyworks Solutions Inc.
SKY77340 SKYWORKS-SKY77340 Datasheet
537Kb / 27P
   PA Module for Quad-Band GSM / EDGE
SKY77344 SKYWORKS-SKY77344 Datasheet
71Kb / 2P
   PA Module for Quad-Band GSM / EDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com