Electronic Components Datasheet Search |
|
FRS9240D Datasheet(PDF) 6 Page - Intersil Corporation |
|
FRS9240D Datasheet(HTML) 6 Page - Intersil Corporation |
6 / 6 page 4-6 All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification. Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries. For information regarding Intersil Corporation and its products, see web site http://www.intersil.com Sales Office Headquarters NORTH AMERICA Intersil Corporation P. O. Box 883, Mail Stop 53-204 Melbourne, FL 32902 TEL: (407) 724-7000 FAX: (407) 724-7240 EUROPE Intersil SA Mercure Center 100, Rue de la Fusee 1130 Brussels, Belgium TEL: (32) 2.724.2111 FAX: (32) 2.724.22.05 ASIA Intersil (Taiwan) Ltd. Taiwan Limited 7F-6, No. 101 Fu Hsing North Road Taipei, Taiwan Republic of China TEL: (886) 2 2716 9310 FAX: (886) 2 2715 3029 FRS9240D, FRS9240R, FRS9240H TO-257AA 3 LEAD JEDEC TO-257AA HERMETIC METAL PACKAGE Q D L H1 b e e1 A1 E A J1 0.065 R TYP. ØP L1 Ø b1 12 3 SYMBOL INCHES MILLIMETERS NOTES MIN MAX MIN MAX A 0.190 0.200 4.83 5.08 - A1 0.035 0.045 0.89 1.14 - Øb 0.025 0.035 0.64 0.88 2, 3 Øb1 0.060 0.090 1.53 2.28 - D 0.645 0.665 16.39 16.89 - E 0.410 0.420 10.42 10.66 - e 0.100 TYP 2.54 TYP 4 e1 0.200 BSC 5.08 BSC 4 H1 0.230 0.250 5.85 6.35 - J1 0.110 0.130 2.80 3.30 4 L 0.600 0.650 15.24 16.51 - L1 - 0.035 - 0.88 - ØP 0.140 0.150 3.56 3.81 - Q 0.113 0.133 2.88 3.37 - NOTES: 1. These dimensions are within allowable dimensions of Rev. B of JEDEC TO-257AA dated 9-88. 2. Add typically 0.002 inches (0.05mm) for solder coating. 3. Lead dimension (without solder). 4. Position of lead to be measured 0.150 inches (3.81mm) from bottom of dimension D. 5. Die to base BeO isolated, terminals to case ceramic isolated. 6. Controlling dimension: Inch. 7. Revision 1 dated 1-93. WARNING! BERYLLIA WARNING PER MIL-S-19500 Packages containing beryllium oxide (BeO) shall not be ground, machined, sandblasted, or subject to any mechanical operation which will produce dust containing any beryllium compound. Packages containing any beryllium compound shall not be subjected to any chemical process (etching, etc.) which will produce fumes containing beryllium or its’ compounds. |
Similar Part No. - FRS9240D |
|
Similar Description - FRS9240D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |