Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRS430R Datasheet(PDF) 2 Page - Intersil Corporation

Part # FRS430R
Description  3A, 500V, 2.52 Ohm, Rad Hard, N-Channel Power MOSFETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FRS430R Datasheet(HTML) 2 Page - Intersil Corporation

  FRS430R Datasheet HTML 1Page - Intersil Corporation FRS430R Datasheet HTML 2Page - Intersil Corporation FRS430R Datasheet HTML 3Page - Intersil Corporation FRS430R Datasheet HTML 4Page - Intersil Corporation FRS430R Datasheet HTML 5Page - Intersil Corporation FRS430R Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
4-2
Pre-Radiation Electrical Specifications TC = +25oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
LIMITS
UNITS
MIN
MAX
Drain-Source Breakdown Volts
BVDSS
VGS = 0, ID = 1mA
500
-
V
Gate-Threshold Volts
VGS(th)
VDS = VGS, ID = 1mA
2.0
4.0
V
Gate-Body Leakage Forward
IGSSF
VGS = +20V
-
100
nA
Gate-Body Leakage Reverse
IGSSR
VGS = -20V
-
100
nA
Zero-Gate Voltage
Drain Current
IDSS1
IDSS2
IDSS3
VDS = 500V, VGS = 0
VDS = 400V, VGS = 0
VDS = 400V, VGS = 0, TC = +125oC
-
-
-
1
0.025
0.25
mA
Rated Avalanche Current
IAR
Time = 20
µs-
9
A
Drain-Source On-State Volts
VDS(on)
VGS = 10V, ID = 3A
-
7.94
V
Drain-Source On Resistance
RDS(on)
VGS = 10V, ID = 2A
-
2.52
Turn-On Delay Time
td(on)
VDD = 250V, ID = 3A
-
34
ns
Rise Time
tr
Pulse Width = 3
µs-
60
Turn-Off Delay Time
td(off)
Period = 300
µs, Rg = 25Ω
-
224
Fall Time
tf
0
≤ VGS ≤ 10 (See Test Circuit)
-
60
Gate-Charge Threshold
QG(th)
VDD = 250V, ID = 3A
IGS1 = IGS2
0
≤ VGS ≤ 20
0.5
3
nc
Gate-Charge On State
QG(on)
17
68
Gate-Charge Total
QGM
32
128
Plateau Voltage
VGP
3
12
V
Gate-Charge Source
QGS
2
8
nc
Gate-Charge Drain
QGD
10
40
Diode Forward Voltage
VSD
ID = 3A, VGD = 0
0.6
1.8
V
Reverse Recovery Time
TT
I = 3A; di/dt = 100A/
µs
-
1600
ns
Junction-To-Case
R
θjc
-
2.5
oC/W
Junction-To-Ambient
R
θja
Free Air Operation
-
60
FIGURE 1. RESISTIVE SWITCHING TEST CIRCUIT
FIGURE 2. UNCLAMPED ENERGY TEST CIRCUIT
VDS
DUT
RGS
0V
VGS = 12V
VDD
RL
tP
VGS ≤ 20V
L
+
-
VDS
VDD
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
50
50
50V-150V
IAS
+
-
ELECTRONIC SWITCH OPENS
WHEN IAS IS REACHED
CURRENT
TRANSFORMER
FRS430D, FRS430R, FRS430H


Similar Part No. - FRS430R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FRS4.0-02LG ETC2-FRS4.0-02LG Datasheet
199Kb / 3P
   FIRM RETAINING SPACER
FRS4.0-03LG ETC2-FRS4.0-03LG Datasheet
199Kb / 3P
   FIRM RETAINING SPACER
FRS4.0-04LG ETC2-FRS4.0-04LG Datasheet
199Kb / 3P
   FIRM RETAINING SPACER
FRS4.0-05LG ETC2-FRS4.0-05LG Datasheet
199Kb / 3P
   FIRM RETAINING SPACER
FRS4.0-06LG ETC2-FRS4.0-06LG Datasheet
199Kb / 3P
   FIRM RETAINING SPACER
More results

Similar Description - FRS430R

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRM430D INTERSIL-FRM430D Datasheet
48Kb / 6P
   3A, 500V, 2.50 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FSS430D INTERSIL-FSS430D Datasheet
46Kb / 8P
   3A, 500V, 2.70 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
JANSR2N7402 INTERSIL-JANSR2N7402 Datasheet
45Kb / 8P
   3A, 500V, 2.70 Ohm, Rad Hard, N-Channel Power MOSFET
FRL430D INTERSIL-FRL430D Datasheet
47Kb / 6P
   2A, 500V, 2.50 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRF450D INTERSIL-FRF450D Datasheet
48Kb / 6P
   9A, 500V, 0.615 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRM440D INTERSIL-FRM440D Datasheet
47Kb / 6P
   6A, 500V, 1.40 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRM450D INTERSIL-FRM450D Datasheet
47Kb / 6P
   10A, 500V, 0.600 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRS440D INTERSIL-FRS440D Datasheet
48Kb / 6P
   5A, 500V, 1.420 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRE460D INTERSIL-FRE460D Datasheet
48Kb / 6P
   12A, 500V, 0.410 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRK460D INTERSIL-FRK460D Datasheet
47Kb / 6P
   17A, 500V, 0.400 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com