Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8186 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8186
Description  480 MHz Single-Supply Triple 2 1 Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8186 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8186_15 Datasheet HTML 3Page - Analog Devices AD8186_15 Datasheet HTML 4Page - Analog Devices AD8186_15 Datasheet HTML 5Page - Analog Devices AD8186_15 Datasheet HTML 6Page - Analog Devices AD8186_15 Datasheet HTML 7Page - Analog Devices AD8186_15 Datasheet HTML 8Page - Analog Devices AD8186_15 Datasheet HTML 9Page - Analog Devices AD8186_15 Datasheet HTML 10Page - Analog Devices AD8186_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REV. A
AD8186/AD8187
–7–
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1
10
100
FREQUENCY (MHz)
THIRD
SECOND
TPC 13. AD8186 Harmonic Distortion vs. Frequency
VOUT = 2 V p-p, RL = 150
FREQUENCY (MHz)
0.01
0.10
1
10
100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
–PSRR
+PSRR
TPC 14. AD8186 PSRR vs. Frequency, RL = 150
FREQUENCY (MHz)
0.01
0.10
1
10
100
20
10
8
6
4
2
0
10000
18
16
14
12
1000
TPC 15. AD8186 Input Voltage Noise vs. Frequency
FREQUENCY (MHz)
1
10
100
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
THIRD
SECOND
TPC 16. AD8187 Harmonic Distortion vs. Frequency
VOUT = 2 V p-p, RL = 150
FREQUENCY (MHz)
0.01
0.10
1
10
100
–80
–70
–60
–50
–40
–30
–20
–10
0
–PSRR
+PSRR
TPC 17. AD8187 PSRR vs. Frequency, RL = 150
FREQUENCY (MHz)
0.01
0.1
1
10
100
20
10
8
6
4
2
0
10000
18
16
14
12
1000
TPC 18. AD8187 Input Voltage Noise vs. Frequency


Similar Part No. - AD8186_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8186-EVAL AD-AD8186-EVAL Datasheet
474Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8186-EVAL AD-AD8186-EVAL Datasheet
479Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8186-EVAL AD-AD8186-EVAL Datasheet
426Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8186ARU AD-AD8186ARU Datasheet
474Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8186ARU AD-AD8186ARU Datasheet
479Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
More results

Similar Description - AD8186_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8187 AD-AD8187_15 Datasheet
479Kb / 20P
   480 MHz Single-Supply Triple 2:1 Multiplexers
REV. A
AD8187 AD-AD8187_17 Datasheet
524Kb / 20P
   480 MHz Single-Supply (5V) Triple 2:1 Multiplexers
AD8186ARUZ AD-AD8186ARUZ Datasheet
479Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8186 AD-AD8186 Datasheet
474Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8187ARUZ-REEL7 AD-AD8187ARUZ-REEL7 Datasheet
426Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8189 AD-AD8189_15 Datasheet
826Kb / 24P
   350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
AD8188 AD-AD8188_15 Datasheet
826Kb / 24P
   350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
AD8188 AD-AD8188 Datasheet
825Kb / 24P
   350 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. 0
AD8183 AD-AD8183_15 Datasheet
732Kb / 16P
   Triple 2 1 Multiplexers
REV. 0
AD8183 AD-AD8183_16 Datasheet
282Kb / 12P
   Triple 2:1 Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com