Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8186 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8186
Description  480 MHz Single-Supply Triple 2 1 Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8186 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8186_15 Datasheet HTML 2Page - Analog Devices AD8186_15 Datasheet HTML 3Page - Analog Devices AD8186_15 Datasheet HTML 4Page - Analog Devices AD8186_15 Datasheet HTML 5Page - Analog Devices AD8186_15 Datasheet HTML 6Page - Analog Devices AD8186_15 Datasheet HTML 7Page - Analog Devices AD8186_15 Datasheet HTML 8Page - Analog Devices AD8186_15 Datasheet HTML 9Page - Analog Devices AD8186_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
REV. A
–6–
AD8186/AD8187
FREQUENCY (MHz)
0.1
110
100
1000
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
TPC 7. AD8186 All Hostile Crosstalk* vs. Frequency
FREQUENCY (MHz)
0.1
1.0
10.0
100.0
1000.0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
TPC 8. AD8186 Adjacent Channel Crosstalk* vs. Frequency
FREQUENCY (MHz)
0
10
100
1000
–30
–40
–50
–60
–70
–80
–90
–100
–10
–20
0
TPC 9. AD8186 OFF Isolation* vs. Frequency
* All hostile crosstalk—Drive all INA, listen to output with INB selected.
Adjacent channel crosstalk—Drive one INA, listen to an adjacent output with INB selected.
Off isolation—Drive inputs with OE tied low.
FREQUENCY (MHz)
0.1
1.0
10.0
100.0
1000.0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
TPC 10. AD8187 All Hostile Crosstalk* vs. Frequency
FREQUENCY (MHz)
0.1
1.0
10.0
100.0
1000.0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
TPC 11. AD8187 Adjacent Channel Crosstalk* vs. Frequency
FREQUENCY (MHz)
110
100
1000
–40
–120
–20
0
–100
–60
–80
–10
–30
–50
–70
–90
–110
TPC 12. AD8187 OFF Isolation* vs. Frequency


Similar Part No. - AD8186_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8186-EVAL AD-AD8186-EVAL Datasheet
474Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8186-EVAL AD-AD8186-EVAL Datasheet
479Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8186-EVAL AD-AD8186-EVAL Datasheet
426Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8186ARU AD-AD8186ARU Datasheet
474Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8186ARU AD-AD8186ARU Datasheet
479Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
More results

Similar Description - AD8186_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8187 AD-AD8187_15 Datasheet
479Kb / 20P
   480 MHz Single-Supply Triple 2:1 Multiplexers
REV. A
AD8187 AD-AD8187_17 Datasheet
524Kb / 20P
   480 MHz Single-Supply (5V) Triple 2:1 Multiplexers
AD8186ARUZ AD-AD8186ARUZ Datasheet
479Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8186 AD-AD8186 Datasheet
474Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8187ARUZ-REEL7 AD-AD8187ARUZ-REEL7 Datasheet
426Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8189 AD-AD8189_15 Datasheet
826Kb / 24P
   350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
AD8188 AD-AD8188_15 Datasheet
826Kb / 24P
   350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
AD8188 AD-AD8188 Datasheet
825Kb / 24P
   350 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. 0
AD8183 AD-AD8183_15 Datasheet
732Kb / 16P
   Triple 2 1 Multiplexers
REV. 0
AD8183 AD-AD8183_16 Datasheet
282Kb / 12P
   Triple 2:1 Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com