Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS5240V Datasheet(PDF) 5 Page - Guangdong Kexin Industrial Co.,Ltd

Part # PBSS5240V
Description  PNP Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

PBSS5240V Datasheet(HTML) 5 Page - Guangdong Kexin Industrial Co.,Ltd

  PBSS5240V_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd PBSS5240V_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd PBSS5240V_15 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd PBSS5240V_15 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd PBSS5240V_15 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SMD Type
www.kexin.com.cn
5
Transistors
PNP Transistors
PBSS5240V (KBSS5240V)
Typical Applicationr
PACKAGE OUTLINE
UNIT
bp
c
D
E
e1
HE
Lp
w
mm
0.27
0.17
0.18
0.08
1.7
1.5
1.3
1.1
0.5
e
1.0
1.7
1.5
0.1
y
0.1
DIMENSIONS (mm are the original dimensions)
0.3
0.1
bp
pin 1 index
D
e1
e
A
Lp
detail X
HE
E
A
S
0
1
2 mm
scale
A
0.6
0.5
c
X
1
2
3
4
5
6
s
d
a
e
l
6
;
e
g
a
k
c
a
p
d
e
t
n
u
o
m
e
c
a
f
r
u
s
c
it
s
a
l
P
Y S
w M A
SOT523-6 (SOT666)


Similar Part No. - PBSS5240V_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5240V PHILIPS-PBSS5240V_15 Datasheet
368Kb / 9P
   40 V low VCEsat PNP transistor
2003 Jan 30
More results

Similar Description - PBSS5240V_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com