Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRS130R Datasheet(PDF) 6 Page - Intersil Corporation

Part # FRS130R
Description  12A, 100V, 0.195 Ohm, Rad Hard, N-Channel Power MOSFETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FRS130R Datasheet(HTML) 6 Page - Intersil Corporation

  FRS130R Datasheet HTML 1Page - Intersil Corporation FRS130R Datasheet HTML 2Page - Intersil Corporation FRS130R Datasheet HTML 3Page - Intersil Corporation FRS130R Datasheet HTML 4Page - Intersil Corporation FRS130R Datasheet HTML 5Page - Intersil Corporation FRS130R Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
4-6
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
P. O. Box 883, Mail Stop 53-204
Melbourne, FL 32902
TEL: (407) 724-7000
FAX: (407) 724-7240
EUROPE
Intersil SA
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Intersil (Taiwan) Ltd.
Taiwan Limited
7F-6, No. 101 Fu Hsing North Road
Taipei, Taiwan
Republic of China
TEL: (886) 2 2716 9310
FAX: (886) 2 2715 3029
TO-257AA
3 LEAD JEDEC TO-257AA HERMETIC METAL PACKAGE
Q
D
L
H1
b
e
e1
A1
E
A
J1
0.065 R TYP.
ØP
L1
Ø
b1
12
3
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.190
0.200
4.83
5.08
-
A1
0.035
0.045
0.89
1.14
-
Øb
0.025
0.035
0.64
0.88
2, 3
Øb1
0.060
0.090
1.53
2.28
-
D
0.645
0.665
16.39
16.89
-
E
0.410
0.420
10.42
10.66
-
e
0.100 TYP
2.54 TYP
4
e1
0.200 BSC
5.08 BSC
4
H1
0.230
0.250
5.85
6.35
-
J1
0.110
0.130
2.80
3.30
4
L
0.600
0.650
15.24
16.51
-
L1
-
0.035
-
0.88
-
ØP
0.140
0.150
3.56
3.81
-
Q
0.113
0.133
2.88
3.37
-
NOTES:
1. These dimensions are within allowable dimensions of Rev. B of
JEDEC TO-257AA dated 9-88.
2. Add typically 0.002 inches (0.05mm) for solder coating.
3. Lead dimension (without solder).
4. Position of lead to be measured 0.150 inches (3.81mm) from bottom
of dimension D.
5. Die to base BeO isolated, terminals to case ceramic isolated.
6. Controlling dimension: Inch.
7. Revision 1 dated 1-93.
WARNING!
BERYLLIA WARNING PER MIL-S-19500
Packages containing beryllium oxide (BeO) shall not be ground, machined, sandblasted, or subject to any mechanical
operation which will produce dust containing any beryllium compound. Packages containing any beryllium compound
shall not be subjected to any chemical process (etching, etc.) which will produce fumes containing beryllium or its’
compounds.
FRS130D, FRS130R, FRS130H


Similar Part No. - FRS130R

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FRS13 FCI-FRS13 Datasheet
125Kb / 2P
   1.0 Amp FAST RECOVERY RECTIFIERS Mechanical Dimensions
More results

Similar Description - FRS130R

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRS240D INTERSIL-FRS240D Datasheet
48Kb / 6P
   12A, 200V, 0.255 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRE460D INTERSIL-FRE460D Datasheet
48Kb / 6P
   12A, 500V, 0.410 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRM244D INTERSIL-FRM244D Datasheet
47Kb / 6P
   12A, 250V, 0.400 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRF150D INTERSIL-FRF150D Datasheet
49Kb / 6P
   25A, 100V, 0.07 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRK150D INTERSIL-FRK150D Datasheet
48Kb / 6P
   40A, 100V, 0.055 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRE160D INTERSIL-FRE160D Datasheet
49Kb / 6P
   41A, 100V, 0.050 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRK160D INTERSIL-FRK160D Datasheet
48Kb / 6P
   50A, 100V, 0.040 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRM140D INTERSIL-FRM140D Datasheet
47Kb / 6P
   23A, 100V, 0.130 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRS140D INTERSIL-FRS140D Datasheet
54Kb / 6P
   17A, 100V, 0.145 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRL130D INTERSIL-FRL130D Datasheet
47Kb / 6P
   8A, 100V, 0.180 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com