![]() |
Electronic Components Datasheet Search |
|
AD8153 Datasheet(PDF) 20 Page - Analog Devices |
|
AD8153 Datasheet(HTML) 20 Page - Analog Devices |
20 / 24 page ![]() AD8153 Rev. 0 | Page 20 of 24 INTERFACING TO THE AD8153 TERMINATION STRUCTURES To determine the best strategy for connecting to the high speed pins of the AD8153, the user must first be familiar with the on- chip termination structures. The AD8153 contains two types of these structures: one type for input ports and one type for output ports (see Figure 37 and Figure 38). VCC VTTI IPX INX VEE 55Ω 55Ω 1173Ω Figure 37. Receiver Simplified Diagram VCC VTTO OPX ONX VEE 50Ω 50Ω VIP VIN IT Figure 38. Transmitter Simplified Diagram For input ports, the termination structure consists of two 55 Ω resistors connected to a termination supply and an 1173 Ω resistor connected across the differential inputs, the latter being a result of the finite differential input impedance of the equalizer. For output ports, there are two 50 Ω resistors connected to the termination supply. Note that the differential input resistance for both structures is the same, 100 Ω. INPUT COMPLIANCE The range of allowable input voltages is determined by the fundamental limitations of the active input circuitry. This range of signals is normally a function of the common-mode level of the input signal, the signal swing, and the supply voltage. For a given input signal swing, there is a range of common-mode voltages that keeps the high and low voltage excursions within acceptable limits. Similarly, for a given common-mode input voltage, there is a maximum acceptable input signal swing. There is also a minimum signal swing that the active input circuitry can resolve reliably. The specifications are found in Table 1. AC Coupling One way to simplify the input circuit and make it compatible with a wide variety of driving devices is to use ac coupling. This has the effect of isolating the dc common-mode levels of the driver and the AD8153 input circuitry. AC coupling requires a capacitor in series with each single-ended input signal, as shown in Figure 39. This should be done in a manner that does not interfere with the high speed signal integrity of the PCB. 50Ω 50Ω VCC VCC 55Ω VTTI DRIVER AD8153 55Ω VEE 1173Ω CP CN IP IN Figure 39. AC-Coupling Input Signal of AD8153 When ac coupling is used, the common-mode level at the input of the device is equal to VTTI. The single-ended input signal swings above and below VTTI equally. The user can then use the specifications in Table 1 to determine the input signal swing levels that satisfy the input range of the AD8153. If dc coupling is required, determining the input common- mode level is less straightforward because the configuration of the driver must also be considered. In most cases, the user would set VTTI on the AD8153 to the same level as the driver output termination voltage. This prevents a continuous dc current from flowing between the two supply nets. As a practical matter, both devices can be terminated to the same physical supply net. Consider the following example: a driver is dc-coupled to the input of the AD8153. The AD8153 input termination voltage (VTTI) and the driver output termination voltage (VTTOD) are both set to the same level; that is, VTTI = VTTOD = 3.3 V. If an 800 mV differential p-p swing is desired, the total output current of the driver is 16 mA. At balance, the output current is divided evenly between the two sides of the differential signal path, 8 mA to each side. This 8 mA of current flows through the parallel combina- tion of the 55 Ω input termination resistor on the AD8153 and the 50 Ω output termination resistor on the driver, resulting in a common-mode level of VTTI − 8 mA × (50 Ω || 55 Ω) = VTTI − 209 mV The user can then determine the allowable range of values for VTTI that meets the input compliance range based on an 800 mV p-p differential swing. |
Similar Part No. - AD8153_15 |
|
Similar Description - AD8153_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |