![]() |
Electronic Components Datasheet Search |
|
AD8153 Datasheet(PDF) 15 Page - Analog Devices |
|
AD8153 Datasheet(HTML) 15 Page - Analog Devices |
15 / 24 page ![]() AD8153 Rev. 0 | Page 15 of 24 I2C SERIAL CONTROL INTERFACE REGISTER SET The AD8153 can be controlled in one of three modes: pin mode, serial mode, and mixed mode. In pin mode, the AD8153 control is derived from the package pins, whereas in serial mode a set of internal registers controls the AD8153. There is also a mixed mode where switching is controlled via external pins, and equalization and pre-emphasis are controlled via the internal registers. The methods for writing data to and reading data from the AD8153 are described in the I2C Data Write section and the I2C Data Read section. The mode is controlled via the MODE pin. To set the part in pin mode, MODE should be driven low to VEE. When MODE is driven high to VCC, the part is set to serial or mixed mode. In pin mode, all controls are derived from the external pins. In serial mode, each channel’s equalization and pre-emphasis are controlled only through the registers, as described in Table 8. Additionally, further functionality is available in serial mode as each channel’s output can be enabled/disabled with the Output Enable control bits, which is not possible in pin mode. To change the switching in the AD8153 to serial mode, the mask bits (Register 0x00) must be set to 1 by writing the value 0x1F to this register, as explained in the following sections. Once all the mask bits are set to 1, switching is controlled via the LB_A, LB_B, LB_C, SEL, and BICAST bits in the register set. In mixed mode, each channel’s equalization and pre-emphasis are controlled through the registers as described above. The switching, however, can be controlled using either the external pins or the internal register set. The source of the control is selected using the mask bits (Register 0x00). If a mask bit is set to 0, the external pin acts as the source for that specific control. If a mask bit is set to 1, the associated internal register acts as the source for that specific control. As an example, if Register 0x00 were set to the value 0x0C, the SEL and LB_C controls would come from the internal register set (Bit 0 of Register 0x04 and Bit 3 of Register 0x03, respectively), and the BICAST, LB_A, and LB_B controls would come from the external pins. GENERAL FUNCTIONALITY The AD8153 register set is controlled through a 2-wire I2C interface. The AD8153 acts only as an I2C slave device. Therefore, the I2C bus in the system needs to include an I2C master to configure the AD8153 and other I2C devices that may be on the bus. When the MODE pin is set to a Logic 1, data transfers are controlled through the use of the two I2C wires: the input clock pin, SCL, and the bidirectional data pin, SDA. The AD8153 I2C interface can be run in the standard (100 kHz) and fast (400 kHz) modes. The SDA line only changes value when the SCL pin is low with two exceptions. To indicate the beginning or continuation of a transfer, the SDA pin is driven low while the SCL pin is high, and to indicate the end of a transfer, the SDA line is driven high while the SCL line is high. Therefore, it is important to control the SCL clock to only toggle when the SDA line is stable unless indicating a start, repeated start, or stop condition. Table 8. Register Map Address Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Default 00000000 (0x00) BICAST MASK SEL MASK LB_C MASK LB_B MASK LB_A MASK 00000000 (0x00) 00000001 (0x01) OUTPUT DISABLE A LB_A EQ_A PE_A [1] PE_A [0] 00000000 (0x00) 00000010 (0x02) OUTPUT DISABLE B LB_B EQ_B PE_B [1] PE_B [0] 00000000 (0x00) 00000011 (0x03) OUTPUT DISABLE C LB_C EQ_C PE_C [1] PE_C [0] 00000000 (0x00) 0000100 (0x04) BICAST SEL 00000000 (0x00) |
Similar Part No. - AD8153_15 |
|
Similar Description - AD8153_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |