Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD8153 Datasheet(PDF) 14 Page - Analog Devices

Part No. AD8153
Description  Single Buffered Mux/Demux Switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8153 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8153_15 Datasheet HTML 10Page - Analog Devices AD8153_15 Datasheet HTML 11Page - Analog Devices AD8153_15 Datasheet HTML 12Page - Analog Devices AD8153_15 Datasheet HTML 13Page - Analog Devices AD8153_15 Datasheet HTML 14Page - Analog Devices AD8153_15 Datasheet HTML 15Page - Analog Devices AD8153_15 Datasheet HTML 16Page - Analog Devices AD8153_15 Datasheet HTML 17Page - Analog Devices AD8153_15 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD8153
Rev. 0 | Page 14 of 24
LB_A
LB_B
LB_C
SEL
BICAST
Output A
Output B
Output C
1
0
1
X
1
Input A
Input C
Input C
1
0
1
1
X
Input A
Input C
Input C
1
1
0
0
X
Input A
Input B
Input A
1
1
0
1
X
Input A
Input B
Input B
1
1
1
X
X
Input A
Input B
Input C
RECEIVE EQUALIZATION
In backplane applications, the AD8153 needs to compensate for
signal degradation caused by long traces. The device supports
two levels of input equalization, configured on a per-port basis.
Table 6 summarizes the high-frequency asymptotic gain boost
for each setting.
Table 6. Receive Equalization Settings
EQ_A/B/C
EQ Boost
0
6 dB
1
12 dB
TRANSMIT PRE-EMPHASIS
Transmitter pre-emphasis levels can be set by pin control or
through the control registers when using the I2C interface. Pin
control allows two settings of PE. The control registers provide
two additional settings.
Table 7. Pre-Emphasis Settings
Serial Mode
Pin Mode
PE_A/B/C Setting
PE_A/B/C
PE Boost (%)
PE Boost (dB)
0
0
0
0
1
N/A
25
1.9
2
1
50
3.5
3
N/A
75
4.9


Similar Part No. - AD8153_15

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD8153-EVALZ AD-AD8153-EVALZ Datasheet
708Kb / 24P
   3.2 Gbps Single Buffered Mux/Demux Switch
REV. 0
AD8153ACPZ AD-AD8153ACPZ Datasheet
708Kb / 24P
   3.2 Gbps Single Buffered Mux/Demux Switch
REV. 0
AD8153ACPZ-RL7 AD-AD8153ACPZ-RL7 Datasheet
708Kb / 24P
   3.2 Gbps Single Buffered Mux/Demux Switch
REV. 0
AD8153 AD-AD8153_07 Datasheet
708Kb / 24P
   3.2 Gbps Single Buffered Mux/Demux Switch
REV. 0
More results

Similar Description - AD8153_15

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD8153 AD-AD8153_07 Datasheet
708Kb / 24P
   3.2 Gbps Single Buffered Mux/Demux Switch
REV. 0
ON Semiconductor
ON Semiconductor
NL7SB3257 ONSEMI-NL7SB3257 Datasheet
62Kb / 5P
   Mux / Demux Bus Switch
July, 2014 ??Rev. P0
7SB3257 ONSEMI-7SB3257 Datasheet
112Kb / 12P
   Mux / Demux Bus Switch
September, 2014 ??Rev. 4
NLAS3257 ONSEMI-NLAS3257 Datasheet
73Kb / 7P
   Mux / Demux Analog Switch
December, 2015 ??Rev. 1
Pericom Semiconductor Corporation
Pericom Semiconductor C...
PI5C3309 PERICOM-PI5C3309_12 Datasheet
564Kb / 4P
   3:1 Mux/DeMux Bus Switch
PI5C3309 PERICOM-PI5C3309 Datasheet
52Kb / 3P
   3:1 Mux/Demux Bus Switch
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
   2:1 Mux/Demux Bus Switch
PI3B16224 PERICOM-PI3B16224 Datasheet
100Kb / 3P
   DeMux/Mux NanoSwitch
Integrated Device Technology
Integrated Device Techn...
IDT74FST163214 IDT-IDT74FST163214 Datasheet
80Kb / 6P
   12-BIT 3:1 MUX/DEMUX SWITCH
Unisonic Technologies
Unisonic Technologies
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz