Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD8153 Datasheet(PDF) 12 Page - Analog Devices

Part No. AD8153
Description  Single Buffered Mux/Demux Switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8153 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8153_15 Datasheet HTML 8Page - Analog Devices AD8153_15 Datasheet HTML 9Page - Analog Devices AD8153_15 Datasheet HTML 10Page - Analog Devices AD8153_15 Datasheet HTML 11Page - Analog Devices AD8153_15 Datasheet HTML 12Page - Analog Devices AD8153_15 Datasheet HTML 13Page - Analog Devices AD8153_15 Datasheet HTML 14Page - Analog Devices AD8153_15 Datasheet HTML 15Page - Analog Devices AD8153_15 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD8153
Rev. 0 | Page 12 of 24
3.0
3.1
3.2
3.3
3.4
3.5
3.6
VCC (V)
1000
900
800
700
600
500
400
300
200
100
0
Figure 29. Eye Height vs. Core Supply Voltage
1000
900
800
700
600
500
400
300
200
100
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
DATA RATE (Gbps)
Figure 30. Eye Height vs. Data Rate


Similar Part No. - AD8153_15

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD8153-EVALZ AD-AD8153-EVALZ Datasheet
708Kb / 24P
   3.2 Gbps Single Buffered Mux/Demux Switch
REV. 0
AD8153ACPZ AD-AD8153ACPZ Datasheet
708Kb / 24P
   3.2 Gbps Single Buffered Mux/Demux Switch
REV. 0
AD8153ACPZ-RL7 AD-AD8153ACPZ-RL7 Datasheet
708Kb / 24P
   3.2 Gbps Single Buffered Mux/Demux Switch
REV. 0
AD8153 AD-AD8153_07 Datasheet
708Kb / 24P
   3.2 Gbps Single Buffered Mux/Demux Switch
REV. 0
More results

Similar Description - AD8153_15

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD8153 AD-AD8153_07 Datasheet
708Kb / 24P
   3.2 Gbps Single Buffered Mux/Demux Switch
REV. 0
ON Semiconductor
ON Semiconductor
NL7SB3257 ONSEMI-NL7SB3257 Datasheet
62Kb / 5P
   Mux / Demux Bus Switch
July, 2014 ??Rev. P0
7SB3257 ONSEMI-7SB3257 Datasheet
112Kb / 12P
   Mux / Demux Bus Switch
September, 2014 ??Rev. 4
NLAS3257 ONSEMI-NLAS3257 Datasheet
73Kb / 7P
   Mux / Demux Analog Switch
December, 2015 ??Rev. 1
Pericom Semiconductor Corporation
Pericom Semiconductor C...
PI5C3309 PERICOM-PI5C3309_12 Datasheet
564Kb / 4P
   3:1 Mux/DeMux Bus Switch
PI5C3309 PERICOM-PI5C3309 Datasheet
52Kb / 3P
   3:1 Mux/Demux Bus Switch
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
   2:1 Mux/Demux Bus Switch
PI3B16224 PERICOM-PI3B16224 Datasheet
100Kb / 3P
   DeMux/Mux NanoSwitch
Integrated Device Technology
Integrated Device Techn...
IDT74FST163214 IDT-IDT74FST163214 Datasheet
80Kb / 6P
   12-BIT 3:1 MUX/DEMUX SWITCH
Unisonic Technologies
Unisonic Technologies
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz