Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD8153 Datasheet(PDF) 1 Page - Analog Devices

Part No. AD8153
Description  Single Buffered Mux/Demux Switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8153 Datasheet(HTML) 1 Page - Analog Devices

  AD8153_15 Datasheet HTML 1Page - Analog Devices AD8153_15 Datasheet HTML 2Page - Analog Devices AD8153_15 Datasheet HTML 3Page - Analog Devices AD8153_15 Datasheet HTML 4Page - Analog Devices AD8153_15 Datasheet HTML 5Page - Analog Devices AD8153_15 Datasheet HTML 6Page - Analog Devices AD8153_15 Datasheet HTML 7Page - Analog Devices AD8153_15 Datasheet HTML 8Page - Analog Devices AD8153_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
3.2 Gbps
Single Buffered Mux/Demux Switch
AD8153
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Single lane 2:1 mux/1:2 demux
3.2 Gbps to dc data rates
Compensates over 40 inches of FR4 at 3.2 Gbps through
Two levels of input equalization, or
Four levels of output pre-emphasis
Operates with ac- or dc-coupled differential I/O
Low deterministic jitter, typically 16 ps p-p
Low random jitter, typically 500 fs rms
On-chip terminations
Unicast or bicast on 1:2 demux function
Loopback capability on all ports
3.3 V core supply
Flexible I/O supply
Low power, typically 200 mW in basic configuration1
32-lead LFCSP package
−40°C to +85°C operating temperature range
APPLICATIONS
Low cost redundancy switch
SONET OC48/SDH16 and lower data rates
Gigabit Ethernet over backplane
Fibre Channel 1.06 Gbps and 2.12 Gbps over backplane
Serial RapidIO
PCI Express Gen 1
Infiniband over backplane
FUNCTIONAL BLOCK DIAGRAM
RECEIVE
EQUALIZATION
TRANSMIT
PRE-EMPHASIS
2:1 MULTIPLEXER/
1:2 DEMULTIPLEXER
TRANSMIT
PRE-EMPHASIS
RECEIVE
EQUALIZATION
CONTROL
LOGIC
SEL
BICAST
LB_A
LB_B
LB_C
MODE
RESETB
EQ_A/(SCL)
EQ_B/(SDA)
EQ_C
PE_A/(I2C_A[0])
PE_B/(I2C_A[1])
PE_C/(I2C_A[2])
INPUT A
INPUT B
OUTPUT A
OUTPUT B
OUTPUT C
INPUT C
AD8153
EQ
EQ
EQ
Figure 1.
GENERAL DESCRIPTION
The AD8153 is an asynchronous, protocol agnostic, single-lane
2:1 switch with three differential CML inputs and three differential
CML outputs. The AD8159, another member of the Xstream
line of products, is suitable for similar applications that require
more than one lane.
The AD8153 is optimized for NRZ signaling with data rates of
up to 3.2 Gbps per port. Each port offers two levels of input
equalization and four levels of output pre-emphasis.
The device consists of a 2:1 multiplexer and a 1:2 demultiplexer.
There are three operating modes: pin mode, serial mode, and
mixed mode. In pin mode, lane switching, equalization, and
pre-emphasis are controlled exclusively using external pins. In
serial mode, an I2C interface is used to control the device and to
provide access to advanced features, such as additional pre-
emphasis settings and output disable. In mixed mode, the user
accesses the advanced features using I2C, but controls lane
switching using the external pins.
The main application of the AD8153 is to support redundancy
on both the backplane side and the line interface side of a serial
link. The device has unicast and bicast capability, so it is capable
of supporting either 1 + 1 or 1:1 redundancy.
Using a mixture of bicast and loopback modes, the AD8153 can
also be used to test high speed serial links by duplicating the
incoming data and transmitting it to the destination port and
test equipment simultaneously.
1 Two ports active with no pre-emphasis.


Similar Part No. - AD8153_15

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD8153-EVALZ AD-AD8153-EVALZ Datasheet
708Kb / 24P
   3.2 Gbps Single Buffered Mux/Demux Switch
REV. 0
AD8153ACPZ AD-AD8153ACPZ Datasheet
708Kb / 24P
   3.2 Gbps Single Buffered Mux/Demux Switch
REV. 0
AD8153ACPZ-RL7 AD-AD8153ACPZ-RL7 Datasheet
708Kb / 24P
   3.2 Gbps Single Buffered Mux/Demux Switch
REV. 0
AD8153 AD-AD8153_07 Datasheet
708Kb / 24P
   3.2 Gbps Single Buffered Mux/Demux Switch
REV. 0
More results

Similar Description - AD8153_15

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD8153 AD-AD8153_07 Datasheet
708Kb / 24P
   3.2 Gbps Single Buffered Mux/Demux Switch
REV. 0
ON Semiconductor
ON Semiconductor
NL7SB3257 ONSEMI-NL7SB3257 Datasheet
62Kb / 5P
   Mux / Demux Bus Switch
July, 2014 ??Rev. P0
7SB3257 ONSEMI-7SB3257 Datasheet
112Kb / 12P
   Mux / Demux Bus Switch
September, 2014 ??Rev. 4
NLAS3257 ONSEMI-NLAS3257 Datasheet
73Kb / 7P
   Mux / Demux Analog Switch
December, 2015 ??Rev. 1
Pericom Semiconductor Corporation
Pericom Semiconductor C...
PI5C3309 PERICOM-PI5C3309_12 Datasheet
564Kb / 4P
   3:1 Mux/DeMux Bus Switch
PI5C3309 PERICOM-PI5C3309 Datasheet
52Kb / 3P
   3:1 Mux/Demux Bus Switch
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
   2:1 Mux/Demux Bus Switch
PI3B16224 PERICOM-PI3B16224 Datasheet
100Kb / 3P
   DeMux/Mux NanoSwitch
Integrated Device Technology
Integrated Device Techn...
IDT74FST163214 IDT-IDT74FST163214 Datasheet
80Kb / 6P
   12-BIT 3:1 MUX/DEMUX SWITCH
Unisonic Technologies
Unisonic Technologies
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz