![]() |
Electronic Components Datasheet Search |
|
AD8153 Datasheet(PDF) 6 Page - Analog Devices |
|
AD8153 Datasheet(HTML) 6 Page - Analog Devices |
6 / 24 page ![]() AD8153 Rev. 0 | Page 6 of 24 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS PIN 1 INDICATOR 1 VCC 2 VTTO 3 ONA 4 OPA 5 VTTI 6 INA 7 IPA 8 VEE 24 MODE 23 RESETB 22 SEL 21 BICAST 20 LB_A 19 LB_B 18 LB_C 17 EQ_A/(SCL) AD8153 TOP VIEW NOTE EPAD NEEDS TO BE ELECTRICALLY CONNECTED TO VEE. Figure 3. Pin Configuration Table 4. Pin Function Descriptions Pin No. Mnemonic Type Description 1, 9, 12 VCC Power Positive Supply. 2 VTTO Power Output Termination Supply. 3 ONA I/O High Speed Output Complement. 4 OPA I/O High Speed Output. 5 VTTI Power Input Termination Supply. 6 INA I/O High Speed Input Complement. 7 IPA I/O High Speed Input. 8, 32, EPAD VEE Power Negative Supply. 10 ONB I/O High Speed Output Complement. 11 OPB I/O High Speed Output. 13 INB I/O High Speed Input Complement. 14 IPB I/O High Speed Input. 15 EQ_C Control Port C Input Equalization Control. 16 EQ_B/(SDA) Control Port B Input Equalization Control/(I2C Data when MODE = 1). 17 EQ_A/(SCL) Control Port A Input Equalization Control/(I2C Clock when MODE = 1). 18 LB_C Control Port C Loopback Enable. 19 LB_B Control Port B Loopback Enable. 20 LB_A Control Port A Loopback Enable. 21 BICAST Control Bicast Enable. 22 SEL Control A/B Select. 23 RESETB Control Configuration Registers Reset. 24 MODE Control Configuration Mode. 1 for Serial/Mixed Mode, 0 for Pin Mode. 25 PE_C/(I2C_A[2]) Control Port C Pre-Emphasis Control/(I2C Slave Address Bit 2 when MODE = 1). 26 PE_B/(I2C_A[1]) Control Port B Pre-Emphasis Control/(I2C Slave Address Bit 1 when MODE = 1). 27 ONC I/O High Speed Output Complement. 28 OPC I/O High Speed Output. 29 PE_A/(I2C_A[0]) Control Port A Pre-Emphasis Control/(I2C Slave Address Bit 0 when MODE = 1). 30 INC I/O High Speed Input Complement. 31 IPC I/O High Speed Output. |
|