Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8150 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8150
Description  Crosspoint Switch
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8150 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8150_15 Datasheet HTML 13Page - Analog Devices AD8150_15 Datasheet HTML 14Page - Analog Devices AD8150_15 Datasheet HTML 15Page - Analog Devices AD8150_15 Datasheet HTML 16Page - Analog Devices AD8150_15 Datasheet HTML 17Page - Analog Devices AD8150_15 Datasheet HTML 18Page - Analog Devices AD8150_15 Datasheet HTML 19Page - Analog Devices AD8150_15 Datasheet HTML 20Page - Analog Devices AD8150_15 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
AD8150
Rev. A | Page 17 of 44
CS INPUT
ENABLING
OUT[0:16][N:P]
OUTPUTS
INPUT {DATA 2}
INPUT {DATA 1}
INPUT {DATA 1}
INPUT {DATA 0}
DISABLING
OUT[0:16][N:P]
OUTPUTS
UPDATE INPUT
WE INPUT
tCSU
tUOT
tWOT
tWOD
tWHU
tCHU
tUOE
tUW
Figure 28. First-Rank Write Cycle and Second-Rank Update Cycle
Table 8. First-Rank Write Cycle and Second-Rank Update Cycle
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tCSU
Setup Time
Chip select to update
TA = 25°C
0
ns
tCHU
Hold Time
Chip select from update
VDD = 5 V
0
ns
tUOE
Output Enable Times
Update to output enable
VCC = 5 V
25
40
ns
tWOE1
Write enable to output enable
25
40
ns
tUOT
Output Toggle Times
Update to output reprogram
25
30
ns
tWOT
Write enable to output reprogram
25
30
ns
tUOD1
Output Disable Times
Update to output disabled
25
30
ns
tWOD
Write enable to output disabled
25
30
ns
tWHU
Setup Time
Write enable to update
10
ns
tUW
Width of Update Pulse
15
ns
1 Not shown.


Similar Part No. - AD8150_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8150-EVAL AD-AD8150-EVAL Datasheet
995Kb / 35P
   33 x 17, 1.5 Gbps Digital Crosspoint Switch
REV. 0
AD8150AST AD-AD8150AST Datasheet
995Kb / 35P
   33 x 17, 1.5 Gbps Digital Crosspoint Switch
REV. 0
More results

Similar Description - AD8150_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
AD8117 AD-AD8117_15 Datasheet
1,022Kb / 36P
   Analog Crosspoint Switch
REV. A
AD8178 AD-AD8178_16 Datasheet
770Kb / 37P
   Video Crosspoint Switch
logo
Vitesse Semiconductor C...
VSC6464 VITESSE-VSC6464 Datasheet
90Kb / 10P
   64x64 Crosspoint Switch
logo
Analog Devices
AD8176 AD-AD8176_15 Datasheet
877Kb / 40P
   Video Crosspoint Switch
REV. 0
AD8151 AD-AD8151_15 Datasheet
1Mb / 40P
   Digital Crosspoint Switch
REV. B
AD8175 AD-AD8175 Datasheet
838Kb / 40P
   Video Crosspoint Switch
Rev. 0
AD8176 AD-AD8176_16 Datasheet
785Kb / 37P
   Video Crosspoint Switch
AD8175 AD-AD8175_15 Datasheet
628Kb / 40P
   Video Crosspoint Switch
REV. B
AD8105 AD-AD8105_15 Datasheet
1,017Kb / 36P
   Analog Crosspoint Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com