Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPB1508GV Datasheet(PDF) 5 Page - NEC

Part # UPB1508GV
Description  3 GHz INPUT DIVIDE BY 2 PRESCALER IC FOR DBS TUNERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPB1508GV Datasheet(HTML) 5 Page - NEC

  UPB1508GV Datasheet HTML 1Page - NEC UPB1508GV Datasheet HTML 2Page - NEC UPB1508GV Datasheet HTML 3Page - NEC UPB1508GV Datasheet HTML 4Page - NEC UPB1508GV Datasheet HTML 5Page - NEC UPB1508GV Datasheet HTML 6Page - NEC UPB1508GV Datasheet HTML 7Page - NEC UPB1508GV Datasheet HTML 8Page - NEC UPB1508GV Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
µµµµPB1508GV
TYPICAL CHARACTERISTICS (unless otherwise specified TA = +25°C)
15
10
5
0
0123
VCC - Supply Voltage - V
456
CIRCUIT CURRENT vs. SUPPLY VOLTAGE
No signals
TA = +85 ˚C
TA = +25 ˚C
TA = –40 ˚C
+20
+10
0
–10
–20
–30
–40
–50
–60
100
1000
4000
fin - Input Frequency - MHz
INPUT POWER vs. INPUT FREQUENCY
+20
+10
0
–10
–20
–30
–40
–50
–60
100
1000
4000
fin -Input Frequency - MHz
fin - Input Frequency - MHz
fin -Input Frequency - MHz
INPUT POWER vs. INPUT FREQUENCY
OUTPUT POWER vs. INPUT FREQUENCY
OUTPUT POWER vs. INPUT FREQUENCY
0
–2
–4
–6
–8
–10
–12
–14
–16
0
–2
–4
–6
–8
–10
–12
–14
–16
100
1000
4000
100
1000
4000
TA = +25 ˚C
VCC = 5.0 V
Pin = 0 dBm
ZL = 50
TA = +25 ˚C
Pin = 0 dBm
ZL = 50
VCC = 4.5 to 5.5 V
VCC = 4.5 to 5.5 V
VCC = 4.5 to 5.5 V
TA = –40 ˚C
TA = –40 ˚C
TA = +25 ˚C
TA = +25 ˚C
TA = +85 ˚C
TA = +85 ˚C
VCC = 4.5 V
VCC = 5.0 V
VCC = 5.5 V
TA = –40 ˚C
TA = –40 ˚C
TA = +25 ˚C
TA = +25 ˚C
TA = +85 ˚C
TA = +85 ˚C
Guaranteed
Operating
Window
Guaranteed
Operating
Window


Similar Part No. - UPB1508GV

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPB1508GV CEL-UPB1508GV Datasheet
213Kb / 7P
   3.0 GHz DIVIDE BY 2 PRESCALER
logo
Renesas Technology Corp
UPB1508GV RENESAS-UPB1508GV Datasheet
205Kb / 14P
   BIPOLAR DIGITAL INTEGRATED CIRCUIT
1996
UPB1508GV-E1 RENESAS-UPB1508GV-E1 Datasheet
205Kb / 14P
   BIPOLAR DIGITAL INTEGRATED CIRCUIT
1996
logo
California Eastern Labs
UPB1508GV-E1-A CEL-UPB1508GV-E1-A Datasheet
213Kb / 7P
   3.0 GHz DIVIDE BY 2 PRESCALER
More results

Similar Description - UPB1508GV

ManufacturerPart #DatasheetDescription
logo
NEC
UPB1510GV NEC-UPB1510GV Datasheet
139Kb / 12P
   3 GHz INPUT DIVIDE BY 4 PRESCALER IC FOR DBS TUNERS
UPB1506GV NEC-UPB1506GV Datasheet
143Kb / 20P
   3GHz INPUT DIVIDE BY 256, 128, 64 PRESCALER IC FOR ANALOG DBS TUNERS
logo
California Eastern Labs
UPB1508GV CEL-UPB1508GV Datasheet
213Kb / 7P
   3.0 GHz DIVIDE BY 2 PRESCALER
UPB1514TU CEL-UPB1514TU Datasheet
408Kb / 13P
   16 GHz INPUT DIVIDE BY 8 PRESCALER IC FOR SATELLITE COMMUNICATIONS
logo
Peregrine Semiconductor...
PE9304 PEREGRINE-PE9304_15 Datasheet
216Kb / 6P
   Divide-by-2 Prescaler
logo
NEC
UPB581B NEC-UPB581B Datasheet
76Kb / 4P
   DIVIDE- BY- 2 PRESCALER
logo
Lucky Light Electronic
PE3511 LUCKY-LIGHT-PE3511_15 Datasheet
260Kb / 9P
   Divide-by-2 Prescaler
logo
Peregrine Semiconductor...
PE9301 PEREGRINE-PE9301_15 Datasheet
230Kb / 7P
   Divide-by-2 Prescaler
PE3511 PEREGRINE-PE3511_15 Datasheet
260Kb / 9P
   Divide-by-2 Prescaler
logo
NEC
UPB1511TB NEC-UPB1511TB_02 Datasheet
40Kb / 3P
   800 MHz INPUT DIVIDE BY 2, 4 PRESCALER IC, FOR PORTABLE SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com