Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRL9230R Datasheet(PDF) 5 Page - Intersil Corporation

Part # FRL9230R
Description  3A, -200V, 1.30 Ohm, Rad Hard, P-Channel Power MOSFETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FRL9230R Datasheet(HTML) 5 Page - Intersil Corporation

  FRL9230R Datasheet HTML 1Page - Intersil Corporation FRL9230R Datasheet HTML 2Page - Intersil Corporation FRL9230R Datasheet HTML 3Page - Intersil Corporation FRL9230R Datasheet HTML 4Page - Intersil Corporation FRL9230R Datasheet HTML 5Page - Intersil Corporation FRL9230R Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
4-5
FRL9230D, FRL9230R, FRL9230H
Rad Hard Data Packages - Intersil Power Transistors
TXV Equivalent
1. Rad Hard TXV Equivalent - Standard Data Package
A. Certificate of Compliance
B. Assembly Flow Chart
C. Preconditioning - Attributes Data Sheet
D. Group A
- Attributes Data Sheet
E. Group B
- Attributes Data Sheet
F. Group C
- Attributes Data Sheet
G. Group D
- Attributes Data Sheet
2. Rad Hard TXV Equivalent - Optional Data Package
A. Certificate of Compliance
B. Assembly Flow Chart
C. Preconditioning - Attributes Data Sheet
- Precondition Lot Traveler
- Pre and Post Burn-In Read and Record
Data
D. Group A
- Attributes Data Sheet
- Group A Lot Traveler
E. Group B
- Attributes Data Sheet
- Group B Lot Traveler
- Pre and Post Read and Record Data for
Intermittent Operating Life (Subgroup B3)
- Bond Strength Data (Subgroup B3)
- Pre and Post High Temperature Operating
Life Read and Record Data (Subgroup B6)
F. Group C
- Attributes Data Sheet
- Group C Lot Traveler
- Pre and Post Read and Record Data for
Intermittent Operating Life (Subgroup C6)
- Bond Strength Data (Subgroup C6)
G. Group D
- Attributes Data Sheet
- Group D Lot Traveler
- Pre and Post RAD Read and Record Data
Class S - Equivalents
1. Rad Hard “S” Equivalent - Standard Data Package
A. Certificate of Compliance
B. Serialization Records
C. Assembly Flow Chart
D. SEM Photos and Report
E.
Preconditioning Attributes Data Sheet
Hi-Rel Lot Traveler
HTRB - Hi Temp Gate Stress Post Reverse
Bias Data and Delta Data
HTRB - Hi Temp Drain Stress Post Reverse
Bias Delta Data
F. Group A
- Attributes Data Sheet
G. Group B
- Attributes Data Sheet
H. Group C
- Attributes Data Sheet
I. Group D
- Attributes Data Sheet
2. Rad Hard Max. “S” Equivalent - Optional Data Package
A. Certificate of Compliance
B. Serialization Records
C. Assembly Flow Chart
D. SEM Photos and Report
E. Preconditioning - Attributes Data Sheet
- Hi-Rel Lot Traveler
- HTRB - Hi Temp Gate Stress Post
Reverse Bias Data and Delta Data
- HTRB - Hi Temp Drain Stress Post
Reverse Bias Delta Data
- X-Ray and X-Ray Report
F. Group A
- Attributes Data Sheet
- Hi-Rel Lot Traveler
- Subgroups A2, A3, A4, A5 and A7 Data
G. Group B
- Attributes Data Sheet
- Hi-Rel Lot Traveler
- Subgroups B1, B3, B4, B5 and B6 Data
H. Group C
- Attributes Data Sheet
- Hi-Rel Lot Traveler
- Subgroups C1, C2, C3 and C6 Data
I. Group D
- Attributes Data Sheet
- Hi-Rel Lot Traveler
- Pre and Post Radiation Data


Similar Part No. - FRL9230R

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRL9130D INTERSIL-FRL9130D Datasheet
47Kb / 6P
   5A, -100V, 0.550 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRL9130H INTERSIL-FRL9130H Datasheet
47Kb / 6P
   5A, -100V, 0.550 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRL9130R INTERSIL-FRL9130R Datasheet
47Kb / 6P
   5A, -100V, 0.550 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
More results

Similar Description - FRL9230R

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRM9230D INTERSIL-FRM9230D Datasheet
57Kb / 6P
   4A, -200V, 1.30 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FSL9230D INTERSIL-FSL9230D Datasheet
46Kb / 8P
   3A, -200V, 1.50 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FRM9240D INTERSIL-FRM9240D Datasheet
47Kb / 6P
   7A, -200V, 0.720 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRS9240D INTERSIL-FRS9240D Datasheet
48Kb / 6P
   7A, -200V, 0.735 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRF9250D INTERSIL-FRF9250D Datasheet
48Kb / 6P
   14A, -200V, 0.315 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRK9260D INTERSIL-FRK9260D Datasheet
47Kb / 6P
   26A, -200V, 0.200 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRE9260D INTERSIL-FRE9260D Datasheet
47Kb / 6P
   19A, -200V, 0.210 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRM9250D INTERSIL-FRM9250D Datasheet
50Kb / 6P
   16A, -200V, 0.300 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRS9230D INTERSIL-FRS9230D Datasheet
49Kb / 6P
   4A, -200V, 1.32 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FSL9110D INTERSIL-FSL9110D Datasheet
57Kb / 8P
   2.5A, -100V, 1.30 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
October 1998
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com