Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG529CK Datasheet(PDF) 1 Page - Intersil Corporation

Part # DG529CK
Description  Analog CMOS Latchable Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG529CK Datasheet(HTML) 1 Page - Intersil Corporation

  DG529CK Datasheet HTML 1Page - Intersil Corporation DG529CK Datasheet HTML 2Page - Intersil Corporation DG529CK Datasheet HTML 3Page - Intersil Corporation DG529CK Datasheet HTML 4Page - Intersil Corporation DG529CK Datasheet HTML 5Page - Intersil Corporation DG529CK Datasheet HTML 6Page - Intersil Corporation DG529CK Datasheet HTML 7Page - Intersil Corporation DG529CK Datasheet HTML 8Page - Intersil Corporation DG529CK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
12-1
Semiconductor
Features
• Direct RESET
• TTL and CMOS Compatible Address and Enable
Inputs
• Maximum Power Supply Rating . . . . . . . . . . . . . . . . 44V
• Break-Before-Make Switching
• Alternate Source
Applications
• Data Acquisition Systems
• Communication Systems
• Automatic Test Equipment
• Microprocessor Controlled Systemd
Description
The DG526, DG527, DG528, and DG529 are CMOS
Monolithic 16-Channel/Dual 4-Channel Analog Multiplexers.
Each device has on-chip address and control latches to sim-
plify design in microprocessor based applications. The DG526
uses 4 address lines to control its 16 channels; the DG527,
DG528 both use 3 address lines to control their 8 channels;
and the DG529 uses 2 address lines to control its 4 channels.
The enable pin is used to enable the address latches during
the WR pulse. It can be hard wired to the logic supply if one of
the channels will always be used (except during a reset) or it
can be tied to address decoding circuitry for memory mapped
operation. The RS pin is used to clear all latches regardless of
the state of any other latch or control line. The WR pin is used
to transfer the state of the address control lines to their
latches, except during a reset or when EN is low.
A channel in the ON state conducts signals equally well in
both directions. In the OFF state each channel blocks volt-
ages up to the supply rails. The address inputs, WR, RS and
the enable input are TTL and CMOS compatible over the full
specified operation temperature range.
Part Number Information
PART
NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG. NO.
DG526AK
-55 to 125
28 Ld CERDIP
F28.6
DG526AK/883B
-55 to 125
28 Ld CERDIP
F28.6
DG526BK
-25 to 85
28 Ld CERDIP
F28.6
DG526BY
-25 to 85
28 Ld SOIC
M28.3
DG526CJ
0 to 70
28 Ld PDIP
E28.6
DG526CK
0 to 70
28 Ld CERDIP
F28.6
DG526CY
0 to 70
28 Ld SOIC
M28.3
DG527AK
-55 to 125
28 Ld CERDIP
F28.6
DG527AK/883B
-55 to 125
28 Ld CERDIP
F28.6
DG527BK
-25 to 85
28 Ld CERDIP
F28.6
DG527BY
-25 to 85
28 Ld SOIC
M28.3
DG527CJ
0 to 70
28 Ld PDIP
E28.6
DG527CK
0 to 70
28 Ld CERDIP
F28.6
DG527CY
0 to 70
28 Ld SOIC
M28.3
DG528AK
-55 to 125
18 Ld CERDIP
F18.3
DG528AK/883B
-55 to 125
18 Ld CERDIP
F18.3
DG528BK
-25 to 85
18 Ld CERDIP
F18.3
DG528BY
-25 to 85
18 Ld SOIC
M18.3
DG528CJ
0 to 70
18 Ld PDIP
E18.3
DG528CK
0 to 70
18 Ld CERDIP
F18.3
DG528CY
0 to 70
18 Ld SOIC
M18.3
DG529AK
-55 to 125
18 Ld CERDIP
F18.3
DG529AK/883B
-55 to 125
18 Ld CERDIP
F18.3
DG529BK
-25 to 85
18 Ld CERDIP
F18.3
DG529BY
-25 to 85
18 Ld SOIC
M18.3
DG529CJ
0 to 70
18 Ld PDIP
E18.3
DG529CK
0 to 70
18 Ld CERDIP
F18.3
DG529CY
0 to 70
18 Ld SOIC
M18.3
PART
NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG. NO.
April 1999
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© Harris Corporation 1999
DG526, DG527,
DG528, DG529
Analog CMOS
Latchable Multiplexers
File Number
3139.2
FOR
A POSSIBLE
SUBSTITUTE
PRODUCT
call
Central
Applications
1-800-442-7747
or email:
centapp@harris.com
OBSOLETE
PRODUCT


Similar Part No. - DG529CK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG529CK MAXIM-DG529CK Datasheet
115Kb / 12P
   8-Channel Latchable Multiplexers
19-3519; Rev 0; 3/91
More results

Similar Description - DG529CK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DG508A RENESAS-DG508A Datasheet
507Kb / 9P
   CMOS Analog Multiplexers
logo
Intersil Corporation
DG508A INTERSIL-DG508A Datasheet
304Kb / 9P
   CMOS Analog Multiplexers
DG506A INTERSIL-DG506A Datasheet
625Kb / 17P
   CMOS Analog Multiplexers
DG506A INTERSIL-DG506A_07 Datasheet
460Kb / 19P
   CMOS Analog Multiplexers
logo
Maxim Integrated Produc...
DG528CJ MAXIM-DG528CJ Datasheet
115Kb / 12P
   8-Channel Latchable Multiplexers
19-3519; Rev 0; 3/91
logo
Vishay Siliconix
DG528 VISHAY-DG528 Datasheet
129Kb / 10P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. C, 15-Nov-93
DG428 VISHAY-DG428_11 Datasheet
179Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. K, 04-Jul-11
DG428 VISHAY-DG428 Datasheet
131Kb / 11P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
logo
Analog Devices
ADG428BRZ AD-ADG428BRZ Datasheet
165Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG428 AD-ADG428 Datasheet
157Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com