Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8113 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8113
Description  Audio/Video 60 MHz
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8113 Datasheet(HTML) 4 Page - Analog Devices

  AD8113_15 Datasheet HTML 1Page - Analog Devices AD8113_15 Datasheet HTML 2Page - Analog Devices AD8113_15 Datasheet HTML 3Page - Analog Devices AD8113_15 Datasheet HTML 4Page - Analog Devices AD8113_15 Datasheet HTML 5Page - Analog Devices AD8113_15 Datasheet HTML 6Page - Analog Devices AD8113_15 Datasheet HTML 7Page - Analog Devices AD8113_15 Datasheet HTML 8Page - Analog Devices AD8113_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
REV. A
–3–
AD8113
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Supply Voltage Range
AVCC
4.5
12.6
V
AVEE
–12.6
–4.5
V
DVCC
4.5
5.5
V
PSRR
DC
75
80
dB
f = 100 kHz
60
dB
f = 1 MHz
40
dB
OPERATING TEMPERATURE RANGE
Temperature Range
Operating (Still Air)
0 to 70
°C
θ
JA
Operating (Still Air)
40
°C/W
Specifications subject to change without notice.
TIMING CHARACTERISTICS (Serial)
Limit
Parameter
Symbol
Min
Typ
Max
Unit
Serial Data Setup Time
t
1
20
ns
CLK Pulsewidth
t2
100
ns
Serial Data Hold Time
t3
20
ns
CLK Pulse Separation, Serial Mode
t4
100
ns
CLK to
UPDATE Delay
t5
0ns
UPDATE Pulsewidth
t6
50
ns
CLK to DATA OUT Valid, Serial Mode
t7
200
ns
Propagation Delay,
UPDATE to Switch On or Off
50
ns
Data Load Time, CLK = 5 MHz, Serial Mode
16
µs
CLK,
UPDATE Rise and Fall Times
100
ns
RESET Time
200
ns
Specifications subject to change without notice.
Table I. Logic Levels
VIH
VIL
VOH
VOL
IIH
IIL
IOH
IOL
RESET, SER/PAR
RESET, SER/PAR
RESET, SER/PAR
RESET, SER/PAR
CLK, DATA IN,
CLK, DATA IN,
CLK, DATA IN,
CLK, DATA IN,
CE, UPDATE
CE, UPDATE
DATA OUT
DATA OUT
CE, UPDATE
CE, UPDATE
DATA OUT
DATA OUT
2.0 V min
0.8 V max
2.7 V min
0.5 V max
20
µA max
–400
µA min
–400
µA max
3.0 mA min
1
0
1
0
1 = LATCHED
0 = TRANSPARENT
DATA OUT
CLK
DATA IN
OUT7 (D4)
OUT7 (D3)
OUT00 (D0)
LOAD DATA INTO
SERIAL REGISTER
ON FALLING EDGE
TRANSFER DATA FROM SERIAL
REGISTER TO PARALLEL
LATCHES DURING LOW LEVEL
t2
t4
t1
t3
t7
t5
t6
UPDATE
Figure 1. Timing Diagram, Serial Mode


Similar Part No. - AD8113_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8113JST AD-AD8113JST Datasheet
1Mb / 28P
   Audio/Video 60 MHz 16 X 16, G = 2 Crosspoint Switch
REV. A
AD8113JSTZ AD-AD8113JSTZ Datasheet
1Mb / 28P
   Audio/Video 60 MHz 16  16, G = 2 Crosspoint Switch
REV. A
More results

Similar Description - AD8113_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8113JSTZ AD-AD8113JSTZ Datasheet
1Mb / 28P
   Audio/Video 60 MHz 16  16, G = 2 Crosspoint Switch
REV. A
AD8112 AD-AD8112_15 Datasheet
1Mb / 28P
   Audio/Video, 60 MHz, 16 8, Gain of 2 Crosspoint Switch
REV. 0
AD8113JST AD-AD8113JST Datasheet
1Mb / 28P
   Audio/Video 60 MHz 16 X 16, G = 2 Crosspoint Switch
REV. A
AD8112 AD-AD8112 Datasheet
527Kb / 28P
   Audio/Video, 60 MHz, 16 횞 8, Gain of 2 Crosspoint Switch
REV. 0
logo
Level One
AVE-9301 LVL1-AVE-9301 Datasheet
1Mb / 4P
   Audio/Video Extenders
AVE-9304 LVL1-AVE-9304 Datasheet
1Mb / 4P
   Audio/Video Extenders
logo
Sanyo Semicon Device
LA72730 SANYO-LA72730_10 Datasheet
196Kb / 8P
   Audio/Video Switch
logo
Hitachi Semiconductor
HA11508 HITACHI-HA11508 Datasheet
150Kb / 7P
   Audio-Video Switch
logo
List of Unclassifed Man...
L64105 ETC1-L64105 Datasheet
4Mb / 454P
   AUDIO/VIDEO DECODER
logo
Level One
AVE-9300 LVL1-AVE-9300 Datasheet
1Mb / 4P
   Audio/Video Extenders
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com