Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8072 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8072
Description  Low Cost, Dual/Triple Video Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8072 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8072_15 Datasheet HTML 4Page - Analog Devices AD8072_15 Datasheet HTML 5Page - Analog Devices AD8072_15 Datasheet HTML 6Page - Analog Devices AD8072_15 Datasheet HTML 7Page - Analog Devices AD8072_15 Datasheet HTML 8Page - Analog Devices AD8072_15 Datasheet HTML 9Page - Analog Devices AD8072_15 Datasheet HTML 10Page - Analog Devices AD8072_15 Datasheet HTML 11Page - Analog Devices AD8072_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
REV. D
AD8072/AD8073
–7–
FREQUENCY – MHz
100
0.1
500
1
10
100
10
1
0.1
VS = 5V
RF = 1k
AV = 2
TPC 13. Output Resistance vs. Frequency; VS =
±5 V
FREQUENCY – Hz
50
40
0
1
100k
10
100
1k
10k
30
20
10
TPC 14. Noise vs. Frequency; VS =
±5 V
–50
FREQUENCY – MHz
–5
–10
–45
0.1
500
1
10
100
–15
–20
–40
–25
–30
–35
0.02
–55
VIN
2V p-p
1k
1k
60.4
154
154
150
VOUT
TPC 17. CMRR vs. Frequency; VS =
±5 V
FREQUENCY – Hz
100
80
0
1
100k
10
100
1k
10k
60
40
20
TPC 15. Noise vs. Frequency; VS =
±5 V
FREQUENCY – MHz
10
0
–70
0.1
500
1
10
100
–10
–20
–60
–30
–40
–50
0.02
VS = 5V
RF = 1k
RL = 150
AV = 2
100mV p-p ON TOP
OF VS
–PSRR
PSRR
TPC 16. PSRR vs. Frequency


Similar Part No. - AD8072_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8072ARM AD-AD8072ARM Datasheet
167Kb / 11P
   Low Cost, Dual/Triple Video Amplifiers
REV. A
AD8072ARM AD-AD8072ARM Datasheet
180Kb / 12P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072ARM AD-AD8072ARM Datasheet
369Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072ARM-REEL AD-AD8072ARM-REEL Datasheet
167Kb / 11P
   Low Cost, Dual/Triple Video Amplifiers
REV. A
AD8072ARM-REEL AD-AD8072ARM-REEL Datasheet
180Kb / 12P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
More results

Similar Description - AD8072_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8073 AD-AD8073_15 Datasheet
402Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072ARMZ AD-AD8072ARMZ Datasheet
369Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072ARMZ AD-AD8072ARMZ Datasheet
402Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072 AD-AD8072_02 Datasheet
180Kb / 12P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072 AD-AD8072 Datasheet
167Kb / 11P
   Low Cost, Dual/Triple Video Amplifiers
REV. A
AD8073JRZ AD-AD8073JRZ Datasheet
369Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
logo
Linear Technology
LT1253 LINER-LT1253_15 Datasheet
222Kb / 8P
   Low Cost Dual and Quad Video Amplifiers
LT1253 LINER-LT1253 Datasheet
246Kb / 8P
   Low Cost Dual and Quad Video Amplifiers
logo
Elantec Semiconductor
EL2210C ELANTEC-EL2210C Datasheet
190Kb / 12P
   Low Cost, Dual, Triple and Quad Video Op Amps
logo
Intersil Corporation
EL2210 INTERSIL-EL2210 Datasheet
90Kb / 11P
   Low Cost, Dual, Triple and Quad Video Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com