Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRK9260D Datasheet(PDF) 3 Page - Intersil Corporation

Part # FRK9260D
Description  26A, -200V, 0.200 Ohm, Rad Hard, P-Channel Power MOSFETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FRK9260D Datasheet(HTML) 3 Page - Intersil Corporation

  FRK9260D Datasheet HTML 1Page - Intersil Corporation FRK9260D Datasheet HTML 2Page - Intersil Corporation FRK9260D Datasheet HTML 3Page - Intersil Corporation FRK9260D Datasheet HTML 4Page - Intersil Corporation FRK9260D Datasheet HTML 5Page - Intersil Corporation FRK9260D Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
4-3
Post-Radiation Electrical Specifications TC = +25oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TYPE
TEST CONDITIONS
LIMITS
UNITS
MIN
MAX
Drain-Source
Breakdown Volts
(Note 4, 6)
BVDSS
FRK9260D, R
VGS = 0, ID = 1mA
-200
-
V
(Note 5, 6)
BVDSS
FRK9260H
VGS = 0, ID = 1mA
-190
-
V
Gate-Source
Threshold Volts
(Note 4, 6)
VGS(th)
FRK9260D, R
VGS = VDS, ID = 1mA
-2.0
-4.0
V
(Note 3, 5, 6)
VGS(th)
FRK9260H
VGS = VDS, ID = 1mA
-2.0
-6.0
V
Gate-Body
Leakage Forward
(Note 4, 6)
IGSSF
FRK9260D, R
VGS = -20V, VDS = 0
-
100
nA
(Note 5, 6)
IGSSF
FRK9260H
VGS = -20V, VDS = 0
-
200
nA
Gate-Body
Leakage Reverse
(Note 2, 4, 6)
IGSSR
FRK9260D, R
VGS = 20V, VDS = 0
-
100
nA
(Note 2, 5, 6)
IGSSR
FRK9260H
VGS = 20V, VDS = 0
-
200
nA
Zero-Gate Voltage
Drain Current
(Note 4, 6)
IDSS
FRK9260D, R
VGS = 0, VDS = -160V
-
25
µA
(Note 5, 6)
IDSS
FRK9260H
VGS = 0, VDS = -160V
-
100
µA
Drain-Source
On-State Volts
(Note 1, 4, 6)
VDS(on)
FRK9260D, R
VGS = -10V, ID = 26A
-
-5.46
V
(Note 1, 5, 6)
VDS(on)
FRK9260H
VGS = -16V, ID = 26A
-
-8.19
V
Drain-Source
On Resistance
(Note 1, 4, 6)
RDS(on)
FRK9260D, R
VGS = -10V, ID = 17A
-
0.200
(Note 1, 5, 6)
RDS(on)
FRK9260H
VGS = -14V, ID = 17A
-
0.300
NOTES:
1. Pulse test, 300
µs max
2. Absolute value
3. Gamma = 300KRAD(Si)
4. Gamma = 10KRAD(Si) for “D”, 100KRAD(Si) for “R”. Neutron = 1E13
5. Gamma = 1000KRAD(Si). Neutron = 1E13
6. Insitu Gamma bias must be sampled for both VGS = -10V, VDS = 0V and VGS = 0V, VDS = 80% BVDSS
7. Gamma data taken 6/12/90 on TA 17762 devices by GE ASTRO SPACE; EMC/SURVIVABILITY LABORATORY; KING OF PRUSSIA,
PA 19401
8. Single event drain burnout testing by Titus, J.L., et al of NWSC, Crane, IN at Brookhaven Nat. Lab. Dec 11-14, 1989
9. Neutron derivation, Intersil Application note AN-8831, Oct. 1988
FRK9260D, FRK9260R, FRK9260H


Similar Part No. - FRK9260D

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FRK9150 ISC-FRK9150 Datasheet
49Kb / 2P
   isc P-Channel MOSFET Transistor
logo
Intersil Corporation
FRK9150D INTERSIL-FRK9150D Datasheet
48Kb / 6P
   26A, -100V, 0.125 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRK9150H INTERSIL-FRK9150H Datasheet
48Kb / 6P
   26A, -100V, 0.125 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRK9150R INTERSIL-FRK9150R Datasheet
48Kb / 6P
   26A, -100V, 0.125 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRK9160D INTERSIL-FRK9160D Datasheet
48Kb / 6P
   40A, -100V, 0.085 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
More results

Similar Description - FRK9260D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRK9150D INTERSIL-FRK9150D Datasheet
48Kb / 6P
   26A, -100V, 0.125 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRM9240D INTERSIL-FRM9240D Datasheet
47Kb / 6P
   7A, -200V, 0.720 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRS9240D INTERSIL-FRS9240D Datasheet
48Kb / 6P
   7A, -200V, 0.735 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRM9230D INTERSIL-FRM9230D Datasheet
57Kb / 6P
   4A, -200V, 1.30 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRF9250D INTERSIL-FRF9250D Datasheet
48Kb / 6P
   14A, -200V, 0.315 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRE9260D INTERSIL-FRE9260D Datasheet
47Kb / 6P
   19A, -200V, 0.210 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRM9250D INTERSIL-FRM9250D Datasheet
50Kb / 6P
   16A, -200V, 0.300 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRS9230D INTERSIL-FRS9230D Datasheet
49Kb / 6P
   4A, -200V, 1.32 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRL9230D INTERSIL-FRL9230D Datasheet
47Kb / 6P
   3A, -200V, 1.30 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FSF9250D INTERSIL-FSF9250D Datasheet
45Kb / 8P
   15A, -200V, 0.290 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com