Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG528CJ Datasheet(PDF) 6 Page - Intersil Corporation

Part # DG528CJ
Description  Analog CMOS Latchable Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG528CJ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button DG528CJ Datasheet HTML 2Page - Intersil Corporation DG528CJ Datasheet HTML 3Page - Intersil Corporation DG528CJ Datasheet HTML 4Page - Intersil Corporation DG528CJ Datasheet HTML 5Page - Intersil Corporation DG528CJ Datasheet HTML 6Page - Intersil Corporation DG528CJ Datasheet HTML 7Page - Intersil Corporation DG528CJ Datasheet HTML 8Page - Intersil Corporation DG528CJ Datasheet HTML 9Page - Intersil Corporation DG528CJ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
12-6
Drain OFF
Capacitance,
CD(OFF)T
DG526
VD = 0V
VEN = 0V,
f = 140kHz
-65-
-65-
pF
DG527
-
35
-
-
35
-
pF
DG528
-
25
-
-
25
-
pF
DG529
-
12
-
-
12
-
pF
Charge
Injection, Q
DG526,
DG527
See Figure 8
-
6
-
-
6
-
pC
DG528,
DG529
-4-
-
4-
pC
INPUT
Address Input
Current, Input
Voltage High,
IAH
DG526,
DG527
VA = 2.4V
-10
0.02
-
-10
0.02
-
µA
VA = 15V
-
0.02
10
-
0.02
10
µA
DG528,
DG529
VA = 2.4V
-10
-0.002
-
-10
-0.002
-
µA
VA = 15V
-
0.006
10
-
0.006
10
µA
Address Input
Current, Input
Voltage Low,
IAL
DG526
DG527
VEN = 2.4V
All VA = 0V,
RS = 0V,
WR = 0V
-10
0.01
-
-10
0.01
-
µA
VEN = 0V
-10
0.01
-
-10
0.01
-
µA
DG528
DG529
VEN = 2.4V
-10
-0.002
-
-10
-0.002
-
µA
VEN = 0V
-10
-0.002
-
-10
-0.002
-
µA
SWITCH
Analog Signal Range,
VANALOG
(Note 7)
-15
-
+15
-15
-
+15
V
Drain Source ON
Resistance, rDS(ON)
VD = ±10V, VAL = 0.8V, VAH = 2.4V,
IL = -200µA
Sequence Each Switch ON
-
270
400
-
270
450
Greatest Change in Drain
Source ON Resistance
Between Channels,
∆rDS(ON)
-10V
≤ VS ≤ 10V
-
6
-
-
6
-
%
Source OFF
Leakage
Current,
IS(OFF)
DG526,
DG527
VEN = 0V
VS = ±10V,
VD = +10V
-1
0.02
1
-
0.02
-
nA
DG528,
DG529
VS = ±10V,
VD = +10V
-1
-0.005
1
-5
-0.005
5
nA
Drain OFF
Leakage
Current,
ID(OFF)
DG526
VEN = 0V
VS = ±10V,
VD = +10V
-10
0.2
10
-
0.2
-
nA
DG527
VS = ±10V,
VD = +10V
-5
0.2
5
-
0.2
-
nA
DG528
VS = ±10V,
VD = +10V
-10
-0.015
10
-20
0.015
20
nA
DG529
VS = ±10V,
VD = +10V
-10
-0.008
10
-20
0.008
20
nA
Drain ON
Leakage
Current, ID(ON)
DG526
Sequence Each
Switch On
VAL = 0.8V and
VAH = 2.4V
(Note 5)
VD = VS(ALL) =
±10V
-10
0.2
10
-
0.2
-
nA
DG527
VD = VS(ALL) =
±10V
-5
0.2
5
-
0.2
-
nA
Electrical Specifications
(Note 3) V+ = +15V, V- = -15V, GND = 0V, WR = 0V, RS = 2.4V, EN = 2.4V, TA = 25
oC,
Unless Otherwise Specified (Continued)
PARAMETER
(NOTE 6)
TEST CONDITIONS
A SUFFIX
B AND C SUFFIX
UNITS
MIN
(NOTE 2)
TYP
MAX
MIN
(NOTE 2)
TYP
MAX
DrDS(ON) =
rDS(ON)MAX - rDS(ON)MIN
rDS(ON)AVG.
DG526, DG527, DG528, DG529


Similar Part No. - DG528CJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG528CJ MAXIM-DG528CJ Datasheet
115Kb / 12P
   8-Channel Latchable Multiplexers
19-3519; Rev 0; 3/91
logo
Vishay Siliconix
DG528CJ VISHAY-DG528CJ Datasheet
176Kb / 12P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. D, 23-May-11
DG528CJ VISHAY-DG528CJ Datasheet
170Kb / 11P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
08-Feb-17
More results

Similar Description - DG528CJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DG508A RENESAS-DG508A Datasheet
507Kb / 9P
   CMOS Analog Multiplexers
logo
Intersil Corporation
DG508A INTERSIL-DG508A Datasheet
304Kb / 9P
   CMOS Analog Multiplexers
DG506A INTERSIL-DG506A Datasheet
625Kb / 17P
   CMOS Analog Multiplexers
DG506A INTERSIL-DG506A_07 Datasheet
460Kb / 19P
   CMOS Analog Multiplexers
logo
Maxim Integrated Produc...
DG528CJ MAXIM-DG528CJ Datasheet
115Kb / 12P
   8-Channel Latchable Multiplexers
19-3519; Rev 0; 3/91
logo
Vishay Siliconix
DG528 VISHAY-DG528 Datasheet
129Kb / 10P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. C, 15-Nov-93
DG428 VISHAY-DG428_11 Datasheet
179Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. K, 04-Jul-11
DG428 VISHAY-DG428 Datasheet
131Kb / 11P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
logo
Analog Devices
ADG428BRZ AD-ADG428BRZ Datasheet
165Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG428 AD-ADG428 Datasheet
157Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com