Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG528BK Datasheet(PDF) 9 Page - Intersil Corporation

Part # DG528BK
Description  Analog CMOS Latchable Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG528BK Datasheet(HTML) 9 Page - Intersil Corporation

Back Button DG528BK Datasheet HTML 5Page - Intersil Corporation DG528BK Datasheet HTML 6Page - Intersil Corporation DG528BK Datasheet HTML 7Page - Intersil Corporation DG528BK Datasheet HTML 8Page - Intersil Corporation DG528BK Datasheet HTML 9Page - Intersil Corporation DG528BK Datasheet HTML 10Page - Intersil Corporation DG528BK Datasheet HTML 11Page - Intersil Corporation DG528BK Datasheet HTML 12Page - Intersil Corporation DG528BK Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
12-9
FIGURE 3C. tTRANSITION SWITCHING TIME WAVEFORM
FIGURE 4A. tOPEN (BREAK-BEFORE-MAKE) SWITCHING TIME
WAVEFORM
FIGURE 4B. tOPEN (BREAK-BEFORE-MAKE) SWITCHING TIME
TEST CIRCUIT
Similar connections for DG526, DG527
FIGURE 5A. ENABLE tON AND tOFF SWITCHING TIME TEST
CIRCUIT
Similar connections for DG526
FIGURE 5B. ENABLE tON AND tOFF SWITCHING TIME TEST
CIRCUIT
Similar connections for DG527
Test Circuits and Waveforms (Continued)
3V
50%
0
VS1
0.8VS1
0
0.8VS8
VS8
SWITCH
OUTPUT
VD
TRANSITION
S1 ON
S8 ON
TRANSITION
LOGIC INPUT
tr < 20ns
tf < 20ns
3V
50%
0
VS
80%
0V
tOPEN
SWITCH
OUTPUT
VD
LOGIC INPUT
tr < 20ns
tf < 20ns
EN
RS
A0,A1, (A2)
LOGIC
INPUT
50
+2.4V
SWITCH
OUTPUT
35pF
1k
+15V
-15V
GND
WR
V-
DG528
DB (D)
V+
ALL S AND DA
VD
DG529
+5V
EN
RS
A0
S2 THRU S7
A1
A2
EN
50
+2.4V
SWITCH
OUTPUT
35pF
1k
+15V
-15V
GND
WR
V-
DG528
S1
D
V+
VD
-5V
EN
RS
S1A THRU S4A,
A0
A1
EN
50
+2.4V
SWITCH
OUTPUT
35pF
1k
+15V
-15V
GND
WR
V-
DG529
S1B
DB
V+
VDB
-5V
DA, S2B, S3B,
S4B
DG526, DG527, DG528, DG529


Similar Part No. - DG528BK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG528BK VISHAY-DG528BK Datasheet
176Kb / 12P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. D, 23-May-11
DG528BK VISHAY-DG528BK Datasheet
170Kb / 11P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
08-Feb-17
More results

Similar Description - DG528BK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DG508A RENESAS-DG508A Datasheet
507Kb / 9P
   CMOS Analog Multiplexers
logo
Intersil Corporation
DG508A INTERSIL-DG508A Datasheet
304Kb / 9P
   CMOS Analog Multiplexers
DG506A INTERSIL-DG506A Datasheet
625Kb / 17P
   CMOS Analog Multiplexers
DG506A INTERSIL-DG506A_07 Datasheet
460Kb / 19P
   CMOS Analog Multiplexers
logo
Maxim Integrated Produc...
DG528CJ MAXIM-DG528CJ Datasheet
115Kb / 12P
   8-Channel Latchable Multiplexers
19-3519; Rev 0; 3/91
logo
Vishay Siliconix
DG528 VISHAY-DG528 Datasheet
129Kb / 10P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. C, 15-Nov-93
DG428 VISHAY-DG428_11 Datasheet
179Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. K, 04-Jul-11
DG428 VISHAY-DG428 Datasheet
131Kb / 11P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
logo
Analog Devices
ADG428BRZ AD-ADG428BRZ Datasheet
165Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG428 AD-ADG428 Datasheet
157Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com