Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG527AK883B Datasheet(PDF) 10 Page - Intersil Corporation

Part # DG527AK883B
Description  Analog CMOS Latchable Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG527AK883B Datasheet(HTML) 10 Page - Intersil Corporation

Back Button DG527AK883B Datasheet HTML 6Page - Intersil Corporation DG527AK883B Datasheet HTML 7Page - Intersil Corporation DG527AK883B Datasheet HTML 8Page - Intersil Corporation DG527AK883B Datasheet HTML 9Page - Intersil Corporation DG527AK883B Datasheet HTML 10Page - Intersil Corporation DG527AK883B Datasheet HTML 11Page - Intersil Corporation DG527AK883B Datasheet HTML 12Page - Intersil Corporation DG527AK883B Datasheet HTML 13Page - Intersil Corporation DG527AK883B Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
12-10
FIGURE 5C. ENABLE tON AND tOFF SWITCHING TIME WAVEFORMS
FIGURE 6A. WRITE tON SWITCHING TIME WAVEFORMS
FIGURE 6B. WRITE tON SWITCHING TIME TEST CIRCUIT
Similar connections for DG526, DG527
FIGURE 7A. RESET tOFF SWITCHING TIME WAVEFORMS
FIGURE 7B. RESET tOFF SWITCHING TIME TEST CIRCUIT
Similar connections for DG526, DG527
Test Circuits and Waveforms (Continued)
3V
50%
0
0.1VO
0.9VO
SWITCH
OUTPUT
VD
EN
tr < 20ns
tf < 20ns
0
VO
VS
tON (EN)
tOFF (EN)
tr < 20ns
tf < 20ns
3V
1.5V
0V
SWITCH
OUTPUT
VO
0V
tON (WR)
0.2VO
50%
Device must be reset prior to applying WR pulse.
EN
A0, A1, (A2)
REMAINING
RS
WR
LOGIC
INPUT
+2.4V
SWITCH
OUTPUT
35pF
1k
+15V
-15V
GND
V-
DG528
S1 OR
DB (D)
V+
SWITCHES
VO
DG529
S1B
+5V
WR
RS
tr < 20ns
tf < 20ns
3V
1.5V
0V
SWITCH
OUTPUT
VO
tOFF (RS)
0.8VO
RS
50%
EN
RS
A0, A1, (A2)
+2.4V
SWITCH
OUTPUT
35pF
1k
+15V
-15V
GND
WR
V-
DG528
DB (D)
V+
VO
DG529
+5V
REMAINING
SWITCHES
RS
S1 OR
S1B
DG526, DG527, DG528, DG529


Similar Part No. - DG527AK883B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG528 VISHAY-DG528 Datasheet
129Kb / 10P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. C, 15-Nov-93
DG528 VISHAY-DG528 Datasheet
176Kb / 12P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. D, 23-May-11
DG528 VISHAY-DG528 Datasheet
170Kb / 11P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
08-Feb-17
logo
Maxim Integrated Produc...
DG528529 MAXIM-DG528529 Datasheet
31Kb / 4P
   CMOS, TTL-COMPATIBLE ANALOG MULTIPLEXER
19-0063 Rev. C
DG528AK MAXIM-DG528AK Datasheet
115Kb / 12P
   8-Channel Latchable Multiplexers
19-3519; Rev 0; 3/91
More results

Similar Description - DG527AK883B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DG508A RENESAS-DG508A Datasheet
507Kb / 9P
   CMOS Analog Multiplexers
logo
Intersil Corporation
DG508A INTERSIL-DG508A Datasheet
304Kb / 9P
   CMOS Analog Multiplexers
DG506A INTERSIL-DG506A Datasheet
625Kb / 17P
   CMOS Analog Multiplexers
DG506A INTERSIL-DG506A_07 Datasheet
460Kb / 19P
   CMOS Analog Multiplexers
logo
Maxim Integrated Produc...
DG528CJ MAXIM-DG528CJ Datasheet
115Kb / 12P
   8-Channel Latchable Multiplexers
19-3519; Rev 0; 3/91
logo
Vishay Siliconix
DG528 VISHAY-DG528 Datasheet
129Kb / 10P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. C, 15-Nov-93
DG428 VISHAY-DG428_11 Datasheet
179Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. K, 04-Jul-11
DG428 VISHAY-DG428 Datasheet
131Kb / 11P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
logo
Analog Devices
ADG428BRZ AD-ADG428BRZ Datasheet
165Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG428 AD-ADG428 Datasheet
157Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com