Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRF254R Datasheet(PDF) 1 Page - Intersil Corporation

Part # FRF254R
Description  17A, 250V, 0.185 Ohm, Rad Hard, N-Channel Power MOSFETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FRF254R Datasheet(HTML) 1 Page - Intersil Corporation

  FRF254R Datasheet HTML 1Page - Intersil Corporation FRF254R Datasheet HTML 2Page - Intersil Corporation FRF254R Datasheet HTML 3Page - Intersil Corporation FRF254R Datasheet HTML 4Page - Intersil Corporation FRF254R Datasheet HTML 5Page - Intersil Corporation FRF254R Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4-1
FRF254D, FRF254R,
FRF254H
17A, 250V, 0.185 Ohm, Rad Hard,
N-Channel Power MOSFETs
File Number
3232.1
Package
TO-254AA
Symbol
CAUTION: Beryllia Warning per MIL-S-19500
refer to package specifications.
Features
• 17A, 250V, RDS(on) = 0.185
• Second Generation Rad Hard MOSFET Results From New Design Concepts
• Gamma
- Meets Pre-Rad Specifications to 100KRAD(Si)
- Defined End Point Specs at 300KRAD(Si) and 1000KRAD(Si)
- Performance Permits Limited Use to 3000KRAD(Si)
• Gamma Dot
- Survives 3E9RAD(Si)/sec at 80% BVDSS Typically
- Survives 2E12 Typically If Current Limited to IDM
• Photo Current
- 15.0nA Per-RAD(Si)/sec Typically
• Neutron
- Pre-RAD Specifications for 1E13 Neutrons/cm2
- Usable to 1E14 Neutrons/cm2
Description
The Intersil has designed a series of SECOND GENERATION hardened power
MOSFETs of both N and P channel enhancement types with ratings from 100V to
500V, 1A to 60A, and on resistance as low as 25m
Ω. Total dose hardness is
offered at 100K RAD(Si) and 1000KRAD(Si) with neutron hardness ranging from
1E13n/cm2 for 500V product to 1E14n/cm2 for 100V product. Dose rate hardness
(GAMMA DOT) exists for rates to 1E9 without current limiting and 2E12 with cur-
rent limiting.
This MOSFET is an enhancement-mode silicon-gate power field effect transistor of
the vertical DMOS (VDMOS) structure. It is specially designed and processed to
exhibit minimal characteristic changes to total dose (GAMMA) and neutron (no)
exposures. Design and processing efforts are also directed to enhance survival to
heavy ion (SEE) and/or dose rate (GAMMA DOT) exposure.
This part may be supplied as a die or in various packages other than shown above.
Reliability screening is available as either non TX (commercial), TX equivalent of
MIL-S-19500, TXV equivalent of MIL-S-19500, or space equivalent of
MIL-S-19500. Contact the Intersil High-Reliability Marketing group for any desired
deviations from the data sheet.
Absolute Maximum Ratings (TC = +25oC) Unless Otherwise Specified
FRF254D, R, H
UNITS
Drain-Source Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDS
250
V
Drain-Gate Voltage (RGS = 20k
Ω). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR
250
V
Continuous Drain Current
TC = +25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .ID
TC = +100oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .ID
17
11
A
A
Pulsed Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM
51
A
Gate-Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VGS
±20
V
Maximum Power Dissipation
TC = +25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PT
TC = +100oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PT
Derated Above +25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
125
50
1.00
W
W
W/oC
Inductive Current, Clamped, L = 100
µH, (See Test Figure). . . . . . . . . . . . . . . . . . . . . . . . . . ILM
51
A
Continuous Source Current (Body Diode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IS
17
A
Pulsed Source Current (Body Diode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ISM
51
A
Operating And Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJC, TSTG
-55 to +150
oC
Lead Temperature (During Soldering)
Distance > 0.063 in. (1.6mm) From Case, 10s Max. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
300
oC
June 1998
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - FRF254R

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRF250D INTERSIL-FRF250D Datasheet
49Kb / 6P
   23A, 200V, 0.115 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRF250H INTERSIL-FRF250H Datasheet
49Kb / 6P
   23A, 200V, 0.115 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRF250R INTERSIL-FRF250R Datasheet
49Kb / 6P
   23A, 200V, 0.115 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
More results

Similar Description - FRF254R

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRK460D INTERSIL-FRK460D Datasheet
47Kb / 6P
   17A, 500V, 0.400 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRS140D INTERSIL-FRS140D Datasheet
54Kb / 6P
   17A, 100V, 0.145 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRK254D INTERSIL-FRK254D Datasheet
48Kb / 6P
   20A, 250V, 0.170 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRM244D INTERSIL-FRM244D Datasheet
47Kb / 6P
   12A, 250V, 0.400 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRS244D INTERSIL-FRS244D Datasheet
48Kb / 6P
   9A, 250V, 0.415 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRK264D INTERSIL-FRK264D Datasheet
61Kb / 7P
   34A, 250V, 0.120 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRE264D INTERSIL-FRE264D Datasheet
48Kb / 6P
   23A, 250V, 0.130 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRM234D INTERSIL-FRM234D Datasheet
48Kb / 6P
   7A, 250V, 0.70 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRL234D INTERSIL-FRL234D Datasheet
47Kb / 6P
   4A, 250V, 0.700 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRS234D INTERSIL-FRS234D Datasheet
49Kb / 6P
   5A, 250V, 0.715 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com