Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DG408 Datasheet(PDF) 6 Page - Intersil Corporation

Part No. DG408
Description  Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

DG408 Datasheet(HTML) 6 Page - Intersil Corporation

Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Test Circuits and Waveforms
FIGURE 1A. DG408 TEST CIRCUIT
FIGURE 1B. DG409 TEST CIRCUIT
FIGURE 1C. MEASUREMENT POINTS
FIGURE 1. TRANSITION TIME
FIGURE 2A. DG408 TEST CIRCUIT
FIGURE 2B. DG409 TEST CIRCUIT
FIGURE 2C. MEASUREMENT POINTS
FIGURE 2. ENABLE SWITCHING TIMES
EN
A0
DG408
GND
A1
A2
S1
S2 - S7
S8
D
V-
V+
10V
±10V
SWITCH
OUTPUT
VO
35pF
300
50
+15V
+2.4V
-15V
LOGIC
INPUT
EN
DG409
GND
A0
A1
S1B
S1A - S4A, DA
S4B
DB
V-
V+
10V
±10V
SWITCH
OUTPUT
VO
35pF
300
50
+15V
+2.4V
-15V
LOGIC
INPUT
LOGIC
INPUT
SWITCH
OUTPUT
VO
3V
VS1
S1
ON
50%
tr < 20ns
tf < 20ns
tTRANS
50%
0V
0V
VS8
tTRANS
S8 ON
0.8 VS8
0.8 VS1
EN
A0
DG408
GND
A1
A2
S1
S2 - S8
D
V-
V+
-5V
SWITCH
OUTPUT
VO
35pF
300
50
+15V
-15V
LOGIC
INPUT
VIN
EN
A0
DG409
GND
A1
S1B
S1A - S4A
DB
V-
V+
-5V
SWITCH
OUTPUT
Vo
35pF
300
50
+15V
-15V
LOGIC
INPUT
S2B - S4B, DA
VIN
LOGIC
INPUT
SWITCH
OUTPUT
VO
3V
VO
50%
tr < 20ns
tf < 20ns
tON(EN)
0V
50%
tOFF(EN)
0.9 VO
0V
VIN
DG408, DG409


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn