Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTA1270-O Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KTA1270-O
Description  PNP Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KTA1270-O Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KTA1270-O Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KTA1270-O Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIP Type
www.kexin.com.cn
2
Transistors
PNP Transistors
KTA1270
Typical Characterisitics
IC - VCE
COLLECTOR-EMITTER VOLTAGE VCE (V)
0
-1
-2
-100
0
IB - VBE
BASE-EMITTER VOLTAGE VBE (V)
COLLECTOR-EMITTER VOLTAGE VCE (V)
0
-0.2
-0.3
10
1k
-0.3
COLLECTOR CURRENT IC (mA)
hFE - IC
-0.01
-0.5
COLLECTOR CURRENT IC (mA)
VCE(sat) - IC
-3
-4
-5
-200
-300
-400
-500
-600
COMMON
EMITTER
Ta=25 C
I =-1mA
B
-2
-3
-4
-5
-6
-7
-8
-1
-3
-10
-30
-100
-300
-1k
-0.03
-0.05
-0.1
-0.3
-0.5
-1
-3
COMMON EMITTER
I /I =10
C B
Ta=100 C
Ta=25 C
Ta=-25 C
-1
-0.1
SAFE OPERATING AREA
-1
-10
-100
-10
-100
-1000
-10000
-1
-3
-10
-30 -100
-300
-1k
30
50
100
300
500
COMMON EMITTER
Ta=100 C
Ta=25 C
Ta=-25 C
V =-1V
CE
CE
V =-6V
-0.4
-0.6
-0.8
-1.0
-1.2
-30
-1
-3
-10
-100
-300
-1k
-3k
COMMON
EMITTER
V =-6V
CE
0
*SINGLE NONREPETITIVE PULSE Ta=25 C
CURVES MUST BE DERATED
LINEARLY WITH INCREASE IN TEMPERATURE
100mS*
10mS*
1mS*
IC MAX(PULSE)*
IC MAX(CONTINUOUS)
DC DPERATION(Ta=25 C)


Similar Part No. - KTA1270-O

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
KTA1270-O SECOS-KTA1270-O Datasheet
68Kb / 1P
   PNP Plastic Encapsulated Transistor
logo
Micro Commercial Compon...
KTA1270-O MCC-KTA1270-O Datasheet
323Kb / 2P
   PNP Plastic-Encapsulate Transistors
More results

Similar Description - KTA1270-O

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com