Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG308A Datasheet(PDF) 5 Page - Intersil Corporation

Part # DG308A
Description  Quad Monolithic SPST, CMOS Analog Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG308A Datasheet(HTML) 5 Page - Intersil Corporation

  DG308A Datasheet HTML 1Page - Intersil Corporation DG308A Datasheet HTML 2Page - Intersil Corporation DG308A Datasheet HTML 3Page - Intersil Corporation DG308A Datasheet HTML 4Page - Intersil Corporation DG308A Datasheet HTML 5Page - Intersil Corporation DG308A Datasheet HTML 6Page - Intersil Corporation DG308A Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Die Characteristics
DIE DIMENSIONS:
2058
µm x 2109µm
METALLIZATION:
Type: Al
Thickness: 10k
Å
±1kÅ
PASSIVATION:
Type: PSG Over Nitride
PSG Thickness: 7k
Å
±1.4kÅ
Nitride Thickness:8k
Å
±1.2kÅ
WORST CASE CURRENT DENSITY:
9.1 x 104 A/cm2
Metallization Mask Layout
DG308A
PIN 14
S2
PIN 13
V+ (SUBSTRATE)
PIN 11
S3
PIN 10 D3
PIN 9 IN3
PIN 8 IN4
PIN 7 D4
PIN 6
54
PIN 5
GND
PIN 4
V-
PIN 3
S1
PIN 15
D2
PIN 16
IN2
PIN 1
D1
PIN 2
IN1
DG308A


Similar Part No. - DG308A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG308A MAXIM-DG308A Datasheet
51Kb / 4P
   Quad, SPST Analog Switches
19-3926; Rev 0; 3/91
logo
Vishay Siliconix
DG308A VISHAY-DG308A Datasheet
52Kb / 5P
   Quad Monolithic SPST CMOS Analog Switches
Rev. E, 28-Apr-97
logo
Intersil Corporation
DG308A INTERSIL-DG308A Datasheet
187Kb / 7P
   Quad Monolithic SPST, CMOS Analog Switch
logo
Vishay Siliconix
DG308A VISHAY-DG308A Datasheet
99Kb / 6P
   Quad Monolithic SPST CMOS Analog Switches
Rev. F, 11-Jun-07
DG308A VISHAY-DG308A Datasheet
163Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
Rev. G, 28-Feb-11
More results

Similar Description - DG308A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG308A INTERSIL-DG308A_01 Datasheet
187Kb / 7P
   Quad Monolithic SPST, CMOS Analog Switch
logo
Vishay Siliconix
DG271MIL VISHAY-DG271MIL Datasheet
68Kb / 5P
   High-Speed Quad Monolithic SPST CMOS Analog Switch
Rev. G, 23-Aug-99
DG271B VISHAY-DG271B Datasheet
55Kb / 4P
   High-Speed Quad Monolithic SPST CMOS Analog Switch
Rev. B, 15-Nov-04
DG271B VISHAY-DG271B_V01 Datasheet
156Kb / 9P
   High-Speed Quad Monolithic SPST CMOS Analog Switch
01-Jan-2022
DG271BDY VISHAY-DG271BDY Datasheet
67Kb / 5P
   High-Speed Quad Monolithic SPST CMOS Analog Switch
Rev. B, 15-Nov-04
logo
Intersil Corporation
DG201 INTERSIL-DG201 Datasheet
85Kb / 7P
   CMOS Quad SPST Analog Switch
January 2000
logo
Maxim Integrated Produc...
HI-201 MAXIM-HI-201 Datasheet
199Kb / 8P
   Quad SPST CMOS Analog Switch
logo
Intersil Corporation
DG201 INTERSIL-DG201_01 Datasheet
173Kb / 7P
   CMOS Quad SPST Analog Switch
logo
Renesas Technology Corp
HI-201 RENESAS-HI-201 Datasheet
561Kb / 11P
   Quad SPST CMOS Analog Switch
April 9, 2012
logo
Analog Devices
AD7516 AD-AD7516_15 Datasheet
730Kb / 2P
   CMOS QUAD SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com