Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


FZT953_15 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part No. FZT953_15
Description  PNP Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Homepage  www.chinakexin.com/
Logo 

   
 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
FZT953 (KZT953)
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= -100 μA, IE=0
-140
VCER
Ic= -1uA,RB≤1KΩ
-140
VCEO
Ic= -10 mA, IB=0
-100
Emitter - base breakdown voltage
VEBO
IE= -100μA, IC=0
-6
VCB= -100 V , IE=0
-50
nA
VCB= -100 V , IE=0 ,Ta = 100℃
-1
uA
VCB= -100 V , IE=0
-50
nA
VCB= -100 V , IE=0 ,Ta = 100℃
-1
uA
Emitter cut-off current
IEBO
VEB= -6V , IC=0
-10
nA
IC=-100mA, IB=-10mA
(Note.1)
-50
IC=-1 A, IB=-100mA
(Note.1)
-115
IC=-2 A, IB= -200mA
(Note.1)
-220
IC=-4 A, IB=-400mA
(Note.1)
-420
Base - emitter saturation voltage
VBE(sat) IC=-4 A, IB=-400mA
(Note.1)
-1.17
Base-Emitter Turn-On Voltage
VBE(on) VCE= -1V, IC= -4A (Note.1)
-1.16
hFE(1)
VCE= -1V, IC= -10mA
100
hFE(2)
VCE= -1V, IC= -1A
100
300
hFE(3)
VCE= -1V, IC= -3 A
50
hFE(4)
VCE= -1V, IC= -4 A
30
hFE(5)
VCE= -1V, IC= -10 A
15
ton
110
toff
460
Collector output capacitance
Cob
VCB= -10V, f=1MHz
(Note.1)
65
pF
Transition frequency
fT
VCE= -10V, IC= -100mA,f=50MHz
125
MHz
Switching Times
IC=-2A, IB1=-200mA
IB2=200mA, VCC=-10V
ns
ICER
Collector-emitter cut-off current
(R≤1KΩ)
Collector-emitter saturation voltage
VCE(sat)
DC current gain
(Note.1)
V
Collector-base cut-off current
ICBO
Collector- emitter breakdown voltage
mV
V
Note.1: Pulse width=300 us. Duty cycle ≤ 2%




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl