Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


FZT953_15 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part No. FZT953_15
Description  PNP Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Homepage  www.chinakexin.com/
Logo 

   
 1 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
PNP Transistors
FZT953 (KZT953)
Features
Collector Current Capability IC=-5A
Collector Emitter Voltage VCEO=-100V
Complementary to FZT853
0.70±0.1
4.60 (typ)
6.50±0.2
3.00±0.1
2.30 (typ)
SOT-223
Unit:mm
1.Base
2.Collector
3.Emitter
4.Collector
4
1
2
3
0.250
Gauge Plane
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
-140
Collector - Emitter Voltage
VCEO
-100
Emitter - Base Voltage
VEBO
-6
Collector Current - Continuous
IC
-5
Collector Current - Pulse
ICP
-10
Collector Power Dissipation
PC
3
W
Junction Temperature
TJ
150
Storage Temperature range
Tstg
-55 to 150
V
A




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl