Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPB1005K Datasheet(PDF) 10 Page - NEC

Part # UPB1005K
Description  REFERENCE FREQUENCY 16.368 MHz, 2ND IF FREQUENCY 4.092 MHz RF/IF FREQUENCY DOWN-CONVERTER PLL FREQUENCY SYNTHESIZER IC FOR GPS RECEIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPB1005K Datasheet(HTML) 10 Page - NEC

Back Button UPB1005K Datasheet HTML 6Page - NEC UPB1005K Datasheet HTML 7Page - NEC UPB1005K Datasheet HTML 8Page - NEC UPB1005K Datasheet HTML 9Page - NEC UPB1005K Datasheet HTML 10Page - NEC UPB1005K Datasheet HTML 11Page - NEC UPB1005K Datasheet HTML 12Page - NEC UPB1005K Datasheet HTML 13Page - NEC UPB1005K Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Preliminary Data Sheet P14016EJ1V0DS00
10
µµµµPB1005K
TEST CIRCUIT
PD
123
4
5
6
7
8
9
27
Signal Generator
Signal Generator
Signal Generator
Signal Generator
28
29
30
31
32
33
34
35
36
18
17
16
15
14
13
12
11
10
26
25
24
23
22
21
20
19
C4
C2
C1
C5
C6
C7
C8
R3
R5
Spectrum
Analyzer
Spectrum
Analyzer
Spectrum
Analyzer
Osillo-
scope
Osillo-
scope
R4
R2
L
C9
C10
C11
C12
C13
C14
C15
C16
C18
C17
C19
C20
V-Di
R1
50
50
50
50
VCC
C3
VCC
VCC
VCC
VCC
VCC
C23
VCC
C22
C21
R6
To get maximum gain.
Apply 1.0V MAX.
÷2
÷8
÷25
Spectrum Analyzer : measure frequency
Oscilloscope : measure output voltage swing
Component List
Form
Symbol
Value
C1 to C5, C8, C11 to C15, C17, C18, C22
1 000 pF
C6, C7
24 pF (UJ)
C9
1800 pF
C10
33 nF
C19
10 000 pF
C23
1
µF
C16, C20
0.1
µF
Chip capacitor
C21
0.01
µF
R1, R2
4.7 k
R3
6.2 k
R4
1.2 k
Chip resistor
R5, R6
1.95 k
Varactor Diode
V-Di
1SV285
Chip Inductor
L
3.9 nH


Similar Part No. - UPB1005K

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPB1005K RENESAS-UPB1005K Datasheet
510Kb / 29P
   BIPOLAR ANALOG DIGITAL INTEGRATED CIRCUIT
2002
UPB1005K RENESAS-UPB1005K Datasheet
367Kb / 27P
   BIPOLAR ANALOG DIGITAL INTEGRATED CIRCUIT
2003
More results

Similar Description - UPB1005K

ManufacturerPart #DatasheetDescription
logo
NEC
UPB1005GS NEC-UPB1005GS Datasheet
164Kb / 9P
   REFERENCE FREQUENCY 16.368 MHz, 2ND IF FREQUENCY 4.092 MHz RF/IF FREQUENCY DOWN-CONVERTER PLL FREQUENCY SYNTHESIZER IC FOR GPS RECEIVER
logo
Infineon Technologies A...
PMB2347 INFINEON-PMB2347 Datasheet
578Kb / 35P
   RF/IF Double PLL Frequency Synthesizer
Version 1.1 August 1999
logo
Fujitsu Component Limit...
MB15C100 FUJITSU-MB15C100 Datasheet
285Kb / 28P
   IF Band PLL Frequency Synthesizer
MB15C103 FUJITSU-MB15C103 Datasheet
150Kb / 16P
   IF Band PLL Frequency Synthesizer
MB15C101 FUJITSU-MB15C101 Datasheet
151Kb / 17P
   IF Band PLL Frequency Synthesizer
logo
Infineon Technologies A...
PMB2349 INFINEON-PMB2349 Datasheet
670Kb / 35P
   Optimized RF/IF Dual PLL Frequency Synthesizer
Version 1.0 May 2000
logo
Motorola, Inc
MC2800SYNEVK MOTOROLA-MC2800SYNEVK Datasheet
261Kb / 11P
   FLEX Paging RF/IF Frequency Synthesizer Receiver
logo
National Semiconductor ...
LMX2364 NSC-LMX2364 Datasheet
694Kb / 39P
   2.6 GHz PLLatinum Fractional RF Frequency Synthesizer with 850 MHz Integer IF Frequency Synthesizer
logo
Analog Devices
ADF4212 AD-ADF4212_15 Datasheet
252Kb / 20P
   Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4210 AD-ADF4210 Datasheet
251Kb / 20P
   Dual RF/IF PLL Frequency Synthesizers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com