Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDP68HC68T1E Datasheet(PDF) 3 Page - Intersil Corporation

Part # CDP68HC68T1E
Description  CMOS Serial Real-Time Clock With RAM and Power Sense/Control
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP68HC68T1E Datasheet(HTML) 3 Page - Intersil Corporation

  CDP68HC68T1E Datasheet HTML 1Page - Intersil Corporation CDP68HC68T1E Datasheet HTML 2Page - Intersil Corporation CDP68HC68T1E Datasheet HTML 3Page - Intersil Corporation CDP68HC68T1E Datasheet HTML 4Page - Intersil Corporation CDP68HC68T1E Datasheet HTML 5Page - Intersil Corporation CDP68HC68T1E Datasheet HTML 6Page - Intersil Corporation CDP68HC68T1E Datasheet HTML 7Page - Intersil Corporation CDP68HC68T1E Datasheet HTML 8Page - Intersil Corporation CDP68HC68T1E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
Operating Current (Note 3)
VDD = 5V, VB = 3V
Crystal Operation
ID
IB
ID
IS
mA
32kHz
-
25
15
30
20
1MHz
-
0.08
0.15
0.1
0.18
2MHz
-
0.15
0.25
0.18
0.3
4MHz
-
0.3
0.4
0.36
0.5
Standby Current (Note 3)
IB
VB = 2.2V
Crystal Operation
32kHz
-
10
12
µA
Input Capacitance
CIN
VIN = 0, TA = 25
oC-
-
2
pF
Maximum Rise and Fall Times
tr, tf
(Except XTAL Input and POR Pin 10)
--
2
µs
Input Voltage (Line Input Pin Only, Power Sense Mode)
0
10
12
V
VSYS > VB
VT
(For VB Not Internally Connected to VDD)
-
0.7
-
V
Power-On Reset (POR) Pulse Width
100
75
-
ns
NOTES:
2. Typical values are for TA = 25
oC and nominal V
DD.
3. Clock out (Pin 1) disabled, outputs open circuited. No serial access cycles.
Static Electrical Specifications At TA = -40oC to +85oC, VDD = VBATT = 5V ±5%, except as noted. (Continued)
PARAMETER
CONDITIONS
LIMITS
UNITS
CDP68HC68T1
MIN
(NOTE 2)
TYP
MAX
CDP68HC68T1


Similar Part No. - CDP68HC68T1E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP68HC68T1E INTERSIL-CDP68HC68T1E Datasheet
474Kb / 24P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
CDP68HC68T1E INTERSIL-CDP68HC68T1E Datasheet
400Kb / 23P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
logo
Renesas Technology Corp
CDP68HC68T1E RENESAS-CDP68HC68T1E Datasheet
1Mb / 24P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
logo
Intersil Corporation
CDP68HC68T1EZ INTERSIL-CDP68HC68T1EZ Datasheet
474Kb / 24P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
CDP68HC68T1EZ INTERSIL-CDP68HC68T1EZ Datasheet
400Kb / 23P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
More results

Similar Description - CDP68HC68T1E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP68HC68T1 INTERSIL-CDP68HC68T1_07 Datasheet
400Kb / 23P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
CDP68HC68T1 INTERSIL-CDP68HC68T1_06 Datasheet
474Kb / 24P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
logo
Renesas Technology Corp
CDP68HC68T1 RENESAS-CDP68HC68T1 Datasheet
1Mb / 24P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
logo
Dallas Semiconductor
DS14285 DALLAS-DS14285 Datasheet
303Kb / 25P
   Real Time Clock with NV RAM Control
logo
Motorola, Inc
MC68HC68T1 MOTOROLA-MC68HC68T1 Datasheet
342Kb / 26P
   Real-Time Clock plus RAM with Serial Interface
logo
Dallas Semiconductor
DS14285 DALLAS-DS14285_05 Datasheet
481Kb / 26P
   Real-Time Clock with NV RAM
logo
RICOH electronics devic...
RP5C01A RICOH-RP5C01A Datasheet
124Kb / 10P
   REAL-TIME CLOCK WITH INTERNAL RAM
logo
Dallas Semiconductor
DS1337 DALLAS-DS1337 Datasheet
364Kb / 13P
   Serial Real-Time Clock
logo
STMicroelectronics
M41T0 STMICROELECTRONICS-M41T0_08 Datasheet
185Kb / 22P
   Serial real-time clock
M41T0 STMICROELECTRONICS-M41T0_11 Datasheet
310Kb / 23P
   Serial real-time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com