Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDP1882D Datasheet(PDF) 1 Page - Intersil Corporation

Part # CDP1882D
Description  CMOS 6-Bit Latch and Decoder Memory Interfaces
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1882D Datasheet(HTML) 1 Page - Intersil Corporation

  CDP1882D Datasheet HTML 1Page - Intersil Corporation CDP1882D Datasheet HTML 2Page - Intersil Corporation CDP1882D Datasheet HTML 3Page - Intersil Corporation CDP1882D Datasheet HTML 4Page - Intersil Corporation CDP1882D Datasheet HTML 5Page - Intersil Corporation CDP1882D Datasheet HTML 6Page - Intersil Corporation CDP1882D Datasheet HTML 7Page - Intersil Corporation CDP1882D Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
4-1
CDP1881C,
CDP1882, CDP1882C
CMOS 6-Bit Latch
and Decoder Memory Interfaces
Features
• Performs Memory Address Latch and Decoder
Functions Multiplexed or Non-Multiplexed
• Decodes Up to 16K Bytes of Memory
• Interfaces Directly with CDP1800-Series Microproces-
sors at Maximum Clock Frequency
• Can Replace CDP1866 and CDP1867 (Upward Speed
and Function Capability)
Ordering Information
Description
The CDP1881C, CDP1882 and CDP1882C are CMOS 6-bit
memory latch and decoder circuits intended for use in
CDP1800 series microprocessor systems. They can inter-
face directly with the multiplexed address bus of this system
at maximum clock frequency, and up to four 4K x 8-bit mem-
ories to provide a 16K byte memory system. With four 2K x
8-bit memories an 8K byte system can be decoded.
The devices are also compatible with non-multiplexed
address bus microprocessors. By connecting the clock input
to VDD, the latches are in the data-following mode and the
decoded outputs can be used in general purpose memory-
system applications.
The CDP1881C, CDP1882 and CDP1882C are intended for
use with 2K or 4K byte RAMs and are identical except that in
the CDP1882 MWR and MRD are excluded.
The CDP1882 is functionally identical to the CDP1882C. It
differs in that the CDP1882 has recommended operating
voltage range of 4V to 10.5V and the C version has a recom-
mended operating voltage range of 4V to 6.5V.
The CDP1881C, CDP1882 and CDP1882C are supplied in
20
lead
and
18
lead
packages,
respectively.
The
CDP1881C is supplied only in a dual-in-line plastic pack-
age (E suffix). The CDP1882 is supplied in dual-in-line,
hermetic side-brazed ceramic (D suffix) and in plastic (E
suffix) packages.
Pinouts
CDP1881C
(PDIP)
TOP VIEW
CDP1882, CDP1882C
(PDIP, CERDIP)
TOP VIEW
PACKAGE
5V
10V
TEMP.
RANGE
(oC)
PKG.
NO.
PDIP
CDP1881CE
-
-40 to +85
E20.3
PDIP
CDP1882CE
-
-40 to +85
E18.3
PDIP
Burn-In
CDP1882CEX
-
-40 to +85
E18.3
SBDIP
-
CDP1882D
-40 to +85
D18.3
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
CLOCK
MA5
MA4
MA3
MA2
MA1
MRD
MA0
MWR
VSS
VDD
A9
A10
A11
A8
CS0
CS1
CS2
CS3
CE
10
11
12
13
14
15
16
17
18
9
8
7
6
5
4
3
2
1
VDD
A9
A10
A11
CS0
CS1
CS2
A8
CS3
CLOCK
MA5
MA4
MA3
MA2
MA1
CE
MA0
VSS
File Number
1367.2
March 1997
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - CDP1882D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1883 INTERSIL-CDP1883 Datasheet
32Kb / 6P
   CMOS 7-Bit Latch and Decoder Memory Interfaces
March 1997
CDP1883 INTERSIL-CDP1883 Datasheet
124Kb / 7P
   CMOS 7-Bit Latch and Decoder Memory Interfaces
CDP1883C INTERSIL-CDP1883C Datasheet
32Kb / 6P
   CMOS 7-Bit Latch and Decoder Memory Interfaces
March 1997
CDP1883C INTERSIL-CDP1883C Datasheet
124Kb / 7P
   CMOS 7-Bit Latch and Decoder Memory Interfaces
CDP1883CE INTERSIL-CDP1883CE Datasheet
32Kb / 6P
   CMOS 7-Bit Latch and Decoder Memory Interfaces
March 1997
More results

Similar Description - CDP1882D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1883 INTERSIL-CDP1883 Datasheet
32Kb / 6P
   CMOS 7-Bit Latch and Decoder Memory Interfaces
March 1997
CDP1883 INTERSIL-CDP1883_1 Datasheet
124Kb / 7P
   CMOS 7-Bit Latch and Decoder Memory Interfaces
logo
NXP Semiconductors
MWCT101XSF NXP-MWCT101XSF Datasheet
1Mb / 65P
   Memory and memory interfaces
Rev. 3, 12/2019
logo
ON Semiconductor
MC10E150 ONSEMI-MC10E150 Datasheet
103Kb / 4P
   6-BIT D LATCH
1996 REV 2
logo
Micrel Semiconductor
SY10E150 MICREL-SY10E150_06 Datasheet
62Kb / 4P
   6-BIT D LATCH
SY10E150 MICREL-SY10E150 Datasheet
60Kb / 4P
   6-BIT D LATCH
logo
ON Semiconductor
MC74LVX259 ONSEMI-MC74LVX259_14 Datasheet
130Kb / 9P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
August, 2014 ??Rev. 4
MC74LVX259 ONSEMI-MC74LVX259 Datasheet
178Kb / 11P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
April, 2001 ??Rev. 1
MC74VHC259 ONSEMI-MC74VHC259 Datasheet
118Kb / 8P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
April, 2001 ??Rev. 2
MC74VHCT259A ONSEMI-MC74VHCT259A_14 Datasheet
110Kb / 9P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
October, 2014 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com