Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDP68HC68T1 Datasheet(PDF) 16 Page - Intersil Corporation

Part # CDP68HC68T1
Description  CMOS Serial Real-Time Clock With RAM and Power Sense/Control
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP68HC68T1 Datasheet(HTML) 16 Page - Intersil Corporation

Back Button CDP68HC68T1 Datasheet HTML 12Page - Intersil Corporation CDP68HC68T1 Datasheet HTML 13Page - Intersil Corporation CDP68HC68T1 Datasheet HTML 14Page - Intersil Corporation CDP68HC68T1 Datasheet HTML 15Page - Intersil Corporation CDP68HC68T1 Datasheet HTML 16Page - Intersil Corporation CDP68HC68T1 Datasheet HTML 17Page - Intersil Corporation CDP68HC68T1 Datasheet HTML 18Page - Intersil Corporation CDP68HC68T1 Datasheet HTML 19Page - Intersil Corporation CDP68HC68T1 Datasheet HTML 20Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16
Dynamic Electrical Specifications
Bus Timing VDD ±10%, VSS = 0VDC, TA = 40
oC to 85oC
IDENT. NO
PARAMETER
LIMITS (ALL TYPES)
UNITS
VDD = 3.3V
VDD = 5V
MIN
MAX
MIN
MAX
1
Chip Enable Setup Time
tEVCV
200
-
100
-
ns
2
Chip Enable After Clock Hold Time
tCVEX
250
-
125
-
ns
3
Clock Width High
tWH
400
-
200
-
ns
4
Clock Width Low
tWL
400
-
200
-
ns
5
Data In to Clock Setup Time
tDVCV
200
-
100
-
ns
7
Clock to Data Propagation Delay
tCVDV
-
200
-
100
ns
8
Chip Disable to Output High Z
tEXQZ
-
200
-
100
ns
11
Output Rise Time
tr
-
200
-
100
ns
12
Output Fall Time
tf
-
200
-
100
ns
A
Data in After Clock Hold Time
tCVDX
200
-
100
-
ns
B
Clock to Data Out Active
tCVQX
-
200
-
100
ns
C
Clock Recovery Time
tREC
200
-
200
-
ns
CDP68HC68T1


Similar Part No. - CDP68HC68T1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP68HC68T1 INTERSIL-CDP68HC68T1 Datasheet
474Kb / 24P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
CDP68HC68T1 INTERSIL-CDP68HC68T1 Datasheet
400Kb / 23P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
logo
Renesas Technology Corp
CDP68HC68T1 RENESAS-CDP68HC68T1 Datasheet
1Mb / 24P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
logo
Intersil Corporation
CDP68HC68T1E INTERSIL-CDP68HC68T1E Datasheet
474Kb / 24P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
CDP68HC68T1E INTERSIL-CDP68HC68T1E Datasheet
400Kb / 23P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
More results

Similar Description - CDP68HC68T1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP68HC68T1 INTERSIL-CDP68HC68T1_07 Datasheet
400Kb / 23P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
CDP68HC68T1 INTERSIL-CDP68HC68T1_06 Datasheet
474Kb / 24P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
logo
Renesas Technology Corp
CDP68HC68T1 RENESAS-CDP68HC68T1 Datasheet
1Mb / 24P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
logo
Dallas Semiconductor
DS14285 DALLAS-DS14285 Datasheet
303Kb / 25P
   Real Time Clock with NV RAM Control
logo
Motorola, Inc
MC68HC68T1 MOTOROLA-MC68HC68T1 Datasheet
342Kb / 26P
   Real-Time Clock plus RAM with Serial Interface
logo
Dallas Semiconductor
DS14285 DALLAS-DS14285_05 Datasheet
481Kb / 26P
   Real-Time Clock with NV RAM
logo
RICOH electronics devic...
RP5C01A RICOH-RP5C01A Datasheet
124Kb / 10P
   REAL-TIME CLOCK WITH INTERNAL RAM
logo
Dallas Semiconductor
DS1337 DALLAS-DS1337 Datasheet
364Kb / 13P
   Serial Real-Time Clock
logo
STMicroelectronics
M41T0 STMICROELECTRONICS-M41T0_08 Datasheet
185Kb / 22P
   Serial real-time clock
M41T0 STMICROELECTRONICS-M41T0_11 Datasheet
310Kb / 23P
   Serial real-time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com