Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDP6872H Datasheet(PDF) 7 Page - Intersil Corporation

Part # CDP6872H
Description  Low Power Crystal Oscillator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP6872H Datasheet(HTML) 7 Page - Intersil Corporation

Back Button CDP6872H Datasheet HTML 3Page - Intersil Corporation CDP6872H Datasheet HTML 4Page - Intersil Corporation CDP6872H Datasheet HTML 5Page - Intersil Corporation CDP6872H Datasheet HTML 6Page - Intersil Corporation CDP6872H Datasheet HTML 7Page - Intersil Corporation CDP6872H Datasheet HTML 8Page - Intersil Corporation CDP6872H Datasheet HTML 9Page - Intersil Corporation CDP6872H Datasheet HTML 10Page - Intersil Corporation CDP6872H Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
CDP6872
Die Characteristics
DIE DIMENSIONS:
68 x 64 x 14
± 1mils
METALLIZATION:
Type: Si - Al
Thickness: 10k
Å
± 1kÅ
GLASSIVATION:
Type: Nitride (Si3N4) Over Silox (SiO2, 3% Phos)
Silox Thickness: 7k
Å
± 1kÅ
Nitride Thickness: 8k
Å
± 1kÅ
DIE ATTACH:
Material: Silver Epoxy - Plastic DIP and SOIC
SUBSTRATE POTENTIAL: VSS
Metallization Mask Layout
CDP6872
CRYSTAL (2)
CRYSTAL (3)
(6) FREQ 1
(7) FREQ 2


Similar Part No. - CDP6872H

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
CDP6805E2CE INNOVASIC-CDP6805E2CE Datasheet
286Kb / 31P
   Microprocessor Unit
CDP6805E2CE INNOVASIC-CDP6805E2CE Datasheet
344Kb / 33P
   Microprocessor Unit
CDP6805E2CQ INNOVASIC-CDP6805E2CQ Datasheet
286Kb / 31P
   Microprocessor Unit
CDP6805E2CQ INNOVASIC-CDP6805E2CQ Datasheet
344Kb / 33P
   Microprocessor Unit
CDP6805E2E INNOVASIC-CDP6805E2E Datasheet
286Kb / 31P
   Microprocessor Unit
More results

Similar Description - CDP6872H

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
DQXO-3 STATEK-DQXO-3 Datasheet
57Kb / 2P
   Low Power Crystal Oscillator
LQXO-4 STATEK-LQXO-4 Datasheet
58Kb / 2P
   Low Power Crystal Oscillator
LXO STATEK-LXO Datasheet
73Kb / 2P
   Low Power Crystal Oscillator
LXOM STATEK-LXOM Datasheet
58Kb / 2P
   Low Power Crystal Oscillator
LXO1 STATEK-LXO1_08 Datasheet
106Kb / 2P
   Low Power Crystal Oscillator
LXOAT STATEK-LXOAT Datasheet
116Kb / 2P
   Low Power Crystal Oscillator
LXOM-AT STATEK-LXOM-AT Datasheet
57Kb / 2P
   Low Power Crystal Oscillator
LXOM STATEK-LXOM_10 Datasheet
117Kb / 2P
   Low Power Crystal Oscillator
LXO-AT STATEK-LXO-AT Datasheet
58Kb / 2P
   Low Power Crystal Oscillator
logo
EUROQUARTZ limited
LXOM-AT EUROQUARTZ-LXOM-AT Datasheet
131Kb / 1P
   Low Power Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com