Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPB1005GS Datasheet(PDF) 4 Page - NEC

Part # UPB1005GS
Description  REFERENCE FREQUENCY 16.368 MHz, 2ND IF FREQUENCY 4.092 MHz RF/IF FREQUENCY DOWN-CONVERTER PLL FREQUENCY SYNTHESIZER IC FOR GPS RECEIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPB1005GS Datasheet(HTML) 4 Page - NEC

  UPB1005GS Datasheet HTML 1Page - NEC UPB1005GS Datasheet HTML 2Page - NEC UPB1005GS Datasheet HTML 3Page - NEC UPB1005GS Datasheet HTML 4Page - NEC UPB1005GS Datasheet HTML 5Page - NEC UPB1005GS Datasheet HTML 6Page - NEC UPB1005GS Datasheet HTML 7Page - NEC UPB1005GS Datasheet HTML 8Page - NEC UPB1005GS Datasheet HTML 9Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Data Sheet P13860EJ3V0DS00
4
µµµµPB1005GS
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Conditions
Ratings
Unit
Supply Voltage
VCC
TA = +25
°C3.6
V
Total Circuit Current
ICC
TA = +25
°C
128
mA
Power Dissipation
PD
Mounted on double-sided copper clad
50
× 50 × 1.6 mm epoxy glass PWB at TA = +85°C
464
mW
Operating Ambient Temperature
TA
−40 to +85
°C
Storage Temperature
Tstg
−55 to +150
°C
RECOMMENDED OPERATING RANGE
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Supply Voltage
VCC
2.7
3.0
3.3
V
Operating Ambient Temperature
TA
−40
+25
+85
°C
RF Input Frequency
fRFin
1575.42
MHz
1stLO Oscillating Frequency
f1stLOin
1616.80
1636.80
1656.80
MHz
1stIF Input Frequency
f1stIFin
61.380
MHz
2ndLO Input Frequency
f2ndLOin
65.472
MHz
2ndIF Input/output Frequency
f2ndIFin
f2ndIFout
4.092
MHz
Reference Input/output Frequency
fREFin
fREFout
16.368
MHz


Similar Part No. - UPB1005GS

ManufacturerPart #DatasheetDescription
logo
NEC
UPB1005GS NEC-UPB1005GS Datasheet
120Kb / 16P
   REFERENCE FREQUENCY 16.368 MHz, 2ND IF FREQUENCY 4.092 MHz RF/IF FREQUENCY DOWN-CONVERTER PLL FREQUENCY SYNTHESIZER IC FOR GPS RECEIVER
logo
Renesas Technology Corp
UPB1005GS RENESAS-UPB1005GS Datasheet
510Kb / 29P
   BIPOLAR ANALOG DIGITAL INTEGRATED CIRCUIT
2002
More results

Similar Description - UPB1005GS

ManufacturerPart #DatasheetDescription
logo
NEC
UPB1005K NEC-UPB1005K Datasheet
120Kb / 16P
   REFERENCE FREQUENCY 16.368 MHz, 2ND IF FREQUENCY 4.092 MHz RF/IF FREQUENCY DOWN-CONVERTER PLL FREQUENCY SYNTHESIZER IC FOR GPS RECEIVER
logo
Infineon Technologies A...
PMB2347 INFINEON-PMB2347 Datasheet
578Kb / 35P
   RF/IF Double PLL Frequency Synthesizer
Version 1.1 August 1999
logo
Fujitsu Component Limit...
MB15C100 FUJITSU-MB15C100 Datasheet
285Kb / 28P
   IF Band PLL Frequency Synthesizer
MB15C103 FUJITSU-MB15C103 Datasheet
150Kb / 16P
   IF Band PLL Frequency Synthesizer
MB15C101 FUJITSU-MB15C101 Datasheet
151Kb / 17P
   IF Band PLL Frequency Synthesizer
logo
Infineon Technologies A...
PMB2349 INFINEON-PMB2349 Datasheet
670Kb / 35P
   Optimized RF/IF Dual PLL Frequency Synthesizer
Version 1.0 May 2000
logo
Motorola, Inc
MC2800SYNEVK MOTOROLA-MC2800SYNEVK Datasheet
261Kb / 11P
   FLEX Paging RF/IF Frequency Synthesizer Receiver
logo
National Semiconductor ...
LMX2364 NSC-LMX2364 Datasheet
694Kb / 39P
   2.6 GHz PLLatinum Fractional RF Frequency Synthesizer with 850 MHz Integer IF Frequency Synthesizer
logo
Analog Devices
ADF4212 AD-ADF4212_15 Datasheet
252Kb / 20P
   Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4210 AD-ADF4210 Datasheet
251Kb / 20P
   Dual RF/IF PLL Frequency Synthesizers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com