Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDP6872E Datasheet(PDF) 11 Page - Intersil Corporation

Part # CDP6872E
Description  Low Power Crystal Oscillator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP6872E Datasheet(HTML) 11 Page - Intersil Corporation

Back Button CDP6872E Datasheet HTML 7Page - Intersil Corporation CDP6872E Datasheet HTML 8Page - Intersil Corporation CDP6872E Datasheet HTML 9Page - Intersil Corporation CDP6872E Datasheet HTML 10Page - Intersil Corporation CDP6872E Datasheet HTML 11Page - Intersil Corporation CDP6872E Datasheet HTML 12Page - Intersil Corporation CDP6872E Datasheet HTML 13Page - Intersil Corporation CDP6872E Datasheet HTML 14Page - Intersil Corporation CDP6872E Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
CDP6872
FIGURE 23. DUTY CYCLE vs TEMPERATURE
FIGURE 24. DUTY CYCLE vs TEMPERATURE
FIGURE 25. DUTY CYCLE vs FREQUENCY
FIGURE 26. DUTY CYCLE vs FREQUENCY
FIGURE 27. DUTY CYCLE vs FREQUENCY
FIGURE 28. DUTY CYCLE vs FREQUENCY
Typical Performance Curves (Continued)
-100
-50
0
50
100
150
30
35
40
45
50
55
60
FIN = 5MHz, F1 = 0, F2 = 0, CL = 30pF, VCC = 5V
TEMPERATURE (oC)
XTAL AT +25
oC
GENERATOR
(1VP-P)
-100
-50
0
50
100
150
10
20
30
40
50
60
70
FIN = 100kHz, F1 = 1, F2 = 1, CL = 30pF, VCC = 5V
TEMPERATURE (oC)
GENERATOR
(1VP-P)
XTAL AT +25
oC
0
45
50
55
60
65
70
F1 = F2 = 0, VDD = 5V, CL = 18pF, C1 = C2 = 0
FREQUENCY (MHz)
15
20
510
DATA COLLECTED USING CRYSTALS
AT EACH FREQUENCY
F1 = 0, F2 = 0 RECOMMENDED FOR 5MHz TO 10MHz RANGE
0
45
50
55
60
65
70
F1 = 0, F2 = 1, VDD = 5V, CL = 18pF, C1 = C2 = 0
FREQUENCY (MHz)
79
46
123
5
8
40
DATA COLLECTED USING CRYSTALS
AT EACH FREQUENCY
F1 = 0, F2 = 1 RECOMMENDED FOR 1MHz TO 5MHz RANGE
0
40
45
50
55
60
65
F1 = 1, F2 = 0, VDD = 5V, CL = 18pF, C1 = C2 = 0
FREQUENCY (kHz)
1500
2000
500
1000
2500
3000
3500
DATA COLLECTED USING CRYSTALS
AT EACH FREQUENCY
F1 = 1, F2 = 0 RECOMMENDED FOR 100kHz TO 1MHz RANGE
0
42
43
44
45
46
47
F1 = F2 = 1, VDD = 5V, CL = 18pF, C1 = C2 = 0
FREQUENCY (kHz)
150
200
50
100
41
40
DATA COLLECTED USING CRYSTALS
AT EACH FREQUENCY
F1 = 1, F2 = 1 RECOMMENDED
FOR 10kHz TO 100kHz RANGE
†Refer to Test Circuit (Figure 1).


Similar Part No. - CDP6872E

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
CDP6805E2CE INNOVASIC-CDP6805E2CE Datasheet
286Kb / 31P
   Microprocessor Unit
CDP6805E2CE INNOVASIC-CDP6805E2CE Datasheet
344Kb / 33P
   Microprocessor Unit
CDP6805E2CQ INNOVASIC-CDP6805E2CQ Datasheet
286Kb / 31P
   Microprocessor Unit
CDP6805E2CQ INNOVASIC-CDP6805E2CQ Datasheet
344Kb / 33P
   Microprocessor Unit
CDP6805E2E INNOVASIC-CDP6805E2E Datasheet
286Kb / 31P
   Microprocessor Unit
More results

Similar Description - CDP6872E

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
DQXO-3 STATEK-DQXO-3 Datasheet
57Kb / 2P
   Low Power Crystal Oscillator
LQXO-4 STATEK-LQXO-4 Datasheet
58Kb / 2P
   Low Power Crystal Oscillator
LXO STATEK-LXO Datasheet
73Kb / 2P
   Low Power Crystal Oscillator
LXOM STATEK-LXOM Datasheet
58Kb / 2P
   Low Power Crystal Oscillator
LXO1 STATEK-LXO1_08 Datasheet
106Kb / 2P
   Low Power Crystal Oscillator
LXOAT STATEK-LXOAT Datasheet
116Kb / 2P
   Low Power Crystal Oscillator
LXOM-AT STATEK-LXOM-AT Datasheet
57Kb / 2P
   Low Power Crystal Oscillator
LXOM STATEK-LXOM_10 Datasheet
117Kb / 2P
   Low Power Crystal Oscillator
LXO-AT STATEK-LXO-AT Datasheet
58Kb / 2P
   Low Power Crystal Oscillator
logo
EUROQUARTZ limited
LXOM-AT EUROQUARTZ-LXOM-AT Datasheet
131Kb / 1P
   Low Power Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com