Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDP1871AC Datasheet(PDF) 8 Page - Intersil Corporation

Part # CDP1871AC
Description  CMOS Keyboard Encoder
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1871AC Datasheet(HTML) 8 Page - Intersil Corporation

Back Button CDP1871AC Datasheet HTML 2Page - Intersil Corporation CDP1871AC Datasheet HTML 3Page - Intersil Corporation CDP1871AC Datasheet HTML 4Page - Intersil Corporation CDP1871AC Datasheet HTML 5Page - Intersil Corporation CDP1871AC Datasheet HTML 6Page - Intersil Corporation CDP1871AC Datasheet HTML 7Page - Intersil Corporation CDP1871AC Datasheet HTML 8Page - Intersil Corporation CDP1871AC Datasheet HTML 9Page - Intersil Corporation CDP1871AC Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
4-73
and read by the CPU, at which time the next key pressed in
the scanning order is detected. If the first key remains closed
after the CPU reads the data and resets the DA output, on
the low-to-high transition of TPB, an auxiliary signal (RPT) is
generated and is available to the CPU to indicate an auto-
repeat condition. The RPT output is reset high at the end of
the debounce delay after the depressed key is released.
The DEBOUNCE input provides a terminal connection for an
external user-selected RC circuit to eliminate false detection
of a keydown condition caused by keyboard noise. The oper-
ation of the DEBOUNCE circuit is shown in Figure 2 (Pin
36). When a valid keydown is detected, the on-chip active-
resistor device (RN) is enabled and the external capacitor
(CX) is discharged, providing a key closure debounce time ≅
RNCX. This discharge is sensed by the Schmitt-trigger
inverter, which clocks the DA flip-flop (latching the DA output
low and inhibiting the scan clock). (The DA F/F is reset by
the low-to-high transition of TPB when the CS inputs are
enabled). When a valid key-release is detected RN is dis-
abled and CX begins to charge through the external resistor
(RX), providing a key-release debounce time ≅ RXCX. This
charge time is again sensed by the Schmitt-trigger inverter,
enabling the scan clock to continue on the next high-to-low
transitions of TPB, after the current keycode data is read by
the CPU.
Dynamic Electrical Specifications At TA = -40 to +85oC, VDD ±5%, Unless Otherwise Specified
PARAMETER
VDD
(V)
LIMITS
UNITS
CDP1871AD, CDP1871AE
CDP1871ACD, CDP1871ACE
MIN
(NOTE 1)
TYP
MAX
MIN
(NOTE 1)
TYP
MAX
Clock Cycle Time
tCC
5
-
-
-
-
-
-
Note 2
10
-
-
-
-
-
-
Note 2
Clock Pulse Width High
tCWH
5
100
40
-
100
40
-
ns
10
50
20
-
-
-
-
ns
Data Available Valid Delay
tDAL
5
-
260
500
-
260
500
ns
10
-
130
250
-
-
-
ns
Data Available Invalid Delay
tDAH
5
-
70
150
-
70
150
ns
10
-
35
75
-
-
-
ns
Scan Count Delay
(Non-Repeat)
tCD1
5
-
850
1900
-
850
1900
ns
10
-
425
950
-
-
-
ns
Data Out Valid Delay
tCDV
5
-
120
250
-
120
250
ns
10
-
60
125
-
-
-
ns
Data Out Hold Time
tCDH
5
-
100
200
-
100
200
ns
10
-
50
100
-
-
-
ns
Repeat Valid Delay
tRPL
5
-
150
400
-
150
400
ns
10
-
75
200
-
-
-
ns
Repeat Invalid Delay
tRPH
5
-
350
700
-
350
700
ns
10
-
170
350
-
-
-
ns
NOTES:
1. Typical values are for TA = +25
oC and nominal V
DD.
2. tCC = tCWH + tCWL
tCWL = tCD1 + KC
k = 0.9ns per pF
c = Keyboard capacitance (pF)
CDP1871A, CDP1871AC


Similar Part No. - CDP1871AC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1872 INTERSIL-CDP1872 Datasheet
32Kb / 6P
   High-Speed 8-Bit Input and Output Ports
March 1997
CDP1872C INTERSIL-CDP1872C Datasheet
32Kb / 6P
   High-Speed 8-Bit Input and Output Ports
March 1997
CDP1872CE INTERSIL-CDP1872CE Datasheet
32Kb / 6P
   High-Speed 8-Bit Input and Output Ports
March 1997
CDP1874C INTERSIL-CDP1874C Datasheet
32Kb / 6P
   High-Speed 8-Bit Input and Output Ports
March 1997
CDP1874CE INTERSIL-CDP1874CE Datasheet
32Kb / 6P
   High-Speed 8-Bit Input and Output Ports
March 1997
More results

Similar Description - CDP1871AC

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM83049 EMC-EM83049 Datasheet
96Kb / 17P
   KEYBOARD ENCODER
EM83050H EMC-EM83050H Datasheet
116Kb / 20P
   KEYBOARD ENCODER
EKK8301 EMC-EKK8301 Datasheet
566Kb / 30P
   Keyboard Encoder
EM83053A EMC-EM83053A Datasheet
210Kb / 24P
   KEYBOARD ENCODER
EM83055H EMC-EM83055H Datasheet
197Kb / 22P
   KEYBOARD ENCODER
logo
List of Unclassifed Man...
SC83053 ETC-SC83053 Datasheet
483Kb / 27P
   KEYBOARD ENCODER
AY-5-3600 ETC1-AY-5-3600 Datasheet
249Kb / 6P
   Keyboard Encoder
AY53600 ETC1-AY53600 Datasheet
249Kb / 6P
   Keyboard Encoder
logo
ELAN Microelectronics C...
EM83100A EMC-EM83100A Datasheet
147Kb / 6P
   RF KEYBOARD ENCODER
logo
Holtek Semiconductor In...
HT82K28A HOLTEK-HT82K28A Datasheet
143Kb / 20P
   Win98 Keyboard Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com