Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDP1855C Datasheet(PDF) 2 Page - Intersil Corporation

Part # CDP1855C
Description  8-Bit Programmable Multiply/Divide Unit
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1855C Datasheet(HTML) 2 Page - Intersil Corporation

  CDP1855C Datasheet HTML 1Page - Intersil Corporation CDP1855C Datasheet HTML 2Page - Intersil Corporation CDP1855C Datasheet HTML 3Page - Intersil Corporation CDP1855C Datasheet HTML 4Page - Intersil Corporation CDP1855C Datasheet HTML 5Page - Intersil Corporation CDP1855C Datasheet HTML 6Page - Intersil Corporation CDP1855C Datasheet HTML 7Page - Intersil Corporation CDP1855C Datasheet HTML 8Page - Intersil Corporation CDP1855C Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
4-48
Absolute Maximum Ratings
Thermal Information
DC Supply Voltage Range, (VDD)
(All voltage values referenced to VSS terminal)
CDP1855 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +11V
CDP1855C. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +7V
Input Voltage Range, All Inputs . . . . . . . . . . . . . -0.5V to VDD +0.5V
DC Input Current, Any One Input
. . . . . . . . . . . . . . . . . . . . . . . . .±10mA
Thermal Resistance (Typical)
θJA (oC/W) θJC (oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . .
55
N/A
SBDIP Package . . . . . . . . . . . . . . . . . .
50
12
Device Dissipation Per Output Transistor
For TA = Full Package-Temperature Range
(All Package Types) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100mW
Operating Temperature Range (TA) . . . . . . . . . . . . .-40
oC to +85oC
Storage Temperature Range (TSTg) . . . . . . . . . . . .-65
oC to +150oC
Lead Temperature (During Soldering)
At distance 1/16
± 1/32 In. (1.59 ± 0.79mm)
from case for 10s max . . . . . . . . . . . . . . . . . . . . . . . . . . . . +265oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Static Electrical Specifications At TA = -40 to +85oC, VDD ±10%, Unless Otherwise Specified
PARAMETER
CONDITIONS
LIMITS
UNITS
VO
(V)
VIN
(V)
VDD
(V)
CDP1855
CDP1855C
MIN
(NOTE1)
TYP
MAX
MIN
(NOTE1)
TYP
MAX
Quiescent Device
Current
IDD
-
0, 5
5
-
0.01
50
-
0.02
200
µA
-
0, 10
10
-
1
200
-
-
-
µA
Output Low Drive (Sink)
Current
IOL
0.4
0, 5
5
1.6
3.2
-
1.6
3.2
-
mA
0.5
0, 10
10
2.6
5.2
-
-
-
-
mA
Output High Drive
(Source) Current
IOH
4.6
0, 5
5
-1.15
-2.3
-
-1.15
-2.3
-
mA
9.5
0, 10
10
-2.6
-5.2
-
-
-
-
mA
Output Voltage Low Level
(Note 2)
VOL
-
0, 5
5
-
0
0.1
-
0
0.1
V
-
0, 10
10
-
0
0.1
-
-
-
V
Output Voltage High Level
(Note 2)
VOH
-
0, 5
5
4.9
5
-
4.9
5
-
V
-
0, 10
10
9.9
10
-
-
-
-
V
Input Low Voltage
VIL
0.5, 4.5
-
5
-
-
1.5
-
-
1.5
V
0.5, 9.5
-
10
-
-
3
-
-
-
V
Input High Voltage
VIH
0.5, 4.5
-
5
3.5
-
-
3.5
-
-
V
0.5, 9.5
-
10
7
-
-
-
-
-
V
Input Leakage Current
IIN
-
0, 5
5
-
-
±1-
-
±1
µA
-
0, 10
10
-
-
±1-
-
-
µA
Three-State Output
Leakage Current
IOUT
0, 5
0, 5
5
-
-
±1-
-
±1
µA
0, 10
0, 10
10
-
-
±10
-
-
-
µA
Operating Current
(Note 3)
IDD1
-
0, 5
5
-
1.5
-
-
1.5
3
mA
-
0, 10
10
-
6
12
-
-
-
mA
Input Capacitance
CIN
-
-
-
-
5
7.5
-
5
7.5
pF
Output Capacitance
COUT
-
-
-
-
10
15
-
10
15
pF
NOTES:
1. Typical values are for TA = +25
oC and nominal V
DD.
2. IOL = IOH = 1µA
3. Operating current is measured at 3.2MHz with open outputs.
CDP1855, CDP1855C


Similar Part No. - CDP1855C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1855C INTERSIL-CDP1855C Datasheet
191Kb / 16P
   8-Bit Programmable Multiply/Divide Unit
CDP1855CD INTERSIL-CDP1855CD Datasheet
191Kb / 16P
   8-Bit Programmable Multiply/Divide Unit
CDP1855CDX INTERSIL-CDP1855CDX Datasheet
191Kb / 16P
   8-Bit Programmable Multiply/Divide Unit
CDP1855CE INTERSIL-CDP1855CE Datasheet
191Kb / 16P
   8-Bit Programmable Multiply/Divide Unit
CDP1855CEX INTERSIL-CDP1855CEX Datasheet
191Kb / 16P
   8-Bit Programmable Multiply/Divide Unit
More results

Similar Description - CDP1855C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1855 INTERSIL-CDP1855_1 Datasheet
191Kb / 16P
   8-Bit Programmable Multiply/Divide Unit
logo
Zilog, Inc.
Z86C9320PSC ZILOG-Z86C9320PSC Datasheet
1Mb / 47P
   MULTIPLY/DIVIDE MICROCONTROLLER
logo
Cypress Semiconductor
CY8C36_1105 CYPRESS-CY8C36_1105 Datasheet
4Mb / 126P
   Programmable System-on-Chip (PSoC) Multiply and divide instructions
CY8C38_1105 CYPRESS-CY8C38_1105 Datasheet
4Mb / 130P
   Programmable System-on-Chip (PSoC) Multiply and divide instructions
logo
National Semiconductor ...
COP888FH NSC-COP888FH Datasheet
507Kb / 49P
   8-Bit CMOS ROM Based Microcontrollers with 12k Memory, Comparators, USART and Hardware Multiply/Divide
logo
Hitachi Semiconductor
HD14522B HITACHI-HD14522B Datasheet
104Kb / 7P
   Programmable Divide-by-N 4-bit Counter
logo
Frequency Devices, Inc.
858 FREQUENCYDEVICES-858 Datasheet
524Kb / 19P
   8-Bit Programmable
logo
NXP Semiconductors
MC146805E2 NXP-MC146805E2 Datasheet
10Mb / 36P
   8-BIT MICROPROCESSOR UNIT
MC68HC05T1 NXP-MC68HC05T1 Datasheet
3Mb / 40P
   8-Bit Microcomputer Unit
logo
Motorola, Inc
MC68HC05C9 MOTOROLA-MC68HC05C9 Datasheet
674Kb / 21P
   8-Bit Microcontroller Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com