Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8016 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8016
Description  Low Power, High Output Current xDSL Line Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8016 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8016_15 Datasheet HTML 3Page - Analog Devices AD8016_15 Datasheet HTML 4Page - Analog Devices AD8016_15 Datasheet HTML 5Page - Analog Devices AD8016_15 Datasheet HTML 6Page - Analog Devices AD8016_15 Datasheet HTML 7Page - Analog Devices AD8016_15 Datasheet HTML 8Page - Analog Devices AD8016_15 Datasheet HTML 9Page - Analog Devices AD8016_15 Datasheet HTML 10Page - Analog Devices AD8016_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
AD8016
Data Sheet
Rev. C | Page 6 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Figure 4. 24-Lead SOIC_W_BAT (RB-24)
Figure 5. 28-Lead TSSOP_EP (RE-28-1)
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
SOIC_W_BAT
TSSOP_EP
1
8
+V1
Positive Power Supply, Amp 1.
2
9
VOUT1
Output Signal, Amp 1.
3
VINN1
Negative Input Signal, Amp 1.
4
VINP1
Positive Input Signal, Amp1.
5 to 8, 17 to 20
AGND
Analog Ground.
9
18
PWDN0
Power-Down Input 0.
10
20
DGND
Digital Ground.
11
21
−V1
Negative Power Supply, Amp1.
12, 13
1 to 3, 12 to 17, 19,
25 to 28
NC
This pin is not connected internally (see Figure 4 and Figure 5).
14
22
−V2
−V Power Supply, Amp 2.
15
23
BIAS
Quiescent Current Adjust.
16
24
PWDN1
Power-Down Input 1.
21
VINP2
Positive Input Signal, Amp 2.
22
VINN2
Negative Input Signal, Amp 2.
23
6
VOUT2
Output Signal, Amp 2.
24
7
+V2
Positive Power Supply, Amp 2.
4
+VIN2
Positive Input Signal, Amp 2.
5
−VIN2
Negative Input Signal, Amp 2.
10
−VIN1
Negative Input Signal, Amp 1.
11
+VIN1
Positive Input Signal, Amp 1.
EP
EPAD
Exposed Pad. The exposed paddle is floating, not electrically connected internally.
+–
+–
+V1
+V2
1
2
3
4
24
23
22
21
5
6
7
8
9
16
10
15
11
14
12
13
NC = NO CONNECT
AD8016
TOP VIEW
(Not to Scale)
20
19
18
17
VOUT1
VINN1
VINP1
AGND
AGND
AGND
AGND
PWDN0
DGND
–V1
NC
VOUT2
VINN2
VINP2
AGND
AGND
AGND
AGND
PWDN1
BIAS
–V2
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
AD8016ARE
BIAS
–V2
PWDN1
NOTES
1. THE EXPOSED PADDLE IS FLOATING,
NOT ELECTRICALLY CONNECTED
INTERNALLY.
2. NC = NO CONNECT.
DGND
–V1
PWDN0
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
+VIN2
–VIN2
VOUT2
+V2
+V1
VOUT1
–VIN1
+VIN1
NC
NC
NC
TOP VIEW
(Not to Scale)


Similar Part No. - AD8016_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8016ARB AD-AD8016ARB Datasheet
569Kb / 20P
   Low Power, High Output Current xDSL Line Driver
REV. A
AD8016ARB AD-AD8016ARB Datasheet
369Kb / 20P
   Low Power, High Output Current xDSL Line Driver
REV. B
AD8016ARB-EVAL AD-AD8016ARB-EVAL Datasheet
569Kb / 20P
   Low Power, High Output Current xDSL Line Driver
REV. A
AD8016ARB-EVAL AD-AD8016ARB-EVAL Datasheet
369Kb / 20P
   Low Power, High Output Current xDSL Line Driver
REV. B
AD8016ARB-REEL AD-AD8016ARB-REEL Datasheet
569Kb / 20P
   Low Power, High Output Current xDSL Line Driver
REV. A
More results

Similar Description - AD8016_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8016 AD-AD8016 Datasheet
569Kb / 20P
   Low Power, High Output Current xDSL Line Driver
REV. A
AD8016 AD-AD8016_03 Datasheet
369Kb / 20P
   Low Power, High Output Current xDSL Line Driver
REV. B
logo
STMicroelectronics
STLC60133 STMICROELECTRONICS-STLC60133 Datasheet
91Kb / 9P
   XDSL LINE DRIVER
logo
Maxim Integrated Produc...
MAX4147 MAXIM-MAX4147 Datasheet
81Kb / 8P
   300MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 1; 11/96
MAX4142 MAXIM-MAX4142 Datasheet
120Kb / 12P
   250MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 0; 7/98
logo
Intersil Corporation
ISL1557IRZ INTERSIL-ISL1557IRZ Datasheet
110Kb / 2P
   xDSL Differential Line Driver
February 26, 2008
logo
Renesas Technology Corp
ISL1557 RENESAS-ISL1557 Datasheet
868Kb / 12P
   xDSL Differential Line Driver
logo
Intersil Corporation
ISL1556 INTERSIL-ISL1556 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
EL1517B INTERSIL-EL1517B Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1558 INTERSIL-ISL1558 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com