Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHMB300B12 Datasheet(PDF) 2 Page - National Instruments Corporation

Part # PHMB300B12
Description  IGBT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

PHMB300B12 Datasheet(HTML) 2 Page - National Instruments Corporation

  PHMB300B12_15 Datasheet HTML 1Page - National Instruments Corporation PHMB300B12_15 Datasheet HTML 2Page - National Instruments Corporation PHMB300B12_15 Datasheet HTML 3Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
日本インター株式会社
QS043-401M0053 (3/4)
PHMB300B12
02
46
8
10
0
100
200
300
400
500
600
Collector to Emitter Voltage VCE (V)
Fig.1- Output Characteristics (Typical)
TC=25℃
10V
9V
12V
15V
VGE=20V
8V
7V
04
8
12
16
20
0
2
4
6
8
10
12
14
16
Gate to Emitter Voltage VGE (V)
Fig.2- Collector to Emitter On Voltage
vs. Gate to Emitter Voltage (Typical)
TC=25℃
300A
IC=100A
600A
04
8
12
16
20
0
2
4
6
8
10
12
14
16
Gate to Emitter Voltage VGE (V)
Fig.3- Collector to Emitter On Voltage
vs. Gate to Emitter Voltage (Typical)
IC=150A
300A
600A
TC=125℃
0
2
4
6
8
10
12
14
16
0
400
800
1200
1600
2000
2400
0
100
200
300
400
500
600
700
800
Total Gate Charge Qg (nC)
Fig.4- Gate Charge vs. Collector to Emitter Voltage (Typical)
VCE=600V
400V
200V
RL=2Ω
TC=25℃
0.1
0.2
0.5
1
2
5
10
20
50
100
200
100
200
500
1000
2000
5000
10000
20000
50000
100000
Collector to Emitter Voltage VCE (V)
Fig.5- Capacitance vs. Collector to Emitter Voltage (Typical)
Cies
Coes
Cres
VGE=0V
f=1MHZ
TC=25℃
0
50
100
150
200
250
300
0
0.2
0.4
0.6
0.8
1
1.2
1.4
Collector Current IC (A)
Fig.6- Collector Current vs. Switching Time (Typical)
tOFF
tf
tr
tON
VCC=600V
RG=1.3 Ω
VGE=±15V
TC=25℃


Similar Part No. - PHMB300B12_15

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PHMB300B12 NIEC-PHMB300B12_1 Datasheet
191Kb / 3P
   300A 1200V
More results

Similar Description - PHMB300B12_15

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FZ1200R12KL4C EUPEC-FZ1200R12KL4C Datasheet
263Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
FZ1200R17KE3 EUPEC-FZ1200R17KE3 Datasheet
284Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
   IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
   IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
   IGBT-Module IGBT-modules
logo
Infineon Technologies A...
FF800R17KF6C-B2 INFINEON-FF800R17KF6C-B2 Datasheet
407Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
2012-09-27 revision:2.1
FP15R12W1T4_B11 INFINEON-FP15R12W1T4_B11 Datasheet
423Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
2009-10-19 revision:2.0
FP10R12W1T4_B11 INFINEON-FP10R12W1T4_B11 Datasheet
422Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
2009-10-19 revision: 2.0
logo
eupec GmbH
FZ1200R33KF2C EUPEC-FZ1200R33KF2C Datasheet
253Kb / 7P
   IGBT-Wechselrichter / IGBT-inverter
FP15R12KT3 EUPEC-FP15R12KT3 Datasheet
342Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
logo
Infineon Technologies A...
DF100R07W1H5FP_B54 INFINEON-DF100R07W1H5FP_B54 Datasheet
705Kb / 11P
   IGBT,Wechselrichter / IGBT,Inverter
V3.0 2017-04-06
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com