Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD1820-Q Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD1820-Q
Description  NPN Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1820-Q Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1820-Q Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD1820-Q Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
NPN Transistors
2SD1820
Features
Low Collector-to-Emitter Saturation Voltage
Complementary to 2SB1219
1 Base
2 Emitter
3 Collector
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
30
Collector - Emitter Voltage
VCEO
25
Emitter - Base Voltage
VEBO
5
Collector Current - Continuous
IC
0.5
Collector Current - Pulse
ICP
1
Collector Power Dissipation
PC
150
mW
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
V
A
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 μA, IE= 0
30
Collector- emitter breakdown voltage
VCEO
Ic= 2 mA, IB= 0
25
Emitter - base breakdown voltage
VEBO
IE= 100μA, IC= 0
5
Collector-base cut-off current
ICBO
VCB= 25 V , IE= 0
0.1
Emitter cut-off current
IEBO
VEB= 5V , IC=0
0.1
Collector-emitter saturation voltage
VCE(sat) IC=300mA, IB=30mA
0.35
0.6
Base - emitter saturation voltage
VBE(sat) IC=300mA, IB=30mA
1.2
hFE(1)
VCE= 10V, IC= 150mA
85
340
hFE(2)
VCE= 10V, IC= 500 mA
40
Collector output capacitance
Cob
VCB= 10V, IE= 0,f=1MHz
6
15
pF
Transition frequency
fT
VCE= 10V, IE= -50 mA,f=200MHz
200
MHz
DC current gain
V
V
uA
Classification of hfe(1)
Type
2SD1820 -Q
2SD1820 -R
2SD1820 -S
Range
85-175
120-240
170-340
Marking
WQ
WR
WS


Similar Part No. - 2SD1820-Q

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1820 PANASONIC-2SD1820 Datasheet
62Kb / 2P
   Silicon PNP epitaxial planer type
2SD1820 PANASONIC-2SD1820 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type
logo
Guangdong Kexin Industr...
2SD1820 KEXIN-2SD1820 Datasheet
45Kb / 1P
   Silicon NPN Epitaxial Planar Type
logo
Panasonic Semiconductor
2SD1820A PANASONIC-2SD1820A Datasheet
62Kb / 2P
   Silicon PNP epitaxial planer type
2SD1820A PANASONIC-2SD1820A Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type
More results

Similar Description - 2SD1820-Q

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com