Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74HC22106 Datasheet(PDF) 7 Page - Intersil Corporation

Part # CD74HC22106
Description  QMOS 8 x 8 x 1 Crosspoint Switches with Memory Control
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD74HC22106 Datasheet(HTML) 7 Page - Intersil Corporation

  CD74HC22106 Datasheet HTML 1Page - Intersil Corporation CD74HC22106 Datasheet HTML 2Page - Intersil Corporation CD74HC22106 Datasheet HTML 3Page - Intersil Corporation CD74HC22106 Datasheet HTML 4Page - Intersil Corporation CD74HC22106 Datasheet HTML 5Page - Intersil Corporation CD74HC22106 Datasheet HTML 6Page - Intersil Corporation CD74HC22106 Datasheet HTML 7Page - Intersil Corporation CD74HC22106 Datasheet HTML 8Page - Intersil Corporation CD74HC22106 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
72
Test Circuits and Waveforms
FIGURE 1. PROPAGATION DELAY TIME TEST CIRCUIT AND WAVEFORMS (STROBE TO SIGNAL OUTPUT, SWITCH TURN-ON OR
TURN-0FF)
FIGURE 2. PROPAGATION DELAY TIME TEST CIRCUIT AND WAVEFORMS (DATA-IN TO SIGNAL OUTPUT, SWITCH TURN-ON TO HIGH
OR LOW LEVEL)
FIGURE 3. PROPAGATION DELAY TIME TEST CIRCUIT AND WAVEFORMS (ADDRESS TO SIGNAL OUTPUT, SWITCH TURN-ON OR
TURN-0FF)
SW
VIS
VOS
50pF
1k
VDD
DATA-IN
SW = ANY CROSSPOINT
STROBE
STROBE
VDD
DATA-IN
VOS
50%
90%
10%
tPZH
0
50%
VDD
VDD
0
0
tPHZ
SW
VIS
VOS
50pF
1k
VDD
DATA-IN
SW = ANY CROSSPOINT
STROBE = GND
SW
VIS
VOS
50pF
1k
VDD
VDD
DATA-IN
VDD
0
VOS
0
50%
10%
tPZH
VDD
DATA-IN
VDD
0
VOS
0
50%
90%
tPZL
DATA-IN
VOS2
ADDRESS
VOS1
SW
VIS
VOS1
50pF
1k
VDD
ADDRESS
SW = ANY CROSSPOINT
STROBE = GND
SW
VIS
VOS2
50pF
1k
VDD
ADDRESS
VDD
VDD
0
0
50%
90%
tPZH
0
0
VDD
VDD
10%
50%
50%
tH
tS
tPHZ
ADDRESS = “1”
ADDRESS = “0”
CD74HC22106


Similar Part No. - CD74HC22106

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC221 TI-CD74HC221 Datasheet
65Kb / 11P
[Old version datasheet]   High Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD74HC221 TI-CD74HC221 Datasheet
379Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD74HC221 TI-CD74HC221 Datasheet
450Kb / 22P
[Old version datasheet]   High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD74HC221 TI-CD74HC221 Datasheet
665Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD74HC221-W TI1-CD74HC221-W Datasheet
783Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic
More results

Similar Description - CD74HC22106

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M3494 STMICROELECTRONICS-M3494 Datasheet
463Kb / 11P
   CMOS 16 x 8 CROSSPOINT WITH CONTROL MEMORY
M22101 STMICROELECTRONICS-M22101 Datasheet
157Kb / 8P
   WITH CONTROL MEMORY 4 X 4 X 2 CROSSPOINT SWITCHES
logo
Analog Devices
AD8108 AD-AD8108 Datasheet
434Kb / 28P
   325 MHz, 8 x 8 Buffered Video Crosspoint Switches
REV. 0
logo
Intersil Corporation
CD22M3494 INTERSIL-CD22M3494 Datasheet
47Kb / 7P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100 Datasheet
265Kb / 13P
   4 X 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
Intersil Corporation
CD22M3493 INTERSIL-CD22M3493 Datasheet
37Kb / 6P
   12 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
CD22M3494MQZ96 INTERSIL-CD22M3494MQZ96 Datasheet
627Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
CD22M3494 INTERSIL-CD22M3494_06 Datasheet
556Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
logo
Renesas Technology Corp
CD22M3494 RENESAS-CD22M3494 Datasheet
546Kb / 10P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
logo
Texas Instruments
SN65LVCP408 TI1-SN65LVCP408_14 Datasheet
1Mb / 29P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com