Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CD54AC5343A Datasheet(PDF) 1 Page - Intersil Corporation

Part No. CD54AC5343A
Description  Octal D-Type Flip-Flop, Three-State Positive-Edge Triggered, Inverting
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD54AC5343A Datasheet(HTML) 1 Page - Intersil Corporation

  CD54AC5343A Datasheet HTML 1Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper I.C. Handling Procedures.
Copyright
© Harris Corporation 1994
1
SEMICONDUCT OR
CD54AC534/3A
CD54ACT534/3A
Octal D-Type Flip-Flop, Three-State
Positive-Edge Triggered, Inverting
Functional Diagram
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
CP
OE
D0
D1
D2
D3
D4
D5
D6
D7
GND = 10
VCC = 20
Description
The CD54AC534/3A and CD54ACT534/3A are octal D-type,
three-state, positive-edge triggered flip-flops that utilize the
Harris Advanced CMOS Logic technology. The eight flip-
flops enter data into their registers on the LOW-to-HIGH
transition of the clock (CP). The Output Enable (OE) controls
the three-state outputs and is independent of the register
operation. When the Output Enable (OE) is HIGH, the out-
puts are in the high-impedance state.
The CD54AC534/3A and CD54ACT534/3A are supplied in
20 lead dual-in-line ceramic packages (F suffix).
ACT INPUT LOAD TABLE
INPUT
UNIT LOAD (NOTE 1)
D, OE
0.7
CP
1.17
NOTE:
1. Unit load is
∆I
CC limit specified in DC Electrical Specifications
Table, e.g., 2.4mA Max at +25oC.
June 1997
File Number
3912
Absolute Maximum Ratings
DC Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +6V
DC Input Diode Current, IIK
For VI < -0.5V or VI > VCC + 0.5V . . . . . . . . . . . . . . . . . . . . . .±20mA
DC Output Diode Current, IOK
For VO < -0.5V or VO > VCC + 0.5V. . . . . . . . . . . . . . . . . . . . .±50mA
DC Output Source or Sink Current, Per Output Pin, IO
For VO > -0.5V or VO < VCC + 0.5V. . . . . . . . . . . . . . . . . . . . .±50mA
DC VCC or GND Current, ICC or IGND
For Up to 4 Outputs Per Device, Add
±25mA For Each
Additional Output
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±100mA
Power Dissipation Per Package, PD
TA = -55
oC to +100oC (Package F) . . . . . . . . . . . . . . . . . . 500mW
TA = +100
oC to +125oC (Package F) . . . . . . . . Derate Linearly at
8mW/oC to 300mW
Operating Temperature Range, TA
Package Type F . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to +125oC
Storage Temperature, TSTG . . . . . . . . . . . . . . . . . . -65
oC to +150oC
Lead Temperature (During Soldering)
At Distance 1/16in.
± 1/32in. (1.59mm ± 0.79mm)
From Case For 10s Max . . . . . . . . . . . . . . . . . . . . . . . . . . +265oC
Unit Inserted Into a PC Board (Min Thickness 1/16in., 1.59mm)
With Solder Contacting Lead Tips Only. . . . . . . . . . . . . . . +300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Recommended Operating Conditions
Supply Voltage Range, VCC
Unless Otherwise Specified, All Voltages Referenced to GND
TA = Full Package Temperature Range
CD54AC Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.5V to 5.5V
CD54ACT Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4.5V to 5.5V
DC Input or Output Voltage, VI, VO. . . . . . . . . . . . . . . . . . 0V to VCC
Operating Temperature, TA . . . . . . . . . . . . . . . . . . . -55
oC to +125oC
Input Rise and Fall Slew Rate, dt/dv
at 1.5V to 3V (AC Types) . . . . . . . . . . . . . . . . . . . 0ns/V to 50ns/V
at 3.6V to 5.5V (AC Types) . . . . . . . . . . . . . . . . . 0ns/V to 20ns/V
at 4.5V to 5.5V (AC Types) . . . . . . . . . . . . . . . . . 0ns/V to 10ns/V
COMING SOON!
COMPLETE DATA SHEET


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn