Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF800-G Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SF800-G
Description  Intelligent SMS Server
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SF800-G Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SF800-G Datasheet HTML 1Page - List of Unclassifed Manufacturers SF800-G Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Services & Warranty
Multi-Tech’s comprehensive Support
Services programs offer a full array of
options to suit your specific needs. These
services are aimed at protecting your
investment, extending the life of your
solution or product, and reducing total
cost of ownership. Our seasoned technical
experts, with an average tenure of more
than 10 years, can walk you through smooth
installations, troubleshoot issues and help
you with configurations. Products include a
2-year warranty that can be extended up to
5 years via Multi-Tech’s Extended Warranty
program, which offers the convenience of
Overnight Service* for optimal uptime.
Extended Warranty & Overnight
Services
To give you peace-of-mind and protect your
investment, our Extended Warranty Service
Plans ensure your Multi-Tech products are
covered for 1, 2, or 3 years beyond the
manufacturer’s warranty with an optional
Overnight Service plan*.
Installation Support
Multi-Tech’s Installation Support Service
delivers priority service with the ability to
work one-on-one with an experienced
Multi-Tech technical support engineer, to
guide you through the installation process
for our products.
Technical Support Services
At Multi-Tech, we’re committed to
providing you personalized attention and
quality service while providing you a quick
response to your product support needs.
We have several options of support for you
to choose from.
For additional information on Support
Services as well as other service
offerings, please contact your Multi-Tech
representative or visit
www.multitech.com/support.go.
* Overnight replacement service is currently
available for U.S. customers.
World Headquarters
Multi-Tech Systems, Inc.
2205 Woodale Drive
Mounds View, MN 55112 U.S.A.
Tel: 763-785-3500
Toll-Free: 800-328-9717
Email: sales@multitech.com
www.multitech.com
EMEA Headquarters
Multi-Tech Systems (EMEA)
Unit 1, Thames Court
2 Richfield Avenue
Reading, Berkshire RG1 8EQ
United Kingdom
Tel: +(44) 118 959 7774
Email: sales@multitech.co.uk
Services & Warranty
Multi-Tech’s comprehensive Support
Services programs offer a full array of
options to suit your specific needs. These
services are aimed at protecting your
investment, extending the life of your
solution or product, and reducing total
cost of ownership. Our seasoned technical
experts, with an average tenure of more
than 10 years, can walk you through smooth
installations, troubleshoot issues and help
you with configurations. Products include a
2-year warranty that can be extended up to
5 years via Multi-Tech’s Extended Warranty
program, which offers the convenience of
Overnight Service* for optimal uptime.
Extended Warranty & Overnight
Services
To give you peace-of-mind and protect your
investment, our Extended Warranty Service
Plans ensure your Multi-Tech products are
covered for 1, 2, or 3 years beyond the
manufacturer’s warranty with an optional
Overnight Service plan*.
Installation Support
Multi-Tech’s Installation Support Service
delivers priority service with the ability to
work one-on-one with an experienced
Multi-Tech technical support engineer, to
guide you through the installation process
for our products.
Technical Support Services
At Multi-Tech, we’re committed to
providing you personalized attention and
quality service while providing you a quick
response to your product support needs.
We have several options of support for you
to choose from.
For additional information on Support
Services as well as other service
offerings, please contact your Multi-Tech
representative or visit
www.multitech.com/support.go.
* Overnight replacement service is currently
available for U.S. customers.
World Headquarters
Multi-Tech Systems, Inc.
2205 Woodale Drive
Mounds View, MN 55112 U.S.A.
Tel: 763-785-3500
Toll-Free: 800-328-9717
Email: sales@multitech.com
www.multitech.com
EMEA Headquarters
Multi-Tech Systems (EMEA)
Unit 1, Thames Court
2 Richfield Avenue
Reading, Berkshire RG1 8EQ
United Kingdom
Tel: +(44) 118 959 7774
Email: sales@multitech.co.uk
Specifications
Hardware Interface
Modem
SIM Connector
Antenna Connector
Physical Description
Operating Environment
Certifications
Specifications
Hardware Interface
Modem
SIM Connector
Antenna Connector
Physical Description
Operating Environment
Certifications
Ordering Information
Product
Description
Region
SF100-G
1-Port Intelligent SMS Server (includes North American power cord)
US
SF100-G-EU
1-Port Intelligent SMS Server (includes European power cord)
Euro
SF100-G-GB/IE
1-Port Intelligent SMS Server (includes Great Britan power cord)
GB/IE
SF400-G
4-Port Intelligent SMS Server (includes North American power cord)
US
SF400-G-EU
4-Port Intelligent SMS Server (includes European power cord)
Euro
SF400-G-GB/IE
4-Port Intelligent SMS Server (includes Great Britan power cord)
GB/IE
SF800-G
8-Port Intelligent SMS Server (includes North American power cord)
US
SF800-G-EU
8-Port Intelligent SMS Server (includes European power cord)
Euro
SF800-G-GB/IE
8-Port Intelligent SMS Server (includes Great Britan power cord)
GB/IE
Specify country when ordering.


Similar Part No. - SF800-G

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
SF800 LSTD-SF800 Datasheet
298Kb / 2P
   Exceptionally low thermal resistance
More results

Similar Description - SF800-G

ManufacturerPart #DatasheetDescription
logo
NEC
SV9500 NEC-SV9500 Datasheet
1Mb / 2P
   COMMUNICATIONS SERVER
logo
EnOcean GmbH.
38200-400 ENOCEAN-38200-400 Datasheet
307Kb / 2P
   Net Server
003-0526-01A rev 09/2022
logo
NEC
SV9100 NEC-SV9100 Datasheet
494Kb / 2P
   COMMUNICATIONS SERVER
logo
EnOcean GmbH.
72201R-240 ENOCEAN-72201R-240 Datasheet
665Kb / 2P
   Edge Server
2022
logo
List of Unclassifed Man...
COBOX-DR1-MB ETC-COBOX-DR1-MB Datasheet
273Kb / 44P
   Device Server
logo
NEC
SV9300 NEC-SV9300 Datasheet
551Kb / 2P
   COMMUNICATIONS SERVER
logo
Mitsubishi Electric Sem...
PS51277-A MITSUBISHI-PS51277-A Datasheet
55Kb / 6P
   Intelligent Power Intelligent Power Module
logo
rfsolutions.ltd
DS-C2O-3 RFSOLUTIONS-DS-C2O-3 Datasheet
2Mb / 8P
   Easy to Configure using SMS commands.
logo
PHOENIX CONTACT
2917189 PHOENIX-2917189 Datasheet
55Kb / 3P
   Control cabinet - RAD-SYS-NEMA4X-SMS
logo
Red Lion Controls. Inc
ESERV-M12T REDLION-ESERV-M12T Datasheet
1Mb / 4P
   Modbus Gateways Server
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com