Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL705AEH Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL705AEH
Description  Rad-Hard, 5.0V/3.3V u-Processor Supervisory Circuits
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL705AEH Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL705AEH Datasheet HTML 5Page - Intersil Corporation ISL705AEH Datasheet HTML 6Page - Intersil Corporation ISL705AEH Datasheet HTML 7Page - Intersil Corporation ISL705AEH Datasheet HTML 8Page - Intersil Corporation ISL705AEH Datasheet HTML 9Page - Intersil Corporation ISL705AEH Datasheet HTML 10Page - Intersil Corporation ISL705AEH Datasheet HTML 11Page - Intersil Corporation ISL705AEH Datasheet HTML 12Page - Intersil Corporation ISL705AEH Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
ISL705AEH, ISL705BEH, ISL705CEH, ISL706AEH, ISL706BEH, ISL706CEH
9
FN8262.0
March 30, 2012
Post Radiation Characteristics Unless otherwise specified, VDD = 4.75V to 5.5V for the ISL705AEH/BEH/CEH, VDD = 3.15V to 3.6V
for the ISL706AEH/BEH/CEH TA = +25°C. This data is parameter deltas post radiation exposure at a rate of 50 to 300rad(Si)/s. This data is intended to
show typical parameter shifts due to high dose rate radiation. These are not limits nor are they guaranteed.
SYMBOL
PARAMETER
CONDITIONS
0 - 25kRad
0 - 50kRad
0 - 75kRad 0 - 100kRad
UNITS
POWER SUPPLY SECTION
IDD
Operating Supply Current
ISL705AEH/BEH/CEH
-2
-2.44
-3.86
-4.88
µA
ISL706AEH/BEH/CEH
-4.79
-7.47
-6.93
-8.88
µA
RESET SECTION
VRST
Reset Threshold Voltage
ISL705AEH/BEH/CEH
-8.1
-13.1
-17.5
-18.1
mV
ISL706AEH/BEH/CEH
-1
-3.25
-5.38
-7.25
mV
VHYS
Reset Threshold Voltage
Hysteresis
ISL705AEH/BEH/CEH
-3.75
-1.9
-5
-3.12
mV
ISL706AEH/BEH/CEH
0.375
0.25
0.625
0.625
mV
tRST
Reset Pulse Width
-2.13
-2.18
-2.39
-2.35
ms
WATCHDOG SECTION
tWD
Watchdog Time-Out Period
-56
-72
-81
-80
ms
MANUAL RESET SECTION
tMD
Manual Reset (MR) to Reset
Out Delay
ISL705AEH/BEH/CEH
0.028
0.146
0.274
0.368
ns
ISL706AEH/BEH/CEH
0.305
0.605
0.793
0.956
ns
THRESHOLD DETECTOR SECTION
VPFI
Power Fail Input (PFI) Input
Threshold Voltage
ISL705AEH/BEH/CEH
0.94
0.31
0
-0.62
mV
ISL706AEH/BEH/CEH
-1.56
-2.5
-2.5
-2.5
mV
tRPFI
PFI Rising Threshold
Crossing to PFO Delay
ISL705AEH/BEH/CEH
-0.026
-0.047
-0.085
-0.068
µs
ISL706AEH/BEH/CEH
0.028
-0.058
0.11
-0.11
µs
tFPFI
PFI Falling Threshold
Crossing to PFO Delay
ISL705AEH/BEH/CEH
-0.397
-0.77
-1.17
-2.88
µs
ISL706AEH/BEH/CEH
-0.35
-0.782
-1.516
-2.087
µs
Post Radiation Characteristics Unless otherwise specified, VDD = 4.75V to 5.5V for the ISL705AEH/BEH/CEH, VDD = 3.15V to 3.6V
for the ISL706AEH/BEH/CEH TA = +25°C. This data is typical mean test data post radiation exposure at a rate of <10mrad(Si)/s. This data is intended
to show typical parameter shifts due to low dose rate radiation. These are not limits nor are they guaranteed
FIGURE 14. ISL705xEH IDD vs LOW DOSE RATE RADIATION
FIGURE 15. ISL705xEH VRST vs LOW DOSE RATE RADIATION
krad(Si)
450
460
470
480
490
500
510
520
530
540
0
255075
100
125
150
BIASED
GROUNDED
krad(Si)
4.45
4.50
4.55
4.60
4.65
4.70
4.75
4.80
0
25
50
75
100
125
150
BIASED
GROUNDED


Similar Part No. - ISL705AEH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL705AEH INTERSIL-ISL705AEH Datasheet
1Mb / 19P
   Rad-Hard, 5.0V/3.3V 關-Processor Supervisory Circuits
ISL705AEHVF INTERSIL-ISL705AEHVF Datasheet
1Mb / 19P
   Rad-Hard, 5.0V/3.3V 關-Processor Supervisory Circuits
ISL705AEHVX INTERSIL-ISL705AEHVX Datasheet
1Mb / 19P
   Rad-Hard, 5.0V/3.3V 關-Processor Supervisory Circuits
More results

Similar Description - ISL705AEH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL705AEH INTERSIL-ISL705AEH Datasheet
1Mb / 19P
   Rad-Hard, 5.0V/3.3V 關-Processor Supervisory Circuits
ISL705ARH INTERSIL-ISL705ARH Datasheet
1Mb / 15P
   Rad-Hard, 5.0V/3.3V 關-Processor Supervisory Circuits
logo
Texas Instruments
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
logo
Texas Instruments
TPS3820- TI-TPS3820- Datasheet
217Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX-Q1 TI-TPS3820-XX-Q1 Datasheet
225Kb / 13P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33DBVR TI1-TPS3820-33DBVR Datasheet
837Kb / 20P
[Old version datasheet]   Processor Supervisory Circuits
TPS3820-33-Q1 TI1-TPS3820-33-Q1 Datasheet
280Kb / 15P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
ATMEL Corporation
AT697E ATMEL-AT697E_14 Datasheet
264Kb / 7P
   Rad-Hard 32-bit SPARC v8 Processor
AT697E ATMEL-AT697E Datasheet
227Kb / 16P
   Rad-Hard 32 bit SPARC V8 Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com