Electronic Components Datasheet Search |
|
FTLX6811MCC-XX Datasheet(PDF) 2 Page - Finisar Corporation. |
|
FTLX6811MCC-XX Datasheet(HTML) 2 Page - Finisar Corporation. |
2 / 16 page FTLX6811MCC and FTLX6814MCC T-XFP Product Specification – July 2011 F i n i s a r © Finisar Corporation 2011 1117598 Rev A03 Page 2 I. Pin Descriptions Pin Logic Symbol Name/Description Ref. 1 GND Module Ground 1 2 VEE5 Optional –5.2 Power Supply – Not used 3 LVTTL-I Mod-Desel Module De-select; When held low allows the module to respond to 2-wire serial interface commands 4 LVTTL-O Interrupt Interrupt (bar); Indicates presence of an important condition which can be read over the serial 2-wire interface 2 5 LVTTL-I TX_DIS Transmitter Disable; Transmitter laser source turned off 6 VCC5 +5 Power Supply 7 GND Module Ground 1 8 VCC3 +3.3V Power Supply 9 VCC3 +3.3V Power Supply 10 LVTTL-I SCL Serial 2-wire interface clock 2 11 LVTTL- I/O SDA Serial 2-wire interface data line 2 12 LVTTL-O Mod_Abs Module Absent; Indicates module is not present. Grounded in the module. 2 13 LVTTL-O Mod_NR Module Not Ready; Finisar defines it as a logical OR between RX_LOS and Loss of Lock in TX/RX. 2 14 LVTTL-O RX_LOS Receiver Loss of Signal indicator 2 15 GND Module Ground 1 16 GND Module Ground 1 17 CML-O RD- Receiver inverted data output 18 CML-O RD+ Receiver non-inverted data output 19 GND Module Ground 1 20 VCC2 +1.8V Power Supply – Not used 21 LVTTL-I P_Down/RST Power Down; When high, places the module in the low power stand-by mode and on the falling edge of P_Down initiates a module reset Reset; The falling edge initiates a complete reset of the module including the 2-wire serial interface, equivalent to a power cycle. 22 VCC2 +1.8V Power Supply – Not used 23 GND Module Ground 1 24 PECL-I RefCLK+ Reference Clock non-inverted input, AC coupled on the host board - Required 3 25 PECL-I RefCLK- Reference Clock inverted input, AC coupled on the host board - Recommended 3 26 GND Module Ground 1 27 GND Module Ground 1 28 CML-I TD- Transmitter inverted data input 29 CML-I TD+ Transmitter non-inverted data input 30 GND Module Ground 1 Notes: 1. Module circuit ground is isolated from module chassis ground within the module. 2. Open collector; should be pulled up with 4.7k – 10kohms on host board to a voltage between 3.15V and 3.6V. 3. Reference clock is single ended and requires a non-inverted input on PIN 24. Finisar recommends also using the inverted input on PIN 25 for noise considerations. Version not requiring Host board Reference Clock is also available upon request. |
Similar Part No. - FTLX6811MCC-XX |
|
Similar Description - FTLX6811MCC-XX |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |