Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLX6814MCC Datasheet(PDF) 11 Page - Finisar Corporation.

Part # FTLX6814MCC
Description  1600 ps/nm (80km) Tunable XFP Optical Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX6814MCC Datasheet(HTML) 11 Page - Finisar Corporation.

Back Button FTLX6814MCC Datasheet HTML 7Page - Finisar Corporation. FTLX6814MCC Datasheet HTML 8Page - Finisar Corporation. FTLX6814MCC Datasheet HTML 9Page - Finisar Corporation. FTLX6814MCC Datasheet HTML 10Page - Finisar Corporation. FTLX6814MCC Datasheet HTML 11Page - Finisar Corporation. FTLX6814MCC Datasheet HTML 12Page - Finisar Corporation. FTLX6814MCC Datasheet HTML 13Page - Finisar Corporation. FTLX6814MCC Datasheet HTML 14Page - Finisar Corporation. FTLX6814MCC Datasheet HTML 15Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
FTLX6811MCC and FTLX6814MCC T-XFP Product Specification – July 2011
F i n i s a r
© Finisar Corporation 2011
1117598 Rev A03
Page 11
Address
Bit
Name
Description
112 (MSB) &
113 (LSB)
All
Channel
Number Set
User input of channel number, which is an
integer 1 to N (N=Number of Channels)
114 (MSB) &
115 (LSB)
All
Frequency
Error
Frequency error reported in 16 bit
signed integer with LSB=0.1 GHz
116-117
All
Reserved
Reserved
The channel number is derived from the following equation using parameters found in
Module capabilities as listed in Byte Addresses 60-69:
Channel number = 1 + (Desired Frequency – First Frequency) / Grid Spacing
Alarm and Warning Threshold Values
Address
Parameter
Threshold
Values
UNITS
02-03
Temp High Alarm
78
C
04-05
Temp Low Alarm
-13
C
06-07
Temp High Warning
73
C
08-09
Temp Low Warning
-8
C
10-17
Reserved
18-19
Bias High Alarm
120
mA
20-21
Bias Low Alarm
10
mA
22-23
Bias High Warning
110
mA
24-25
Bias Low Warning
15
mA
26-27
TX Power High Alarm
+5
dBm
28-29
TX Power Low Alarm
-3
dBm
30-31
TX Power High Warning
+4
dBm
32-33
TX Power Low Warning
-2
dBm
34-35
RX Power High Alarm
-4
dBm
36-37
RX Power Low Alarm
-31
dBm
38-39
RX Power High Warning
-5
dBm
40-41
RX Power Low Warning
-25
dBm
42-43
AUX 1 High Alarm
57
C
44-45
AUX 1 Low Alarm
20
C
46-47
AUX 1 High Warning
54
C
48-49
AUX 1 Low Warning
25
C
50-51
AUX 2 High Alarm
3.564
V
52-53
AUX 2 Low Alarm
3.036
V
54-55
AUX 2 High Warning
3.465
V
56-57
AUX 2 Low Warning
3.135
V


Similar Part No. - FTLX6814MCC

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX6814MCC-XX FINISAR-FTLX6814MCC-XX Datasheet
359Kb / 16P
   1600 ps/nm (80km) Tunable XFP Optical Transceiver
More results

Similar Description - FTLX6814MCC

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX6811MCC FINISAR-FTLX6811MCC Datasheet
359Kb / 16P
   1600 ps/nm (80km) Tunable XFP Optical Transceiver
FTLX6824MCC FINISAR-FTLX6824MCC Datasheet
416Kb / 18P
   1600 ps/nm (80km) Gen2 Tunable XFP Optical Transceiver
FTLX6824MNC FINISAR-FTLX6824MNC Datasheet
414Kb / 17P
   1600 ps/nm (80km) E-temp Tunable XFP Optical Transceiver
FTLX6825MCC FINISAR-FTLX6825MCC Datasheet
414Kb / 17P
   1600 ps/nm (80km) High Optical Output Power Tunable XFP Optical Transceiver
FTLX6614MCC FINISAR-FTLX6614MCC Datasheet
354Kb / 16P
   800 ps/nm (40km) Tunable XFP Optical Transceiver
FTLX6611MCC FINISAR-FTLX6611MCC Datasheet
354Kb / 16P
   800 ps/nm (40km) Tunable XFP Optical Transceiver
FTLX6624MCC-XX FINISAR-FTLX6624MCC-XX Datasheet
435Kb / 17P
   /-800 ps/nm (40km) Gen2 Tunable XFP Optical Transceiver
FTLX4213X3XXXX FINISAR-FTLX4213X3XXXX Datasheet
622Kb / 14P
   3200 ps/nm (~200km) DWDM XFP Optical Transceiver
FTLX4213M3BCL FINISAR-FTLX4213M3BCL Datasheet
564Kb / 11P
   2400 ps/nm (~120km) TDM XFP Optical Transceiver
logo
Optoway Technology Inc
XPS-2380MWG OPTOWAY-XPS-2380MWG_09 Datasheet
242Kb / 9P
   80km / 1550 nm / 10G Multirate XFP Single-Mode Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com