Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLX6814MCC-XX Datasheet(PDF) 7 Page - Finisar Corporation.

Part # FTLX6814MCC-XX
Description  1600 ps/nm (80km) Tunable XFP Optical Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX6814MCC-XX Datasheet(HTML) 7 Page - Finisar Corporation.

Back Button FTLX6814MCC-XX Datasheet HTML 3Page - Finisar Corporation. FTLX6814MCC-XX Datasheet HTML 4Page - Finisar Corporation. FTLX6814MCC-XX Datasheet HTML 5Page - Finisar Corporation. FTLX6814MCC-XX Datasheet HTML 6Page - Finisar Corporation. FTLX6814MCC-XX Datasheet HTML 7Page - Finisar Corporation. FTLX6814MCC-XX Datasheet HTML 8Page - Finisar Corporation. FTLX6814MCC-XX Datasheet HTML 9Page - Finisar Corporation. FTLX6814MCC-XX Datasheet HTML 10Page - Finisar Corporation. FTLX6814MCC-XX Datasheet HTML 11Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
FTLX6811MCC and FTLX6814MCC T-XFP Product Specification – July 2011
F i n i s a r
© Finisar Corporation 2011
1117598 Rev A03
Page 7
Received Optical Power Monitor Accuracy (applicable measurement range defined from
-24dBm to -6dBm)
Initial accuracy at 25C:
+/- 1.5dB.
Relative accuracy over temperature, voltage and aging:
+/- 2dB.
Response timing:
Parameter
Min
Typ
Max
Units
Ref.
Tx_Dis
Assert
De-assert
10
2
us
ms
Rx_LOS
Asset
De-assert
100
100
us
us
Mod_NR
Asset
De-assert
1
1
ms
ms
Interrupt
Asset
De-assert
200
500
ms
us
P_Down/RST Time
10
us
P_Down/RST Asser Delay
100
us
Start-up time (Initialize time)
300
ms
1
1. Time required for transponder to be ready to begin I2C communication with host from a cold start
or a hardware reset condition.
VI.
Environmental Specifications
Finisar FTLX6811MCC and FTLX6814MCC XFP transceivers have an operating
temperature range from -5°C to +70°C case temperature.
Parameter
Symbol
Min
Typ
Max
Units
Ref.
Case Operating Temperature
Top
-5
70
°C
Storage Temperature
Tsto
-40
85
°C
VII.
Regulatory Compliance
Finisar Tunable XFP transceivers are Class 1 Laser Products and are certified per the
following standards:
Feature
Agency
Standard
Certificate
Number
Laser Eye
Safety
FDA/CDRH
CDRH 21 CFR 1040 and Laser Notice 50
9210176
Laser Eye
Safety
TÜV
EN 60825-1: 1994+A11:1996+A2:2001
IEC 60825-1: 1993+A1:1997+A2:2001
IEC 60825-2: 2000, Edition 2
R72101686
Electrical
Safety
TÜV
EN 60950
R72101686
Electrical
Safety
UL/CSA
CLASS 3862.07
CLASS 3862.87
2283290
(LR 115314)
Copies of the referenced certificates are available at Finisar Corporation upon request.


Similar Part No. - FTLX6814MCC-XX

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX6814MCC-XX FINISAR-FTLX6814MCC-XX Datasheet
359Kb / 16P
   1600 ps/nm (80km) Tunable XFP Optical Transceiver
More results

Similar Description - FTLX6814MCC-XX

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX6814MCC FINISAR-FTLX6814MCC Datasheet
359Kb / 16P
   1600 ps/nm (80km) Tunable XFP Optical Transceiver
FTLX6824MCC FINISAR-FTLX6824MCC Datasheet
416Kb / 18P
   1600 ps/nm (80km) Gen2 Tunable XFP Optical Transceiver
FTLX6824MNC FINISAR-FTLX6824MNC Datasheet
414Kb / 17P
   1600 ps/nm (80km) E-temp Tunable XFP Optical Transceiver
FTLX6825MCC FINISAR-FTLX6825MCC Datasheet
414Kb / 17P
   1600 ps/nm (80km) High Optical Output Power Tunable XFP Optical Transceiver
FTLX6614MCC FINISAR-FTLX6614MCC Datasheet
354Kb / 16P
   800 ps/nm (40km) Tunable XFP Optical Transceiver
FTLX6611MCC FINISAR-FTLX6611MCC Datasheet
354Kb / 16P
   800 ps/nm (40km) Tunable XFP Optical Transceiver
FTLX6624MCC-XX FINISAR-FTLX6624MCC-XX Datasheet
435Kb / 17P
   /-800 ps/nm (40km) Gen2 Tunable XFP Optical Transceiver
FTLX4213X3XXXX FINISAR-FTLX4213X3XXXX Datasheet
622Kb / 14P
   3200 ps/nm (~200km) DWDM XFP Optical Transceiver
FTLX4213M3BCL FINISAR-FTLX4213M3BCL Datasheet
564Kb / 11P
   2400 ps/nm (~120km) TDM XFP Optical Transceiver
logo
Optoway Technology Inc
XPS-2380MWG OPTOWAY-XPS-2380MWG_09 Datasheet
242Kb / 9P
   80km / 1550 nm / 10G Multirate XFP Single-Mode Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com