Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7923 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7923
Description  4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7923 Datasheet(HTML) 1 Page - Analog Devices

  AD7923_15 Datasheet HTML 1Page - Analog Devices AD7923_15 Datasheet HTML 2Page - Analog Devices AD7923_15 Datasheet HTML 3Page - Analog Devices AD7923_15 Datasheet HTML 4Page - Analog Devices AD7923_15 Datasheet HTML 5Page - Analog Devices AD7923_15 Datasheet HTML 6Page - Analog Devices AD7923_15 Datasheet HTML 7Page - Analog Devices AD7923_15 Datasheet HTML 8Page - Analog Devices AD7923_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
4-Channel, 200 kSPS 12-Bit ADC
with Sequencer in 16-Lead TSSOP
Data Sheet
AD7923
Rev. D
Document Feedback
InformationfurnishedbyAnalogDevicesisbelievedtobeaccurateandreliable.However,no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
licenseisgrantedbyimplicationorotherwiseunderanypatentorpatentrightsofAnalogDevices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2002–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Fast throughput rate: 200 kSPS
Specified for AVDD of 2.7 V to 5.25 V
Low power
3.6 mW max at 200 kSPS with 3 V supply
7.5 mW max at 200 kSPS with 5 V supply
4 (single-ended) inputs with sequencer
Wide input bandwidth
70 dB Min SNR at 50 kHz input frequency
Flexible power/serial clock speed management
No pipeline delays
High speed serial interface SPI
®-/QSPITM-/
MICROWIRETM-/DSP-compatible
Shutdown mode: 0.5 μA max
16-lead TSSOP package
Qualified for automotive applications
GENERAL DESCRIPTION
The AD7923 is a 12-bit, high speed, low power, 4-channel, suc-
cessive approximation (SAR) ADC. It operates from a single
2.7 V to 5.25 V power supply and features throughput rates up to
200 kSPS. It contains a low noise, wide bandwidth track-and-hold
amplifier that can handle input frequencies in excess of 8 MHz.
The conversion process and data acquisition are controlled by
CS and the serial clock, allowing the device to easily interface
with microprocessors or DSPs. The input signal is sampled on
the falling edge of CS; the conversion is also initiated at this
point.
The AD7923 uses advanced design techniques to achieve very
low power dissipation at maximum throughput rates. At
maximum throughput rates, it consumes 1.2 mA maximum
with 3 V supplies and 1.5 mA maximum with 5 V supplies.
Through the configuration of the control register, the analog
input range can be selected as 0 V to REFIN or 0 V to 2 × REFIN,
with either straight binary or twos complement output coding.
The AD7923 features four single-ended analog inputs with a
channel sequencer to allow a preprogrammed selection of
channels to be converted sequentially.
The conversion time for the AD7923 is determined by the serial
clock, SCLK, frequency, since this is used as the master clock to
control the conversion. The conversion time can be as short as
800 ns with a 20 MHz SCLK.
FUNCTIONAL BLOCK DIAGRAM
VIN3
T/H
I/P
MUX
SEQUENCER
CONTROL LOGIC
12-BIT
SUCCESSIVE
APPROXIMATION
ADC
GND
SCLK
DOUT
DIN
CS
VDRIVE
AVDD
AD7923
REFIN
VIN0
Figure 1.
PRODUCT HIGHLIGHTS
1.
High Throughput with Low Power Consumption.
The AD7923 offers up to 200 kSPS throughput rates. At the
maximum throughput rate with 3 V supplies, the AD7923
dissipates just 3.6 mW of power.
2.
Four Single-Ended Inputs with a Channel Sequencer.
3.
Single-Supply Operation with VDRIVE Function.
The VDRIVE function allows the serial interface to connect
directly to either 3 V or 5 V processor systems independent
of AVDD.
4.
Flexible Power/Serial Clock Speed Management.
The conversion rate is determined by the serial clock,
allowing the conversion time to be reduced through the
serial clock speed increase. The part also features various
shutdown modes to maximize power efficiency at lower
throughput rates. Current consumption is 0.5 μA
maximum when in full shutdown.
5.
No Pipeline Delay.
The part features a SAR ADC with accurate control of the
sampling instant via a CS input and once off conversion
control.


Similar Part No. - AD7923_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7923 AD-AD7923_11 Datasheet
380Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. C
AD7923 AD-AD7923_17 Datasheet
423Kb / 25P
   4-Channel, 200 kSPS 12-Bit ADC Sequencer in 16-Lead TSSOP
More results

Similar Description - AD7923_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7923 AD-AD7923 Datasheet
430Kb / 20P
   4-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. 0
AD7923 AD-AD7923_11 Datasheet
380Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. C
AD7923 AD-AD7923_17 Datasheet
423Kb / 25P
   4-Channel, 200 kSPS 12-Bit ADC Sequencer in 16-Lead TSSOP
AD7927 AD-AD7927_15 Datasheet
407Kb / 28P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. D
AD7927BRUZ AD-AD7927BRUZ Datasheet
485Kb / 28P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. C
AD7927 AD-AD7927 Datasheet
276Kb / 20P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
AD7927 AD-AD7927_17 Datasheet
485Kb / 29P
   8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
AD7490 AD-AD7490_15 Datasheet
950Kb / 29P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. D
AD7490 AD-AD7490 Datasheet
2Mb / 24P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. A
AD7490 AD-AD7490_12 Datasheet
673Kb / 28P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com