Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7899 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7899
Description  5 V Single Supply 14-Bit 400 kSPS ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7899 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7899_15 Datasheet HTML 7Page - Analog Devices AD7899_15 Datasheet HTML 8Page - Analog Devices AD7899_15 Datasheet HTML 9Page - Analog Devices AD7899_15 Datasheet HTML 10Page - Analog Devices AD7899_15 Datasheet HTML 11Page - Analog Devices AD7899_15 Datasheet HTML 12Page - Analog Devices AD7899_15 Datasheet HTML 13Page - Analog Devices AD7899_15 Datasheet HTML 14Page - Analog Devices AD7899_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REV. A
AD7899
–11–
EOC Mode
The
CONVST signal is normally high. Pulsing the CONVST low
will initiate a conversion on its rising edge. The state of the
CONVST signal is checked at the end of conversion. Since the
CONVST will be high when this happens the AD7899 BUSY/
EOC pin will take on its EOC function and bring the BUSY/EOC
line low for one clock period before returning high again. In this
mode the
EOC can be tied to the RD and CS signals to allow
automatic reading of the conversion result if required. The timing
diagram for operation in
EOC mode is shown in Figure 6.
BUSY Mode
The
CONVST signal is normally low. Pulsing the CONVST
high will initiate a conversion on its rising edge. The state of the
CONVST signal is checked at the end of conversion. Since the
CONVST will be low when this happens the AD7899 BUSY/
EOC pin will take on its BUSY function will bring BUSY/EOC
low, indicating that the conversion is complete. BUSY/
EOC will
remain low until the next rising edge of
CONVST where BUSY/
EOC returns high. The timing diagram for operation in BUSY
mode is shown in Figure 7.
Continuous Conversion Mode
When the AD7899 is used with an external clock, connecting
the CLKIN and
CONVST signals together will cause the AD7899
to continuously perform conversions. As each conversion com-
pletes the BUSY/
EOC pin will pulse low for one clock period
(
EOC function) indicating that the conversion result is available.
Figure 8 shows the timing and control sequence of the AD7899
in Continuous Conversion Mode.
Reading Data from the AD7899
Data is read from the part via a 14-bit parallel data bus with
standard
CS and RD signals. The CS and RD inputs are inter-
nally gated to enable the conversion result onto the data bus.
The data lines DB0 to DB13 leave their high impedance state
when both
CS and RD are logic low. Therefore CS may be
permanently tied logic low and the
RD signal used to access the
conversion result if required. Figures 6 and 7 show a timing
specification called “Quiet Time.” This is the amount of time
which should be left after a read operation and before the next
conversion is initiated. The quiet time depends heavily on data
bus capacitance but a figure of 50 ns to 100 ns is typical, with a
worst case figure of 150 ns.
t8
tEOC
t2
t1
t9
DATA
CONVST
BUSY/
EOC
RD
CS
QUIET
TIME
THREE-STATE
CLKIN
THREE-STATE
t3
t10
t4
t6
t7
tCONV
tACQ
t5
Figure 6. Conversion Sequence Timing Diagram (EOC Mode)
t8
t1
DATA
CONVST
BUSY/
EOC
RD
CS
CLKIN
THREE-STATE
THREE-STATE
QUIET
TIME
t10
t3
t6
tACQ
t5
t9
t4
t7
tCONV
Figure 7. Conversion Sequence Timing Diagram (BUSY Mode)


Similar Part No. - AD7899_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7899 AD-AD7899_17 Datasheet
274Kb / 17P
   5 V Single Supply 14-Bit 400 kSPS ADC
More results

Similar Description - AD7899_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7899BRZ-1 AD-AD7899BRZ-1 Datasheet
242Kb / 16P
   5 V Single Supply 14-Bit 400 kSPS ADC
REV. A
AD7899 AD-AD7899 Datasheet
242Kb / 16P
   5 V Single Supply 14-Bit 400 kSPS ADC
REV. A
AD7899 AD-AD7899_17 Datasheet
274Kb / 17P
   5 V Single Supply 14-Bit 400 kSPS ADC
AD7856 AD-AD7856_15 Datasheet
297Kb / 32P
   5 V Single Supply, 8-Channel 14-Bit 285 kSPS Sampling ADC
REV. A
AD7856 AD-AD7856_17 Datasheet
328Kb / 33P
   5 V Single Supply, 8-Channel 14-Bit 285 kSPS Sampling ADC
AD7856 AD-AD7856 Datasheet
294Kb / 32P
   5 V Single Supply, 8-Channel 14-Bit 285 kSPS Sampling ADC
REV. A
AD7858ARZ AD-AD7858ARZ Datasheet
306Kb / 32P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
REV. B
AD7858BRZ AD-AD7858BRZ Datasheet
306Kb / 32P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
REV. B
AD7858LARZ AD-AD7858LARZ Datasheet
306Kb / 32P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
REV. B
AD7858 AD-AD7858 Datasheet
315Kb / 32P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com